Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS5432 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS5432
Description  2.95V to 6V Input, 3A Output, 700kHz Synchronous Step Down Converter
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS5432 Datasheet(HTML) 4 Page - Texas Instruments

  TPS5432 Datasheet HTML 1Page - Texas Instruments TPS5432 Datasheet HTML 2Page - Texas Instruments TPS5432 Datasheet HTML 3Page - Texas Instruments TPS5432 Datasheet HTML 4Page - Texas Instruments TPS5432 Datasheet HTML 5Page - Texas Instruments TPS5432 Datasheet HTML 6Page - Texas Instruments TPS5432 Datasheet HTML 7Page - Texas Instruments TPS5432 Datasheet HTML 8Page - Texas Instruments TPS5432 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
TPS5432
SLVSB89 – MARCH 2012
www.ti.com
ELECTRICAL CHARACTERISTICS
The Electrical Ratings specified in this section apply to all specifications in this document, unless otherwise noted. These
specifications are interpreted as conditions that do not degrade the parametric or functional specifications of the device for the
life of the product containing it. Test Conditions: TJ = –40°C to 125°C, VIN = 2.95 to 6V, (unless otherwise noted)
PARAMETERS
CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY VOLTAGE
Vin
2.95
6
V
Iq shutdown
EN = 0V, 25°C, 2.95 V < Vin < 6 V
2
5
µA
Iq operating
No load, Vin = 5 V, no switching, Vsense = 1 V, 25°C
360
575
µA
VIN UVLO
Input UVLO threshold
Rising Vin
2.6
2.8
V
Input UVLO hysteresis
0.2
V
ENABLE
Enable threshold
Rising
0.984
1.23
1.47
V
Enable threshold
Falling
0.952
1.19
Enable threshold +50 mv
–4.6
Input current
µA
Enable threshold –50 mv
–1.2
VOLTAGE REFERENCE
2.95 V < Vin < 6 V, TJ = 25°C
0.792
0.808
0.824
V
Reference
2.95 V < Vin < 6 V, –20°C < TJ < +125°C
0.784
0.808
0.832
V
MOSFET
H.S switch resistance
BOOT-PH = 5 V, TJ = 25°C
62
86
m
Ω
L.S switch resistance
Vin = 5 V, TJ = 25°C
73
96
m
Ω
H.S switch resistance
BOOT-PH = 2.95 V, TJ = 25°C
88
114
m
Ω
L.S switch resistance
Vin = 2.95 V, TJ = 25°C
94
126
m
Ω
ERROR AMPLIFIER
Error amp transconductance (gm)
–2 µA < ICOMP < 2 µA, V(COMP) = 1 V
245
µmho
Error amp transconductance (gm) during soft start
–2 µA < ICOMP < 2 µA,V(COMP) = 1 V, Vsense = 0.3 V
70
µmho
Error amp source/sink
V(COMP) = 1 V, 100 mV overdrive
±20
µA
COMP to Iph gm
Vin = 5 V, Iph1 = (0.5 or 1A) and Iph2 = 3 A
15
A/V
FREQUENCY FOLDBACK vs. VSENSE
Vsense voltage for Fs foldback
50% frequency
0.4
V
Vsense voltage for Fs foldback
25% frequency
0.2
V
CURRENT LIMIT
I max High side FET
Vin = 3.3 V, duty cycle = 100%
3.8
5.7
7
A
I max Low side FET
1
2
A
THERMAL SHUTDOWN
Thermal Shutdown
155
170
C
OT Hysteresis
15
C
SWITCHING FREQUENCY
Switching frequency
520
700
880
kHz
PH (PH PIN)
Minimum on time
Vin = 5 V; Measured at 50% points on PH, Iout = 3 A
120
150
ns
Minimum off time
Prior to skipping off pulses, BOOT-PH = 2.95 V, Iout = 3 A
60
ns
Rise/Fall time
Vin = 5 V, Io = 0 A
1.5
V/ns
Rise/Fall time
Vin = 5 V, Io = 3 A
1.5
V/ns
BOOT
Boot recharge FET resistance
Vin = 5 V
15
Ω
Boot UVLO
Vin = 2.95 V
2.1
V
SLOW START TIME
Charge current
Vss = 0.4 V
2
μA
4
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Link(s): TPS5432


Similar Part No. - TPS5432

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54320 TI-TPS54320 Datasheet
1Mb / 39P
[Old version datasheet]   4.5V to 17V Input 3A Synchronous Step Down SWIFT Converter
TPS54320 TI-TPS54320 Datasheet
1Mb / 39P
[Old version datasheet]   4.5V to 17V Input, 3A Synchronous Step Down SWIFT Converter
TPS54320 TI-TPS54320 Datasheet
1Mb / 42P
[Old version datasheet]   TPS54320 4.5- to 17-V Input, 3-A Synchronous Step Down SWIFT??Converter
TPS54320RHL TI-TPS54320RHL Datasheet
1Mb / 39P
[Old version datasheet]   4.5V to 17V Input, 3A Synchronous Step Down SWIFT Converter
TPS54320RHLR TI-TPS54320RHLR Datasheet
1Mb / 39P
[Old version datasheet]   4.5V to 17V Input 3A Synchronous Step Down SWIFT Converter
More results

Similar Description - TPS5432

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS5432 TI-TPS5432_15 Datasheet
1Mb / 31P
[Old version datasheet]   2.95V to 6V Input, 3A Output, 700kHz Synchronous Step Down Converter
logo
Richtek Technology Corp...
RT8079 RICHTEK-RT8079 Datasheet
199Kb / 13P
   2.95V to 6V Input, 3A Output, 2MHz, Synchronous Step-Down Converter
logo
Texas Instruments
TPS54318 TI-TPS54318 Datasheet
1Mb / 36P
[Old version datasheet]   2.95V To 6V Input 3A Output 2MHz Synchronous Step Down Switcher With Integrated FETs (SWIFT)
TPS54318 TI-TPS54318_1 Datasheet
1Mb / 36P
[Old version datasheet]   2.95V To 6V Input, 3A Output, 2MHz, Synchronous Step Down Switcher With Integrated FETs ( SWIFT??
logo
Richtek Technology Corp...
RT7277 RICHTEK-RT7277 Datasheet
311Kb / 14P
   3A, 18V, 700kHz ACOTTM Synchronous Step-Down Converter
RT7275 RICHTEK-RT7275 Datasheet
357Kb / 24P
   3A, 18V, 700kHz ACOTTM Synchronous Step-Down Converter
RT7278 RICHTEK-RT7278 Datasheet
260Kb / 14P
   3A, 18V, 700kHz ACOTTM Synchronous Step-Down Converter
RT7266 RICHTEK-RT7266 Datasheet
205Kb / 13P
   3A, 18V, 700kHz ACOTTM Synchronous Step-Down Converter
RT5797B RICHTEK-RT5797B Datasheet
831Kb / 16P
   3A, 1MHz, 6V CMCOT Synchronous Step-Down Converter
April 2022
logo
Monolithic Power System...
MPM3830 MPS-MPM3830 Datasheet
1Mb / 17P
   6V Input, 3A Module Synchronous Step-Down Converter with Integrated Inductor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com