Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS5432DDA Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS5432DDA
Description  2.95V to 6V Input, 3A Output, 700kHz Synchronous Step Down Converter
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS5432DDA Datasheet(HTML) 1 Page - Texas Instruments

  TPS5432DDA Datasheet HTML 1Page - Texas Instruments TPS5432DDA Datasheet HTML 2Page - Texas Instruments TPS5432DDA Datasheet HTML 3Page - Texas Instruments TPS5432DDA Datasheet HTML 4Page - Texas Instruments TPS5432DDA Datasheet HTML 5Page - Texas Instruments TPS5432DDA Datasheet HTML 6Page - Texas Instruments TPS5432DDA Datasheet HTML 7Page - Texas Instruments TPS5432DDA Datasheet HTML 8Page - Texas Instruments TPS5432DDA Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
100
95
90
85
80
75
70
65
60
55
50
0
500
1000
1500
2000
2500
3000
Load Current - mA
Vin = 5 V, Vout = 1.2 V
Vin = 3.3 V, Vout = 1.2 V
Vin = 5 V, Vout = 1.8 V
Vin = 3.3 V, Vout = 1.8 V
Vin = 5 V, Vout = 3.3 V
PH
VIN
BOOT
VSENSE
COMP
TPS5432
EN
SS
INPUT
3-6 V
GND
Cin
10 F
10 V
m
Rc
4.99 kW
Cc
3.3 nF
Css
0.01 F
m
2
7
6
8
1
C
BOOT
0.1 F
10 V
m
L
3.3 H
O
m
C
22 Fx2
O
m
1.2 V@3 A
R1
10 kW
R2
20 kW
Cff
390 pF
3
5
4
TPS5432
www.ti.com
SLVSB89 – MARCH 2012
2.95V to 6V Input, 3A Output, 700kHz Synchronous Step Down Converter
Check for Samples: TPS5432
1
FEATURES
DESCRIPTION
The TPS5432 is a 6V, 3A, low Iq, current mode,
2
Two 70m
Ω (typical) MOSFETs for 3A
synchronous
monolithic
buck
converter
with
Continuous Output Current
integrated MOSFETs. The TPS5432 enables small
Current Mode Control With External
designs by integrating the MOSFETs, implementing
Compensation
current mode control to reduce external component
count, reducing inductor size by 700kHz switching
700kHz Switching Frequency
frequency. SOIC-8 package with exposed thermal
360µA no Load Quiescent Operating Current
pad provides both thermally enhanced solution and
(no switching)
easy to use.
0.808V Internal Voltage Reference
The TPS5432 provides accurate regulation for a
±2.0% Reference Accuracy at 25°C
variety of loads with an accurate 3.0% voltage
±3.0% Reference Accuracy Over Temperature
reference over temperature.
Range –20°C~125°C
Efficiency is maximized through the integrated 70m
Stable Operation With Ceramic Output
MOSFETs and 360
μA typical supply current. Using
Capacitor
the enable pin, shutdown supply current is reduced to
2 µA by entering a shutdown mode.
Adjustable Slow Start
Cycle by Cycle Current Limit, and Frequency
The output voltage startup ramp is controlled by the
Fold Back Protection
slow start pin. A ceramic capacitor at this pin can
easily adjust the slow start time.
Thermally Enhanced 8-Pin SOIC (DDA)
Package
Frequency fold back and thermal shutdown protects
the device during an over-current condition.
APPLICATIONS
Consumer Applications such as DTV, Set Top
Boxes, LCD displays, CPE
Low-Voltage Point-of-Load Regulations for
SoC, CPU, DSP
SIMPLIFIED SCHEMATIC
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
PowerPAD is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2012, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS5432DDA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54320 TI-TPS54320 Datasheet
1Mb / 39P
[Old version datasheet]   4.5V to 17V Input 3A Synchronous Step Down SWIFT Converter
TPS54320 TI-TPS54320 Datasheet
1Mb / 39P
[Old version datasheet]   4.5V to 17V Input, 3A Synchronous Step Down SWIFT Converter
TPS54320 TI-TPS54320 Datasheet
1Mb / 42P
[Old version datasheet]   TPS54320 4.5- to 17-V Input, 3-A Synchronous Step Down SWIFT??Converter
TPS54320RHL TI-TPS54320RHL Datasheet
1Mb / 39P
[Old version datasheet]   4.5V to 17V Input, 3A Synchronous Step Down SWIFT Converter
TPS54320RHLR TI-TPS54320RHLR Datasheet
1Mb / 39P
[Old version datasheet]   4.5V to 17V Input 3A Synchronous Step Down SWIFT Converter
More results

Similar Description - TPS5432DDA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS5432 TI-TPS5432_15 Datasheet
1Mb / 31P
[Old version datasheet]   2.95V to 6V Input, 3A Output, 700kHz Synchronous Step Down Converter
logo
Richtek Technology Corp...
RT8079 RICHTEK-RT8079 Datasheet
199Kb / 13P
   2.95V to 6V Input, 3A Output, 2MHz, Synchronous Step-Down Converter
logo
Texas Instruments
TPS54318 TI-TPS54318 Datasheet
1Mb / 36P
[Old version datasheet]   2.95V To 6V Input 3A Output 2MHz Synchronous Step Down Switcher With Integrated FETs (SWIFT)
TPS54318 TI-TPS54318_1 Datasheet
1Mb / 36P
[Old version datasheet]   2.95V To 6V Input, 3A Output, 2MHz, Synchronous Step Down Switcher With Integrated FETs ( SWIFT??
logo
Richtek Technology Corp...
RT7277 RICHTEK-RT7277 Datasheet
311Kb / 14P
   3A, 18V, 700kHz ACOTTM Synchronous Step-Down Converter
RT7275 RICHTEK-RT7275 Datasheet
357Kb / 24P
   3A, 18V, 700kHz ACOTTM Synchronous Step-Down Converter
RT7278 RICHTEK-RT7278 Datasheet
260Kb / 14P
   3A, 18V, 700kHz ACOTTM Synchronous Step-Down Converter
RT7266 RICHTEK-RT7266 Datasheet
205Kb / 13P
   3A, 18V, 700kHz ACOTTM Synchronous Step-Down Converter
RT5797B RICHTEK-RT5797B Datasheet
831Kb / 16P
   3A, 1MHz, 6V CMCOT Synchronous Step-Down Converter
April 2022
logo
Monolithic Power System...
MPM3830 MPS-MPM3830 Datasheet
1Mb / 17P
   6V Input, 3A Module Synchronous Step-Down Converter with Integrated Inductor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com