Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS22912AYZVR Datasheet(PDF) 4 Page - Texas Instruments

Part # TPS22912AYZVR
Description  Ultra-Small, Low on Resistance Load Switch with Controlled Turn-on
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS22912AYZVR Datasheet(HTML) 4 Page - Texas Instruments

  TPS22912AYZVR Datasheet HTML 1Page - Texas Instruments TPS22912AYZVR Datasheet HTML 2Page - Texas Instruments TPS22912AYZVR Datasheet HTML 3Page - Texas Instruments TPS22912AYZVR Datasheet HTML 4Page - Texas Instruments TPS22912AYZVR Datasheet HTML 5Page - Texas Instruments TPS22912AYZVR Datasheet HTML 6Page - Texas Instruments TPS22912AYZVR Datasheet HTML 7Page - Texas Instruments TPS22912AYZVR Datasheet HTML 8Page - Texas Instruments TPS22912AYZVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
TPS22912
SLVSB78 – APRIL 2012
www.ti.com
THERMAL INFORMATION
TPS22912
THERMAL METRIC(1)
CSP
UNITS
4 PINS
θJA
Junction-to-ambient thermal resistance
189.1
θJCtop
Junction-to-case (top) thermal resistance
1.9
θJB
Junction-to-board thermal resistance
36.8
°C/W
ψJT
Junction-to-top characterization parameter
11.3
ψJB
Junction-to-board characterization parameter
36.8
θJCbot
Junction-to-case (bottom) thermal resistance
N/A
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
RECOMMENDED OPERATING CONDITIONS
MIN
MAX
UNIT
VIN
Input voltage range
1.4
5.5
V
VON
ON voltage range
0
5.5
V
Output voltage range (Note: VOUT greater than VIN will cause the reverse current protection of this
VOUT
VIN
(1)
device to trigger. See application section.)
VIN = 3.61 V to 5.5 V
1.1
5.5
V
VIH
High-level input voltage, ON
VIN = 1.4 V to 3.6 V
1.1
5.5
V
VIN = 3.61 V to 5.5 V
0.6
V
VIL
Low-level input voltage, ON
VIN = 1.4 V to 3. 6V
0.4
V
CIN
Input Capacitor
1 (1)
µF
(1)
Refer to the application section.
4
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Link(s) :TPS22912


Similar Part No. - TPS22912AYZVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22910A TI1-TPS22910A Datasheet
729Kb / 20P
[Old version datasheet]   Ultra-Small, Low on Resistance Load Switch with Controlled Turn-on
TPS22910AYZVR TI1-TPS22910AYZVR Datasheet
729Kb / 20P
[Old version datasheet]   Ultra-Small, Low on Resistance Load Switch with Controlled Turn-on
TPS22910AYZVT TI1-TPS22910AYZVT Datasheet
729Kb / 20P
[Old version datasheet]   Ultra-Small, Low on Resistance Load Switch with Controlled Turn-on
TPS22913 TI1-TPS22913 Datasheet
864Kb / 22P
[Old version datasheet]   Ultra-Small, Low on Resistance Load Switch with Controlled Turn-on
TPS22913A TI1-TPS22913A Datasheet
864Kb / 22P
[Old version datasheet]   Ultra-Small, Low on Resistance Load Switch with Controlled Turn-on
More results

Similar Description - TPS22912AYZVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS22910A TI1-TPS22910A Datasheet
729Kb / 20P
[Old version datasheet]   Ultra-Small, Low on Resistance Load Switch with Controlled Turn-on
TPS22913 TI1-TPS22913 Datasheet
864Kb / 22P
[Old version datasheet]   Ultra-Small, Low on Resistance Load Switch with Controlled Turn-on
TPS22913B TI1-TPS22913B Datasheet
864Kb / 22P
[Old version datasheet]   Ultra-Small, Low on Resistance Load Switch with Controlled Turn-on
TPS22930 TI1-TPS22930_16 Datasheet
975Kb / 23P
[Old version datasheet]   Ultra Small, Low On-Resistance Load Switch With Controlled Turn-on
TPS22929D TI1-TPS22929D Datasheet
746Kb / 21P
[Old version datasheet]   Ultra-Small, Low on Resistance Load Switch with Controlled Turn-on
logo
Global Mixed-mode Techn...
G5016 GMT-G5016 Datasheet
107Kb / 1P
   Dual Ultra-Low On-Resistance Load Switch with Controlled Turn-On
logo
Advanced Power Electron...
APE8998A A-POWER-APE8998A Datasheet
702Kb / 8P
   ULTRA LOW ON RESISTANCE 3A LOAD SWITCH WITH CONTROLLED TURN ON
APE8937 A-POWER-APE8937_16 Datasheet
1Mb / 14P
   ULTRA LOW ON RESISTANCE 6A LOAD SWITCH WITH CONTROLLED TURN ON
APE8998B A-POWER-APE8998B_16 Datasheet
575Kb / 8P
   ULTRA LOW ON RESISTANCE 4A LOAD SWITCH WITH CONTROLLED TURN ON
APE8991A A-POWER-APE8991A Datasheet
1Mb / 11P
   ULTRA- LOW ON RESISTANCE, 4A LOAD SWITCH WITH CONTROLLED TURN-ON
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com