Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS53014DGS Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS53014DGS
Description  Single Synchronous Step-down Controller for Low Voltage Power Rails
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS53014DGS Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS53014DGS Datasheet HTML 6Page - Texas Instruments TPS53014DGS Datasheet HTML 7Page - Texas Instruments TPS53014DGS Datasheet HTML 8Page - Texas Instruments TPS53014DGS Datasheet HTML 9Page - Texas Instruments TPS53014DGS Datasheet HTML 10Page - Texas Instruments TPS53014DGS Datasheet HTML 11Page - Texas Instruments TPS53014DGS Datasheet HTML 12Page - Texas Instruments TPS53014DGS Datasheet HTML 13Page - Texas Instruments TPS53014DGS Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
0.750
0.755
0.760
0.765
0.770
0.775
0.780
0.785
0.790
0.795
0.800
−50
0
50
100
150
Ambient Temperature (°C)
IOUT = 50 mA
IOUT = 2 A
G007
1.00
1.01
1.02
1.03
1.04
1.05
1.06
1.07
1.08
1.09
1.10
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
Output Current (A)
VIN = 5 V
VIN = 12 V
VIN = 28 V
G008
0
100
200
300
400
500
600
0
5
10
15
20
25
30
Input Voltage (V)
VOUT = 1.05 V
VOUT = 1.8 V
VOUT = 3.3 V
IOUT = 3 A
G005
0.750
0.755
0.760
0.765
0.770
0.775
0.780
0.785
0.790
0.795
0.800
0
5
10
15
20
25
30
Input Voltage (V)
IOUT = 50 mA
IOUT = 2 A
G006
TPS53014
SLVSBF1 – MAY 2012
www.ti.com
TYPICAL CHARACTERISTICS (continued)
VIN = 12 V, TA= 25 °C (unless otherwise noted)
SWITCHING FREQUENCY
VFB VOLTAGE
vs
vs
INPUT VOLTAGE
INPUT VOLTAGE
Figure 5.
Figure 6.
VFB VOLTAGE
vs
AMBIENT TEMPERATURE
LOAD REGULATION
Figure 7.
Figure 8.
10
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Link(s) :TPS53014


Similar Part No. - TPS53014DGS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS53014 TI-TPS53014_15 Datasheet
857Kb / 21P
[Old version datasheet]   Single Synchronous Step-down Controller for Low Voltage Power Rails
More results

Similar Description - TPS53014DGS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS53014 TI-TPS53014_15 Datasheet
857Kb / 21P
[Old version datasheet]   Single Synchronous Step-down Controller for Low Voltage Power Rails
TPS53015 TI-TPS53015_15 Datasheet
855Kb / 22P
[Old version datasheet]   Single Synchronous Step-down Controller for Low Voltage Power Rails
TPS53114 TI-TPS53114 Datasheet
789Kb / 20P
[Old version datasheet]   SINGLE SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS53015 TI-TPS53015 Datasheet
864Kb / 21P
[Old version datasheet]   Single Synchronous Step-down Controller for Low Voltage Power Rails
TPS53114 TI-TPS53114_15 Datasheet
1Mb / 30P
[Old version datasheet]   TPS53114 Single Synchronous Step-down Controller for Low Voltage Power Rails
TPS53128 TI-TPS53128 Datasheet
788Kb / 29P
[Old version datasheet]   DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS53127 TI-TPS53127_1 Datasheet
843Kb / 29P
[Old version datasheet]   DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS51124 TI-TPS51124 Datasheet
1Mb / 22P
[Old version datasheet]   DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS53129 TI-TPS53129 Datasheet
761Kb / 29P
[Old version datasheet]   DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS53124 TI-TPS53124 Datasheet
719Kb / 22P
[Old version datasheet]   Dual Synchronous Step-Down Controller For Low-Voltage Power Rails
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com