Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS78236DDCR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS78236DDCR
Description  500nA, IQ 150mA, Ultra-Low Quiescent Current
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS78236DDCR Datasheet(HTML) 1 Page - Texas Instruments

  TPS78236DDCR Datasheet HTML 1Page - Texas Instruments TPS78236DDCR Datasheet HTML 2Page - Texas Instruments TPS78236DDCR Datasheet HTML 3Page - Texas Instruments TPS78236DDCR Datasheet HTML 4Page - Texas Instruments TPS78236DDCR Datasheet HTML 5Page - Texas Instruments TPS78236DDCR Datasheet HTML 6Page - Texas Instruments TPS78236DDCR Datasheet HTML 7Page - Texas Instruments TPS78236DDCR Datasheet HTML 8Page - Texas Instruments TPS78236DDCR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
TPS782xxDDC
TSOT23-5
(TOPVIEW)
OUT
GND
IN
GND
EN
1
2
3
5
4
TPS782xxDRV
2mmx2mmSON-6
(TOPVIEW)
IN
GND
EN
6
5
4
OUT
N/C
GND
1
2
3
Thermal
Pad
TPS782xx
www.ti.com
SBVS115B – AUGUST 2008 – REVISED MAY 2010
500nA, IQ 150mA, Ultra-Low Quiescent Current
Low-Dropout Linear Regulator
1
FEATURES
DESCRIPTION
2
Low IQ: 500nA
The TPS782 family of low-dropout regulators (LDOs)
offers the benefits of ultra-low power (IQ = 1mA), and
150mA, Low-Dropout Regulator
miniaturized packaging (2×2 SON).
Low-Dropout at +25°C, 130mV at 150mA
This LDO is designed specifically for battery-powered
Low-Dropout at +85°C, 175mV at 150mA
applications where ultra-low quiescent current is a
3% Accuracy Over Load/Line/Temperature
critical parameter. The TPS782, with ultra-low IQ
Available in Fixed Voltage Options (2.5V, 2.7V,
(1mA), is ideal for microprocessors, memory cards,
and 2.8V) Using Innovative Factory EEPROM
and smoke detectors.
Programming
The ultra-low power and miniaturized packaging allow
Stable with a 1.0mF Ceramic Capacitor
designers
to
customize
power
consumption
for
specific applications. Consult with your local factory
Thermal Shutdown and Overcurrent Protection
representative for exact voltage options and ordering
CMOS Logic Level-Compatible Enable Pin
information; minimum order quantities may apply.
Available in DDC (TSOT23-5) or DRV (2mm x
The TPS782 family is designed to be compatible with
2mm SON-6) Packages
the TI MSP430 and other similar products. The
enable pin (EN) is compatible with standard CMOS
APPLICATIONS
logic. This LDO is stable with any output capacitor
TI MSP430 Attach Applications
greater than 1.0mF. Therefore, this device requires
Power Rails with Programming Mode
minimal
board
space
because
of
miniaturized
packaging and a potentially small output capacitor.
Wireless Handsets, Smartphones, PDAs, MP3
The TPS782 series also features thermal shutdown
Players, and Other Battery-Operated Handheld
and current limit to protect the device during fault
Products
conditions.
All
packages
have
an
operating
temperature range of TJ = –40°C to +125°C. For
high-performance
applications
that
require
a
dual-level
voltage
option,
consider
the
TPS780
series, with an IQ of 500nA and dynamic voltage
scaling.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2008–2010, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS78236DDCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS78236DDCR TI1-TPS78236DDCR Datasheet
853Kb / 25P
[Old version datasheet]   500nA, IQ 150mA, Ultra-Low Quiescent Current Low-Dropout Linear Regulator
TPS78236DDCR TI1-TPS78236DDCR Datasheet
1Mb / 29P
[Old version datasheet]   500-nA IQ,150-mA, Ultra-Low Quiescent Current Low-Dropout Linear Regulator
More results

Similar Description - TPS78236DDCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS78218 TI1-TPS78218 Datasheet
853Kb / 25P
[Old version datasheet]   500nA, IQ 150mA, Ultra-Low Quiescent Current Low-Dropout Linear Regulator
TPS783XX TI-TPS783XX Datasheet
338Kb / 15P
[Old version datasheet]   500nA IQ, 150mA, Ultra-Low Quiescent Current Low-Dropout Linear Regulator
TPS78330 TI1-TPS78330 Datasheet
504Kb / 17P
[Old version datasheet]   500nA IQ, 150mA, Ultra-Low Quiescent Current Low-Dropout Linear Regulator
TPS783XX TI-TPS783XX_10 Datasheet
504Kb / 17P
[Old version datasheet]   500nA IQ, 150mA, Ultra-Low Quiescent Current Low-Dropout Linear Regulator
TPS782XX TI-TPS782XX Datasheet
629Kb / 18P
[Old version datasheet]   150mA, Ultra-Low Quiescent Current, IQ 1mA Low-Dropout Linear Regulator
TPS78223 TI-TPS78223 Datasheet
743Kb / 20P
[Old version datasheet]   150mA, Ultra-Low Quiescent Current, IQ 1mA Low-Dropout Linear Regulator
LM9076 TI1-LM9076 Datasheet
1Mb / 20P
[Old version datasheet]   150mA Ultra-Low Quiescent Current LDO Regulator
logo
Diodes Incorporated
AP7350 DIODES-AP7350 Datasheet
1Mb / 13P
   150mA ULTRA-LOW QUIESCENT CURRENT LDO with ENABLE
March 2020
AP7354 DIODES-AP7354 Datasheet
1Mb / 18P
   150mA ULTRA-LOW QUIESCENT CURRENT LDO WITH ENABLE
March 2020
AP7351D DIODES-AP7351D Datasheet
1Mb / 18P
   150mA ULTRA-LOW QUIESCENT CURRENT LDO WITH ENABLE
24 November 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com