Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS61187RTJT Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61187RTJT
Description  WLED Driver for Notebooks with PWM Interface and Auto Phase Shift
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61187RTJT Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS61187RTJT Datasheet HTML 5Page - Texas Instruments TPS61187RTJT Datasheet HTML 6Page - Texas Instruments TPS61187RTJT Datasheet HTML 7Page - Texas Instruments TPS61187RTJT Datasheet HTML 8Page - Texas Instruments TPS61187RTJT Datasheet HTML 9Page - Texas Instruments TPS61187RTJT Datasheet HTML 10Page - Texas Instruments TPS61187RTJT Datasheet HTML 11Page - Texas Instruments TPS61187RTJT Datasheet HTML 12Page - Texas Instruments TPS61187RTJT Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
L
Diode
VIN
Slope
Compensation
S
S
R
Q
Oscillator
Vref
IFB1
PWM
Error
Amp
Comp
SW
IFB2
IFB3
IFB4
IFB5
IFB6
M
U
X
EA
R3
FSLCT
A
D
PWMSignal
Generator
CurrentMirror
R1
RISETH
R2
RFPWM
/ MODE
Maximum
LEDcurrent
EN
VIN
Linear
Regulator
VDDIO
C2
0.1uF
CurrentSink
CurrentSink
CurrentSink
CurrentSink
CurrentSink
CurrentSink
Phase
Shift
PWM
/
Direct
PWM
Dimming
Control
C3
4.7uF
R4
R5
OVP
Protection
PGND
IFB1
IFB2
IFB3
IFB4
IFB5
IFB6
AGND
EN
Shutdown
C1
2.2uF
OUTPUT
OVC
19
1
14
15
3
4
13
20
2
12
9
11
10
8
7
6
Duty
control
Signal
OCP
Protection
TSD
Protection
Open / Short
LED
IFBnouse
oscillator
Frequency /
dutydecoding
circuit
16
NC
17
Optional
R6
FAULT
Fault
Protection
Fault
Condition
5
R7
RFPO
VDD_GPIO
18
C4
OVC
Vref
PWMSignal
Generator
/
MODE
selection
DirectPWM
Optional
Selection
Logic
TPS61187
www.ti.com
SLVSA85D – JUNE 2010 – REVISED FEBRUARY 2012
FUNCTIONAL BLOCK DIAGRAM
Copyright © 2010–2012, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): TPS61187


Similar Part No. - TPS61187RTJT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61180 TI-TPS61180 Datasheet
854Kb / 26P
[Old version datasheet]   WLED DRIVER FOR NOTEBOOK DISPLAY
TPS61180 TI1-TPS61180 Datasheet
1Mb / 28P
[Old version datasheet]   WLED DRIVER FOR NOTEBOOK DISPLAY
TPS61180RTE TI-TPS61180RTE Datasheet
854Kb / 26P
[Old version datasheet]   WLED DRIVER FOR NOTEBOOK DISPLAY
TPS61180RTE TI1-TPS61180RTE Datasheet
1Mb / 28P
[Old version datasheet]   WLED DRIVER FOR NOTEBOOK DISPLAY
TPS61180RTER TI-TPS61180RTER Datasheet
854Kb / 26P
[Old version datasheet]   WLED DRIVER FOR NOTEBOOK DISPLAY
More results

Similar Description - TPS61187RTJT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61185 TI-TPS61185 Datasheet
797Kb / 26P
[Old version datasheet]   WLED Driver for Notebooks with PWM Control Interface
TPS61183 TI-TPS61183_10 Datasheet
1Mb / 25P
[Old version datasheet]   WLED Driver for Notebooks with PWM Interface and Programmable PWM Dimming
TPS61177A TI1-TPS61177A Datasheet
2Mb / 40P
[Old version datasheet]   WLED Driver for Notebooks
TPS61195 TI-TPS61195_1 Datasheet
891Kb / 29P
[Old version datasheet]   TPS61195 WLED Driver for LCD Backlighting With PWM and SMBus Control Interface
TPS61195 TI-TPS61195 Datasheet
722Kb / 27P
[Old version datasheet]   TPS61195 WLED Driver for LCD Backlighting With PWM and SMBus Control Interface
logo
Richtek Technology Corp...
RT9396 RICHTEK-RT9396 Datasheet
376Kb / 17P
   I2C Interface PMIC with 6-Channel WLED Driver and 4-LDO
logo
Micrel Semiconductor
MIC2860_P MICREL-MIC2860_P Datasheet
518Kb / 12P
   High Efficiency 2 Channel WLED Driver with PWM Control
logo
Infineon Technologies A...
TLE9871QXA20 INFINEON-TLE9871QXA20_17 Datasheet
4Mb / 126P
   Microcontroller with PWM Interface and BLDC MOSFET Driver for Automotive Applications
Rev. 1.0, 2017-03-03
TLE9871QXA20 INFINEON-TLE9871QXA20_15 Datasheet
4Mb / 122P
   Microcontroller with PWM Interface and BLDC MOSFET Driver for Automotive Applications
Rev. 1.0, 2015-04-30
logo
Renesas Technology Corp
ISL97673 RENESAS-ISL97673 Datasheet
1Mb / 28P
   6-Channel SMBus or PWM Dimming LED Driver with Phase Shift Control
Sep 19, 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com