Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS61254YFF Datasheet(PDF) 1 Page - Texas Instruments

Part # TPS61254YFF
Description  3.5-MHz HIGH EFFICIENCY STEP-UP CONVERTER IN CHIP SCALE PACKAGING
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61254YFF Datasheet(HTML) 1 Page - Texas Instruments

  TPS61254YFF Datasheet HTML 1Page - Texas Instruments TPS61254YFF Datasheet HTML 2Page - Texas Instruments TPS61254YFF Datasheet HTML 3Page - Texas Instruments TPS61254YFF Datasheet HTML 4Page - Texas Instruments TPS61254YFF Datasheet HTML 5Page - Texas Instruments TPS61254YFF Datasheet HTML 6Page - Texas Instruments TPS61254YFF Datasheet HTML 7Page - Texas Instruments TPS61254YFF Datasheet HTML 8Page - Texas Instruments TPS61254YFF Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
C
4.7
I
μF
C
10 uF
O
SW
VIN
EN
VOUT
BP
GND
L
1 μH
V
IN
2.65 V .. 4.85 V
V
OUT
5.0 V @ 700mA
TPS61256
0
10
20
30
40
50
60
70
80
90
100
.
I
- Output
Current
- mA
O
V - Input
Voltage
- V
I
V = 5.0 V
O
TPS61253, TPS61254, TPS61256, TPS61258
www.ti.com
SLVSAG8B – SEPTEMBER 2011 – REVISED MAY 2012
3.5-MHz HIGH EFFICIENCY STEP-UP CONVERTER IN CHIP SCALE PACKAGING
Check for Samples: TPS61253, TPS61254, TPS61256, TPS61258
1
FEATURES
DESCRIPTION
93% Efficiency at 3.5MHz Operation
The TPS6125x device provides a power supply
22µA Quiescent Current in Standby Mode
solution for battery-powered portable applications.
Intended for low-power applications, the TPS6125x
36µA Quiescent Current in Normal Operation
supports up to 800-mA load current from a battery
Wide VIN Range From 2.3V to 5.5V
discharged as low as 2.65V and allows the use of low
VIN ≥ VOUT Operation
cost chip inductor and capacitors.
IOUT ≥800mA at VOUT = 4.5V, VIN ≥2.65V
With a wide input voltage range of 2.3V to 5.5V, the
IOUT ≥1000mA at VOUT = 5.0V, VIN ≥3.3V
device supports applications powered by Li-Ion
batteries with extended voltage range. Different fixed
IOUT ≥1500mA (Peak) at VOUT = 5.0V, VIN ≥3.3V
voltage output versions are available from 3.15V to
±2% Total DC Voltage Accuracy
5.0V.
Light-Load PFM Mode
The TPS6125x operates at a regulated 3.5-MHz
Selectable Standby Mode or True Load
switching frequency and enters power-save mode
Disconnect During Shutdown
operation at light load currents to maintain high
Thermal Shutdown and Overload Protection
efficiency over the entire load current range. The
PFM mode extends the battery life by reducing the
Only Three Surface-Mount External
quiescent current to 36
μA (typ) during light load
Components Required
operation.
Total Solution Size <25mm2
In addition, the TPS6125x device can also maintain
9-Pin NanoFreeTM (CSP) Packaging
its output biased at the input voltage level. In this
mode, the synchronous rectifier is current limited
APPLICATIONS
allowing external load (e.g. audio amplifier) to be
Cell Phones, Smart-Phones
powered with a restricted supply. In this mode, the
quiescent current is reduced to 22µA. Input current in
Mono and Stereo APA Applications
shutdown mode is less than 1µA (typ), which
USB Charging Port (5V)
maximizes battery life.
The TPS6125x offers a very small solution size due
spacer
to minimum amount of external components. It allows
spacer
the use of small inductors and input capacitors to
achieve a small solution size. During shutdown, the
load is completely disconnected from the battery.
Figure 2. Smallest Solution Size Application
Figure 1. Efficiency vs. Load Current
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
UNLESS
OTHERWISE
NOTED
this
document
contains
Copyright © 2011–2012, Texas Instruments Incorporated
PRODUCTION DATA information current as of publication date.
Products conform to specifications per the terms of Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS61254YFF

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61254YFFR TI1-TPS61254YFFR Datasheet
6Mb / 35P
[Old version datasheet]   High Efficiency Step-Up Converter In Chip Scale Packaging
TPS61254YFFR TI1-TPS61254YFFR Datasheet
6Mb / 37P
[Old version datasheet]   TPS6125x 3.5-MHz High Efficiency Step-Up Converter In Chip Scale Packaging
TPS61254YFFT TI1-TPS61254YFFT Datasheet
6Mb / 35P
[Old version datasheet]   High Efficiency Step-Up Converter In Chip Scale Packaging
TPS61254YFFT TI1-TPS61254YFFT Datasheet
6Mb / 37P
[Old version datasheet]   TPS6125x 3.5-MHz High Efficiency Step-Up Converter In Chip Scale Packaging
More results

Similar Description - TPS61254YFF

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61256C TI1-TPS61256C Datasheet
2Mb / 29P
[Old version datasheet]   3.5-MHz High Efficiency Step-Up Converter In Chip Scale Packaging
TPS61253 TI-TPS61253_15 Datasheet
6Mb / 33P
[Old version datasheet]   TPS6125x 3.5-MHz High Efficiency Step-Up Converter In Chip Scale Packaging
TPS61253_016 TI1-TPS61253_016 Datasheet
6Mb / 37P
[Old version datasheet]   TPS6125x 3.5-MHz High Efficiency Step-Up Converter In Chip Scale Packaging
TPS61253 TI1-TPS61253_16 Datasheet
6Mb / 35P
[Old version datasheet]   High Efficiency Step-Up Converter In Chip Scale Packaging
TPS61256A TI1-TPS61256A Datasheet
3Mb / 32P
[Old version datasheet]   3.5-MHz HIGH EFFICIENCY STEP-UP CONVERTER FEATURING 2.3A CURRENT LIMIT IN CHIP SCALE PACKAGING
TPS61240-Q1 TI1-TPS61240-Q1 Datasheet
633Kb / 24P
[Old version datasheet]   3.5-MHz High Efficiency Step-Up Converter
TPS61240-Q1 TI-TPS61240-Q1_15 Datasheet
534Kb / 25P
[Old version datasheet]   3.5-MHz High Efficiency Step-Up Converter
TPS61240 TI-TPS61240 Datasheet
934Kb / 25P
[Old version datasheet]   3.5-MHz High Efficiency Step-Up Converter
TPS62620 TI1-TPS62620_16 Datasheet
1Mb / 28P
[Old version datasheet]   600-mA, 6-MHz High-Efficiency Step-Down Converter In Chip Scale Packaging
TPS61240-Q1 TI1-TPS61240-Q1_17 Datasheet
1Mb / 26P
[Old version datasheet]   3.5-MHz High Efficiency Step-Up Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com