Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS65910A Datasheet(PDF) 3 Page - Texas Instruments

Part # TPS65910A
Description  Integrated Power Management Unit Top Specification
Download  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65910A Datasheet(HTML) 3 Page - Texas Instruments

  TPS65910A Datasheet HTML 1Page - Texas Instruments TPS65910A Datasheet HTML 2Page - Texas Instruments TPS65910A Datasheet HTML 3Page - Texas Instruments TPS65910A Datasheet HTML 4Page - Texas Instruments TPS65910A Datasheet HTML 5Page - Texas Instruments TPS65910A Datasheet HTML 6Page - Texas Instruments TPS65910A Datasheet HTML 7Page - Texas Instruments TPS65910A Datasheet HTML 8Page - Texas Instruments TPS65910A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 96 page
background image
TPS65910, TPS65910A, TPS65910A3, TPS659101, TPS659102, TPS659103
TPS659104, TPS659105, TPS659106, TPS659107, TPS659108, TPS659109
www.ti.com
SWCS046N – MARCH 2010 – REVISED APRIL 2012
Table 1. SUPPORTED PROCESSORS AND CORRESPONDING PART NUMBERS
Compatible Processor(1)
Part Number(1)
TI processor - AM335x with DDR2
TPS65910AA1RSL
TI processor - AM335x with DDR3
TPS65910A3A1RSL
TI processors - AM1705/07, AM1806/08, AM3505/17, AM3703/15, DM3730/25,
TPS65910A1RSL
OMAP-L137/38, OMAP3503/15/25/30, TMS320C6742/6/8
Samsung - S5PV210, S5PC110
TPS659101A1RSL
Rockchip - RK29xx
TPS659102A1RSL
Samsung - S5PC100
TPS659103A1RSL
Samsung - S5P6440
TPS659104A1RSL
TI processors - DM643x, DM644x
TPS659105A1RSL
Reserved
TPS659106A1RSL
Freescale - i.MX27, Freescale - i.MX35
TPS659107A1RSL
Freescale - i.MX508
TPS659108A1RSL
Freescale - i.MX51
TPS659109A1RSL
(1)
The RSL package is available in tape and reel. See for details for corresponding part numbers, quantities and ordering information.
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range (unless otherwise noted)
Stresses beyond those listed under below may cause permanent damage to the device. These are stress ratings only and
functional operation of the device at these or any other conditions beyond those indicated below are not implied. Exposure to
absolute-maximum-rated conditions for extended periods may affect device reliability.
The absolute maximum ratings for the TPS65910 device are listed below:
PARAMETER
MIN
MAX
UNIT
Voltage range on pins/balls VCC1, VCC2, VCCIO, VCC3, VCC4,
–0.3
7
V
VCC5, VCC6, VCC7
Voltage range on pins/balls VDDIO
–0.3
3.6
V
Voltage range on pins/balls OSC32KIN, OSC32KOUT, BOOT1,
–0.3
VRTCMAX + 0.3
V
BOOT0
Voltage range on pins/balls SDA_SDI, SCL_SCK, SDASR_EN2,
–0.3
VDDIOMAX + 0.3
V
SCLSR_EN1, SLEEP, INT1, CLK32KOUT, NRESPWRON
Voltage range on pins/balls PWRON
–0.3
7
V
Voltage range on pins/balls PWRHOLD(1) GPIO_CKSYNC(2)
–0.3
7
V
Functional junction temperature range
–45
150
°C
Peak output current on all other terminals than power resources
–5
5
mA
(1)
I/O supplied from VDDIO but which can be driven from to a VBAT voltage level
(2)
I/O supplied from VRTC but can be driven to a VBAT voltage level
THERMAL CHARACTERISTICS
over operating free-air temperature range (unless otherwise noted)
DERATING
TA < 25°C Power
FACTOR ABOVE
TA = 70°C Power
TA = 85°C Power
Package
Rθja (°C/W)
Rating (W)
25 °C
(W)
Rating (W)
(mW/°C)
RSL 48-QFN
37
2.6
37
1.48
1
The thermal resistance RθJP junction-to-power PAD of the RSL package is 1.1°C/W
The value of thermal resistance RθJA junction-to-ambient was measured on a high K.
Copyright © 2010–2012, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TPS65910 TPS65910A TPS65910A3 TPS659101 TPS659102 TPS659103 TPS659104
TPS659105 TPS659106 TPS659107 TPS659108 TPS659109


Similar Part No. - TPS65910A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65910A TI1-TPS65910A Datasheet
1Mb / 96P
[Old version datasheet]   Integrated Power Management Unit Top Specification
TPS65910A TI1-TPS65910A Datasheet
1Mb / 97P
[Old version datasheet]   Integrated Power Management Unit Top Specification
TPS65910A1RSL TI1-TPS65910A1RSL Datasheet
1Mb / 96P
[Old version datasheet]   Integrated Power Management Unit Top Specification
TPS65910A1RSLR TI1-TPS65910A1RSLR Datasheet
1Mb / 96P
[Old version datasheet]   Integrated Power Management Unit Top Specification
TPS65910A3 TI1-TPS65910A3 Datasheet
1Mb / 96P
[Old version datasheet]   Integrated Power Management Unit Top Specification
More results

Similar Description - TPS65910A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65910 TI1-TPS65910_13 Datasheet
1Mb / 96P
[Old version datasheet]   Integrated Power Management Unit Top Specification
TPS65910 TI1-TPS65910_14 Datasheet
1Mb / 97P
[Old version datasheet]   Integrated Power Management Unit Top Specification
TPS659110 TI1-TPS659110_16 Datasheet
1Mb / 119P
[Old version datasheet]   Integrated Power Management Unit Top Specification
TPS65911 TI1-TPS65911 Datasheet
2Mb / 143P
[Old version datasheet]   Integrated Power Management Unit Top Specification
TPS65911 TI-TPS65911_V02 Datasheet
2Mb / 143P
[Old version datasheet]   TPS65911 Integrated Power Management Unit Top Specification
TPS65911 TI-TPS65911_V03 Datasheet
2Mb / 144P
[Old version datasheet]   TPS65911 Integrated Power Management Unit Top Specification
AUGUST 2018
TPS65911 TI-TPS65911_V01 Datasheet
2Mb / 142P
[Old version datasheet]   TPS65911 Integrated Power Management Unit Top Specification
TPS65911 TI-TPS65911_V04 Datasheet
2Mb / 145P
[Old version datasheet]   TPS65911 Integrated Power Management Unit Top Specification
REVISED AUGUST 2018
TPS659119-Q1 TI1-TPS659119-Q1 Datasheet
1Mb / 132P
[Old version datasheet]   Automotive Integrated Power-Management Unit
logo
National Semiconductor ...
LM26484 NSC-LM26484 Datasheet
1Mb / 18P
   Power Management Unit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com