Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS61258YFF Datasheet(PDF) 2 Page - Texas Instruments

Part # TPS61258YFF
Description  3.5-MHz HIGH EFFICIENCY STEP-UP CONVERTER IN CHIP SCALE PACKAGING
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61258YFF Datasheet(HTML) 2 Page - Texas Instruments

  TPS61258YFF Datasheet HTML 1Page - Texas Instruments TPS61258YFF Datasheet HTML 2Page - Texas Instruments TPS61258YFF Datasheet HTML 3Page - Texas Instruments TPS61258YFF Datasheet HTML 4Page - Texas Instruments TPS61258YFF Datasheet HTML 5Page - Texas Instruments TPS61258YFF Datasheet HTML 6Page - Texas Instruments TPS61258YFF Datasheet HTML 7Page - Texas Instruments TPS61258YFF Datasheet HTML 8Page - Texas Instruments TPS61258YFF Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 34 page
background image
TPS61253, TPS61254, TPS61256, TPS61258
SLVSAG8B – SEPTEMBER 2011 – REVISED MAY 2012
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
AVAILABLE DEVICE OPTION
PACKAGE
OUTPUT
DEVICE
TA
PART NUMBER(1)
ORDERING(2)
MARKING
VOLTAGE
SPECIFIC FEATURES
CHIP CODE
Supports 5V, up to 1500mA peak loading
TPS61253
5.0V
TPS61253YFF
SBF
down to 3.3V input voltage
Supports 4.5V/800mA loading
TPS61254
4.5V
TPS61254YFF
QWR
down to 2.65V input voltage
TPS61255(3)
3.75V
TPS61255YFF
QWS
Supports 5V/900mA loading
–40°C to 85°C
TPS61256
5.0V
TPS61256YFF
RAV
down to 3.3V input voltage
TPS61257(3)
4.3V
TPS61257YFF
RAO
Supports 4.5V, up to 1500mA peak loading
TPS61258
4.5V
TPS61258YFF
SAZ
down to 3.3V input voltage
Supports 5.1V, up to 1500mA peak loading
TPS61259(3)
5.1V
TPS61259YFF
SAY
down to 3.3V input voltage
(1)
For detailed ordering information please check the PACKAGE OPTION ADDENDUM section at the end of this datasheet.
(2)
The YFF package is available in tape and reel. Add a R suffix (e.g. TPS61254YFFR) to order quantities of 3000 parts. Add a T suffix
(e.g. TPS61254YFFT) to order quantities of 250 parts.
(3)
Product preview.Contact TI factory for more information
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range (unless otherwise noted)
(1)
UNIT
Input voltage
Voltage at VIN(2), VOUT(2), SW(2), EN(2), BP(2)
–0.3 to 7
V
Continuous average current into SW (3)
1.8
A
Input current
Peak current into SW (4)
3.5
A
Power dissipation
Internally limited
Operationg temperature range, TA
(5)
–40 to 85
°C
Temperature range
Operating virtual junction, TJ
–40 to 150
°C
Storage temperature range, Tstg
–65 to 150
°C
Human Body Model - (HBM)
2000
V
ESD rating(6)
Charge Device Model - (CDM)
1000
V
Machine Model - (MM)
200
V
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods my affect device reliability.
(2)
All voltages are with respect to network ground terminal.
(3)
Limit the junction temperature to 105°C for continuous operation at maximum output power.
(4)
Limit the junction temperature to 125°C for 5% duty cycle operation.
(5)
In applications where high power dissipation and/or poor package thermal resistance is present, the maximum ambient temperature may
have to be derated. Maximum ambient temperature (TA(max)) is dependent on the maximum operating junction temperature (TJ(max)), the
maximum power dissipation of the device in the application (PD(max)), and the junction-to-ambient thermal resistance of the part/package
in the application (
θJA), as given by the following equation: TA(max)= TJ(max)–(θJA X PD(max)). To achieve optimum performance, it is
recommended to operate the device with a maximum junction temperature of 105°C.
(6)
The human body model is a 100-pF capacitor discharged through a 1.5-k
Ω resistor into each pin. The machine model is a 200-pF
capacitor discharged directly into each pin.
2
Submit Documentation Feedback
Copyright © 2011–2012, Texas Instruments Incorporated
Product Folder Link(s): TPS61253 TPS61254 TPS61256 TPS61258


Similar Part No. - TPS61258YFF

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61258YFFR TI1-TPS61258YFFR Datasheet
6Mb / 35P
[Old version datasheet]   High Efficiency Step-Up Converter In Chip Scale Packaging
TPS61258YFFR TI1-TPS61258YFFR Datasheet
6Mb / 37P
[Old version datasheet]   TPS6125x 3.5-MHz High Efficiency Step-Up Converter In Chip Scale Packaging
TPS61258YFFT TI1-TPS61258YFFT Datasheet
6Mb / 35P
[Old version datasheet]   High Efficiency Step-Up Converter In Chip Scale Packaging
TPS61258YFFT TI1-TPS61258YFFT Datasheet
6Mb / 37P
[Old version datasheet]   TPS6125x 3.5-MHz High Efficiency Step-Up Converter In Chip Scale Packaging
More results

Similar Description - TPS61258YFF

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61256C TI1-TPS61256C Datasheet
2Mb / 29P
[Old version datasheet]   3.5-MHz High Efficiency Step-Up Converter In Chip Scale Packaging
TPS61253 TI-TPS61253_15 Datasheet
6Mb / 33P
[Old version datasheet]   TPS6125x 3.5-MHz High Efficiency Step-Up Converter In Chip Scale Packaging
TPS61253_016 TI1-TPS61253_016 Datasheet
6Mb / 37P
[Old version datasheet]   TPS6125x 3.5-MHz High Efficiency Step-Up Converter In Chip Scale Packaging
TPS61253 TI1-TPS61253_16 Datasheet
6Mb / 35P
[Old version datasheet]   High Efficiency Step-Up Converter In Chip Scale Packaging
TPS61256A TI1-TPS61256A Datasheet
3Mb / 32P
[Old version datasheet]   3.5-MHz HIGH EFFICIENCY STEP-UP CONVERTER FEATURING 2.3A CURRENT LIMIT IN CHIP SCALE PACKAGING
TPS61240-Q1 TI1-TPS61240-Q1 Datasheet
633Kb / 24P
[Old version datasheet]   3.5-MHz High Efficiency Step-Up Converter
TPS61240-Q1 TI-TPS61240-Q1_15 Datasheet
534Kb / 25P
[Old version datasheet]   3.5-MHz High Efficiency Step-Up Converter
TPS61240 TI-TPS61240 Datasheet
934Kb / 25P
[Old version datasheet]   3.5-MHz High Efficiency Step-Up Converter
TPS62620 TI1-TPS62620_16 Datasheet
1Mb / 28P
[Old version datasheet]   600-mA, 6-MHz High-Efficiency Step-Down Converter In Chip Scale Packaging
TPS61240-Q1 TI1-TPS61240-Q1_17 Datasheet
1Mb / 26P
[Old version datasheet]   3.5-MHz High Efficiency Step-Up Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com