Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS82690 Datasheet(PDF) 6 Page - Texas Instruments

Part # TPS82690
Description  500-mA, HIGH-EFFICIENCY MicroSiP??STEP-DOWN CONVERTER (PROFILE <1mm)
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS82690 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS82690 Datasheet HTML 2Page - Texas Instruments TPS82690 Datasheet HTML 3Page - Texas Instruments TPS82690 Datasheet HTML 4Page - Texas Instruments TPS82690 Datasheet HTML 5Page - Texas Instruments TPS82690 Datasheet HTML 6Page - Texas Instruments TPS82690 Datasheet HTML 7Page - Texas Instruments TPS82690 Datasheet HTML 8Page - Texas Instruments TPS82690 Datasheet HTML 9Page - Texas Instruments TPS82690 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
VIN
SW
FB
MODE
GND
EN
C
I
TPS8269XSIP
L
V
BAT
C
O
MODE
SELECTION
ENABLE
DC/DC Converter
GND
V
OUT
TPS82690
TPS82695
TPS82697
SLVSA66B
– JUNE 2011 – REVISED FEBRUARY 2012
www.ti.com
PARAMETER MEASUREMENT INFORMATION
TYPICAL CHARACTERISTICS
Table of Graphs
FIGURE
vs Load current
3, 4
η
Efficiency
vs Load current
5, 6
vs Input voltage
7
Peak-to-peak output ripple voltage
vs Load current
8, 9
VO
DC output voltage
vs Load current
10, 11, 120
Combined line/load transient
13, 14
response
Load transient response
15, 16, 17, 18
AC load transient response
19, 20, 21, 22, 23, 24, 25
PFM/PWM boundaries
vs Input voltage
26
IQ
Quiescent current
vs Input voltage
27
PWM switching frequency
vs Input voltage
28
fs
PFM switching frequency
vs Load current
29
Start-up
30, 31
PSRR
Power supply rejection ratio
vs. Frequency
32
6
Submit Documentation Feedback
Copyright
© 2011–2012, Texas Instruments Incorporated
Product Folder Link(s): TPS82690 TPS82695 TPS82697


Similar Part No. - TPS82690

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS82690 TI1-TPS82690 Datasheet
572Kb / 13P
[Old version datasheet]   TPS826xxEVM
TPS82690EVM-646 TI1-TPS82690EVM-646 Datasheet
572Kb / 13P
[Old version datasheet]   TPS826xxEVM
TPS82690SIP TI1-TPS82690SIP Datasheet
572Kb / 13P
[Old version datasheet]   TPS826xxEVM
TPS82690 TI-TPS82690_15 Datasheet
1Mb / 26P
[Old version datasheet]   500-mA, HIGH-EFFICIENCY MicroSiP??STEP-DOWN CONVERTER (PROFILE <1mm)
More results

Similar Description - TPS82690

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS82690 TI-TPS82690_15 Datasheet
1Mb / 26P
[Old version datasheet]   500-mA, HIGH-EFFICIENCY MicroSiP??STEP-DOWN CONVERTER (PROFILE <1mm)
TPS82692 TI1-TPS82692_16 Datasheet
2Mb / 32P
[Old version datasheet]   High-Efficiency MicroSIP Step-Down Converter (Profile <1mm)
TPS82692 TI-TPS82692_15 Datasheet
2Mb / 32P
[Old version datasheet]   TPS8269x High-Efficiency MicroSIP??Step-Down Converter (Profile <1mm)
TPS82670 TI1-TPS82670_16 Datasheet
5Mb / 30P
[Old version datasheet]   600-mA, High-Efficiency MicroSiP Step-Down Converter (Profile <1.0mm)
TPS82671 TI1-TPS82671 Datasheet
1Mb / 27P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP??STEP-DOWN CONVERTER (PROFILE <1.0mm)
TPS82670 TI-TPS82670_12 Datasheet
1,019Kb / 27P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP STEP-DOWN CONVERTER (PROFILE <1.0mm)
TPS82671 TI1-TPS82671_11 Datasheet
949Kb / 28P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP STEP-DOWN CONVERTER (PROFILE <1.0mm)
APRIL2011
TPS82670 TI1-TPS82670_17 Datasheet
5Mb / 30P
[Old version datasheet]   600-mA, High-Efficiency MicroSiP Step-Down Converter (Profile <1.0mm)
TPS82671_1111 TI1-TPS82671_1111 Datasheet
824Kb / 26P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP??STEP-DOWN CONVERTER (PROFILE <1.0mm)
TPS82670 TI1-TPS82670 Datasheet
876Kb / 27P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP??STEP-DOWN CONVERTER (PROFILE <1.0mm)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com