Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS65217BRSL Datasheet(PDF) 10 Page - Texas Instruments

Part # TPS65217BRSL
Description  SINGLE-CHIP PMIC FOR BATTERY-POWERED SYSTEMS
Download  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65217BRSL Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS65217BRSL Datasheet HTML 6Page - Texas Instruments TPS65217BRSL Datasheet HTML 7Page - Texas Instruments TPS65217BRSL Datasheet HTML 8Page - Texas Instruments TPS65217BRSL Datasheet HTML 9Page - Texas Instruments TPS65217BRSL Datasheet HTML 10Page - Texas Instruments TPS65217BRSL Datasheet HTML 11Page - Texas Instruments TPS65217BRSL Datasheet HTML 12Page - Texas Instruments TPS65217BRSL Datasheet HTML 13Page - Texas Instruments TPS65217BRSL Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 88 page
background image
TPS65217A, TPS65217B, TPS65217C
SLVSB64D – NOVEMBER 2011 – REVISED APRIL 2012
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
VBAT = 3.6 V ±5%, TJ = 27ºC (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Safety timer range, thermal and DPM not
TCHG
Charge safety timer
active, selectable by I2C;
4
8
h
Not tested in production
Pre charge timer range, thermal and
DPM/DPPM loops not active, selectable
TPRECHG
Precharge timer
30
60
min
by I2C;
Not tested in production
BATTERY NTC MONITOR
Thermistor power on time at charger
TTHON
10
ms
off, sampling mode on
Thermistor power sampling period
TTHOFF
1
s
at charger off, sampling mode on
NTC_TYPE = 1 (10k NTC)
7.35
Pull-up resistor from thermistor to
k
Ω
Internal LDO . I2C selectable
RNTC_PULL
NTC_TYPE = 0 (100K NTC)
60.5
Accuracy
TA = 27°C
-3
3
%
Temperature falling
1660
VLTF
Low temp failure threshold
mV
Temperature rising
1610
Temperature falling
910
TRANGE = 0
Temperature rising
860
VHTF
High temp failure threshold
mV
Temperature falling
667
TRANGE = 1
Temperature rising
622
VDET
Thermistor detection threshold
1750
1850
mV
Thermistor not detected. Battery not
tBATDET
Not tested in production
26
ms
present deglitch.
THERMAL REGULATION
Temperature at which charge current is
TJ(REG)
Temperature regulation limit
111
123
°C
reduced
DCDC1 (BUCK)
VIN
Input voltage range
VIN_DCDC1 pin
2.7
5.8
V
IQ,SLEEP
Quiescent current in SLEEP mode
No load, VSYS = 4 V, TA = 25°C
30
µA
External resistor divider (XADJ1 = 1)
0.6
VIN
Output voltage range
V
I2C selectable in 25-mV steps
0.9
1.8(1)
(XADJ1 = 0)
VOUT
VIN = VOUT + 0.3 V to 5.8 V;
DC output voltage accuracy
-2
3
%
0 mA
≤ IOUT ≤ 1.2 A
Power save mode (PSM) ripple
IOUT = 1 mA, PFM mode
40
mVpp
voltage
L = 2.2 µH, COUT = 20 µF
IOUT
Output current range
0
1.2
A
High side MOSFET on-resistance
VIN = 2.7 V
170
RDS(ON)
m
Ω
Low side MOSFET on-resistance
VIN = 2.7 V
120
High side MOSFET leakage current
VIN = 5.8 V
2
ILEAK
µA
Low side MOSFET leakage current
VDS = 5.8 V
1
Current limit (high and low side
ILIMIT
2.7 V < VIN < 5.8 V
1.6
A
MOSFET).
fSW
Switching frequency
1.95
2.25
2.55
MHz
VFB
Feedback voltage
XADJ = 1
600
mV
Time to ramp VOUT from 5% to 95%, no
tSS
Soft-start time
750
µs
load
RDIS
Internal discharge resistor at L1(2)
250
Ω
(1)
Contact factory for 3.3-V option.
(2)
Can be factory disabled.
10
Submit Documentation Feedback
Copyright © 2011–2012, Texas Instruments Incorporated
Product Folder Link(s): TPS65217A TPS65217B TPS65217C


Similar Part No. - TPS65217BRSL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65217BRSL TI1-TPS65217BRSL Datasheet
1Mb / 86P
[Old version datasheet]   SINGLE-CHIP PMIC FOR BATTERY-POWERED SYSTEMS
TPS65217BRSLR TI1-TPS65217BRSLR Datasheet
1Mb / 86P
[Old version datasheet]   SINGLE-CHIP PMIC FOR BATTERY-POWERED SYSTEMS
TPS65217BRSLR TI-TPS65217BRSLR Datasheet
1Mb / 86P
[Old version datasheet]   SINGLE-CHIP PMIC FOR BATTERY-POWERED SYSTEMS
TPS65217BRSLR TI1-TPS65217BRSLR Datasheet
2Mb / 89P
[Old version datasheet]   Single-Chip PMIC for Battery-Powered Systems
TPS65217BRSLT TI1-TPS65217BRSLT Datasheet
1Mb / 86P
[Old version datasheet]   SINGLE-CHIP PMIC FOR BATTERY-POWERED SYSTEMS
More results

Similar Description - TPS65217BRSL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65217A TI1-TPS65217A_12 Datasheet
1Mb / 86P
[Old version datasheet]   SINGLE-CHIP PMIC FOR BATTERY-POWERED SYSTEMS
TPS65217 TI1-TPS65217 Datasheet
2Mb / 89P
[Old version datasheet]   Single-Chip PMIC for Battery-Powered Systems
TPS65217A TI-TPS65217A_13 Datasheet
1Mb / 86P
[Old version datasheet]   SINGLE-CHIP PMIC FOR BATTERY-POWERED SYSTEMS
logo
Rohm
BD71815AGW ROHM-BD71815AGW Datasheet
2Mb / 107P
   System PMIC for Battery Powered Systems
BD71805MWV ROHM-BD71805MWV Datasheet
3Mb / 100P
   System PMIC for Battery Powered Systems
logo
Texas Instruments
TPS652170 TI1-TPS652170 Datasheet
1Mb / 85P
[Old version datasheet]   Programmable PMIC for Battery-Powered Systems
TPS65070 TI-TPS65070_10 Datasheet
1Mb / 93P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
TPS65070 TI-TPS65070_09 Datasheet
1Mb / 90P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
TPS65070-Q1 TI1-TPS65070-Q1_16 Datasheet
1Mb / 91P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
TPS65070-Q1 TI1-TPS65070-Q1 Datasheet
1Mb / 90P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com