Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS658310YFFR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS658310YFFR
Description  Power Management Unit
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS658310YFFR Datasheet(HTML) 1 Page - Texas Instruments

  TPS658310YFFR Datasheet HTML 1Page - Texas Instruments TPS658310YFFR Datasheet HTML 2Page - Texas Instruments TPS658310YFFR Datasheet HTML 3Page - Texas Instruments TPS658310YFFR Datasheet HTML 4Page - Texas Instruments TPS658310YFFR Datasheet HTML 5Page - Texas Instruments TPS658310YFFR Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TPS658310
www.ti.com
SLVSB52
– NOVEMBER 2011
Power Management Unit
1
Introduction
1.1
Features
12
• Power Management Core
– Dual Input Power Path
– Switch Mode Charger
– Integrated Charge Current Sense FET
– Automatic Battery Supplement Mode
– 2 Boost Converters
1 Boost supports 2 strings of up to 6 LEDs with Internal and External Dimming Control
1 Boost supports 1 string of 6 LEDs
Boost Converters can also be used in Constant Voltage Mode
– LED Matrix Controller
– RGB Controller
– I2C™ Interface to Device for Low Latency Communication
1.2
Applications
Portable Applications
1.3
Description
The TPS658310 Power Management Unit is a broad use, multi-channel device, for portable applications.
The device consists of an Integrated Power Path Management and Switch Mode Li-Ion Battery Charger
that provides system power from a regulated wall adapter or a USB port. It also handles lighting
management with integrated Backlight Boosts, LED Matrix Controller for keypad, Camera Flash LED
Controller, Current Source and RGB channels.
To request a full data sheet, please send an email to:
pmu_contact@list.ti.com
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
I2C is a trademark of NPX Corporation.
PRODUCTION DATA information is current as of publication date. Products conform to
Copyright
© 2011, Texas Instruments Incorporated
specifications per the terms of the Texas Instruments standard warranty. Production
processing does not necessarily include testing of all parameters.


Similar Part No. - TPS658310YFFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65835 TI1-TPS65835 Datasheet
1Mb / 62P
[Old version datasheet]   Advanced PMU With Integrated MSP430 For Active Shutter 3D Glasses
TPS65835RKPR TI1-TPS65835RKPR Datasheet
1Mb / 62P
[Old version datasheet]   Advanced PMU With Integrated MSP430 For Active Shutter 3D Glasses
TPS65835RKPR TI1-TPS65835RKPR Datasheet
2Mb / 67P
[Old version datasheet]   Advanced PMU
TPS65835RKPT TI1-TPS65835RKPT Datasheet
1Mb / 62P
[Old version datasheet]   Advanced PMU With Integrated MSP430 For Active Shutter 3D Glasses
TPS65835RKPT TI1-TPS65835RKPT Datasheet
2Mb / 67P
[Old version datasheet]   Advanced PMU
More results

Similar Description - TPS658310YFFR

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM26484 NSC-LM26484 Datasheet
1Mb / 18P
   Power Management Unit
logo
Texas Instruments
LM26484 TI1-LM26484_13 Datasheet
2Mb / 25P
[Old version datasheet]   LM26484 Power Management Unit
TPS658620 TI-TPS658620 Datasheet
4Mb / 104P
[Old version datasheet]   Advanced Power Management Unit
TPS658622B TI-TPS658622B Datasheet
287Kb / 7P
[Old version datasheet]   Advanced Power Management Unit
TPS658643 TI-TPS658643_V01 Datasheet
804Kb / 9P
[Old version datasheet]   Advanced Power Management Unit
logo
Vaisala
PMU701 VAISALA-PMU701 Datasheet
300Kb / 3P
   Power Management Unit PMU701
logo
Infineon Technologies A...
IRPS5401 INFINEON-IRPS5401 Datasheet
1Mb / 62P
   Flexible Power Management Unit
V 2.8 2022-07-06
logo
Texas Instruments
TPS658623 TI-TPS658623 Datasheet
363Kb / 8P
[Old version datasheet]   Advanced Power Management Unit
TPS658622A TI-TPS658622A Datasheet
291Kb / 7P
[Old version datasheet]   Advanced Power Management Unit
TPS658623 TI-TPS658623 Datasheet
363Kb / 8P
[Old version datasheet]   Advanced Power Management Unit
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com