Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS82696SIP Datasheet(PDF) 7 Page - Texas Instruments

Part # TPS82696SIP
Description  500-mA, HIGH-EFFICIENCY MicroSiP??STEP-DOWN CONVERTER (PROFILE <1mm)
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS82696SIP Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS82696SIP Datasheet HTML 3Page - Texas Instruments TPS82696SIP Datasheet HTML 4Page - Texas Instruments TPS82696SIP Datasheet HTML 5Page - Texas Instruments TPS82696SIP Datasheet HTML 6Page - Texas Instruments TPS82696SIP Datasheet HTML 7Page - Texas Instruments TPS82696SIP Datasheet HTML 8Page - Texas Instruments TPS82696SIP Datasheet HTML 9Page - Texas Instruments TPS82696SIP Datasheet HTML 10Page - Texas Instruments TPS82696SIP Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
0
10
20
30
40
50
60
70
80
90
100
I - Load Current - mA
O
0.1
1
1000
10
V = 3 V
I
V = 3.6 V
I
V = 4.2 V
I
V = 3.2 V
I
100
V
= 2.5 V
O
V = 3.6 V
I
Forced PWM Operation
0
10
20
30
40
50
60
70
80
90
100
I - Load Current - mA
O
1
10
1000
100
V
= 2.5 V
Forced PWM
O
V = 4.2 V
I
V = 3.6 V
I
V = 3 V
I
V = 3.2 V
I
0
10
20
30
40
50
60
70
80
90
100
1
10
100
1000
V = 3.6 V
Forced PWM
I
I
- Load Current - mA
O
V
= 2.85 V
O
V = 3 V
Forced PWM
I
V = 3.2 V
Forced PWM
I
V = 4.2 V
Forced PWM
I
0
10
20
30
40
50
60
70
80
90
100
0.1
1
10
100
1000
I
- Load Current - mA
O
V
= 2.85 V
O
V = 3.6 V
Forced PWM Operation
I
V = 4.2 V
I
V = 3.2 V
I
V = 3 V
I
V = 3.6 V
I
TPS82690
TPS82695
TPS82697
www.ti.com
SLVSA66B
– JUNE 2011 – REVISED FEBRUARY 2012
TYPICAL CHARACTERISTICS (continued)
TPS82695
TPS82695
EFFICIENCY
EFFICIENCY
vs
vs
LOAD CURRENT
LOAD CURRENT
Figure 3.
Figure 4.
EFFICIENCY
EFFICIENCY
vs
vs
LOAD CURRENT
LOAD CURRENT
Figure 5.
Figure 6.
Copyright
© 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): TPS82690 TPS82695 TPS82697


Similar Part No. - TPS82696SIP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS82690 TI1-TPS82690 Datasheet
572Kb / 13P
[Old version datasheet]   TPS826xxEVM
TPS82690EVM-646 TI1-TPS82690EVM-646 Datasheet
572Kb / 13P
[Old version datasheet]   TPS826xxEVM
TPS82690SIP TI1-TPS82690SIP Datasheet
572Kb / 13P
[Old version datasheet]   TPS826xxEVM
TPS82690 TI-TPS82690_15 Datasheet
1Mb / 26P
[Old version datasheet]   500-mA, HIGH-EFFICIENCY MicroSiP??STEP-DOWN CONVERTER (PROFILE <1mm)
TPS82692 TI-TPS82692 Datasheet
2Mb / 31P
[Old version datasheet]   High-Efficiency MicroSiP STEP-DOWN CONVERTER
More results

Similar Description - TPS82696SIP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS82690 TI-TPS82690_15 Datasheet
1Mb / 26P
[Old version datasheet]   500-mA, HIGH-EFFICIENCY MicroSiP??STEP-DOWN CONVERTER (PROFILE <1mm)
TPS82692 TI1-TPS82692_16 Datasheet
2Mb / 32P
[Old version datasheet]   High-Efficiency MicroSIP Step-Down Converter (Profile <1mm)
TPS82692 TI-TPS82692_15 Datasheet
2Mb / 32P
[Old version datasheet]   TPS8269x High-Efficiency MicroSIP??Step-Down Converter (Profile <1mm)
TPS82670 TI1-TPS82670_16 Datasheet
5Mb / 30P
[Old version datasheet]   600-mA, High-Efficiency MicroSiP Step-Down Converter (Profile <1.0mm)
TPS82671 TI1-TPS82671 Datasheet
1Mb / 27P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP??STEP-DOWN CONVERTER (PROFILE <1.0mm)
TPS82670 TI-TPS82670_12 Datasheet
1,019Kb / 27P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP STEP-DOWN CONVERTER (PROFILE <1.0mm)
TPS82671 TI1-TPS82671_11 Datasheet
949Kb / 28P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP STEP-DOWN CONVERTER (PROFILE <1.0mm)
APRIL2011
TPS82670 TI1-TPS82670_17 Datasheet
5Mb / 30P
[Old version datasheet]   600-mA, High-Efficiency MicroSiP Step-Down Converter (Profile <1.0mm)
TPS82671_1111 TI1-TPS82671_1111 Datasheet
824Kb / 26P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP??STEP-DOWN CONVERTER (PROFILE <1.0mm)
TPS82670 TI1-TPS82670 Datasheet
876Kb / 27P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP??STEP-DOWN CONVERTER (PROFILE <1.0mm)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com