Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMBT6429 Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part # SMBT6429
Description  NPN Silicon Transistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SMBT6429 Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  SMBT6429 Datasheet HTML 1Page - Siemens Semiconductor Group SMBT6429 Datasheet HTML 2Page - Siemens Semiconductor Group SMBT6429 Datasheet HTML 3Page - Siemens Semiconductor Group SMBT6429 Datasheet HTML 4Page - Siemens Semiconductor Group SMBT6429 Datasheet HTML 5Page - Siemens Semiconductor Group SMBT6429 Datasheet HTML 6Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Semiconductor Group
2
SMBT 6428
SMBT 6429
Electrical Characteristics
at TA = 25 ˚C, unless otherwise specified.
Collector-emitter saturation voltage1)
IC = 10 mA, IB = 0.5 mA
IC = 100 mA, IB = 5 mA
V
Collector-emitter breakdown voltage
IC = 1 mA
SMBT 6428
SMBT 6429
V(BR)CE0
50
45
Unit
Values
Parameter
Symbol
min.
typ.
max.
DC characteristics
Collector-base breakdown voltage
IC = 10
µA
SMBT 6428
SMBT 6429
V(BR)CB0
60
55
Emitter-base breakdown voltage
IE = 1
µA
V(BR)EB0
6––
Emitter-base cutoff current
VEB = 5 V, IC = 0
IEB0
––10
nA
µA
Collector-base cutoff current
VCB = 30 V, IE = 0
VCB = 30 V, IE = 0, TA = 150 ˚C
ICB0
10
10
DC current gain
IC = 10
µA, VCE = 5 V
SMBT 6428
SMBT 6429
IC = 100
µA, VCE = 5 V
SMBT 6428
SMBT 6429
IC =
1 mA, VCE = 5 V
SMBT 6428
SMBT 6429
IC = 10 mA, VCE = 5 V
SMBT 6428
SMBT 6429
hFE
250
500
250
500
250
500
250
500
650
1250
V
VCEsat
0.2
0.6
Base-emitter voltage
IC = 1 mA, VCE = 5 V
VBE(on)
0.56
0.66
nA
Collector cutoff current
VCE = 30 V, IB = 0
ICE0
100
1)
Pulse test conditions: t
300 µs, D 2%.


Similar Part No. - SMBT6429

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SMBT6427 SIEMENS-SMBT6427 Datasheet
142Kb / 4P
   NPN Silicon Darlington Transistor
More results

Similar Description - SMBT6429

ManufacturerPart #DatasheetDescription
logo
Seme LAB
2N5338X SEME-LAB-2N5338X Datasheet
15Kb / 2P
   NPN SILICON TRANSISTORS
2N5681 SEME-LAB-2N5681 Datasheet
22Kb / 2P
   NPN SILICON TRANSISTORS
logo
Micro Electronics
PN3641 MICRO-ELECTRONICS-PN3641 Datasheet
144Kb / 1P
   NPN SILICON TRANSISTORS
logo
STMicroelectronics
2N5681 STMICROELECTRONICS-2N5681 Datasheet
67Kb / 4P
   SILICON NPN TRANSISTORS
July 1997
logo
Quanzhou Jinmei Electro...
2SC4278 JMNIC-2SC4278_15 Datasheet
127Kb / 1P
   Silicon NPN Transistors
logo
Central Semiconductor C...
2N4400 CENTRAL-2N4400_15 Datasheet
707Kb / 4P
   SILICON NPN TRANSISTORS
2N2895 CENTRAL-2N2895_15 Datasheet
777Kb / 3P
   SILICON NPN TRANSISTORS
logo
Quanzhou Jinmei Electro...
2SD1026_2015 JMNIC-2SD1026_2015 Datasheet
37Kb / 1P
   Silicon NPN Transistors
logo
Central Semiconductor C...
2N3419 CENTRAL-2N3419 Datasheet
508Kb / 2P
   SILICON NPN TRANSISTORS
2N3583 CENTRAL-2N3583_15 Datasheet
344Kb / 2P
   SILICON NPN TRANSISTORS
logo
STMicroelectronics
BD135 STMICROELECTRONICS-BD135_01 Datasheet
76Kb / 4P
   NPN SILICON TRANSISTORS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com