Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMBTA06 Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part # SMBTA06
Description  NPN Silicon AF Transistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SMBTA06 Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  SMBTA06 Datasheet HTML 1Page - Siemens Semiconductor Group SMBTA06 Datasheet HTML 2Page - Siemens Semiconductor Group SMBTA06 Datasheet HTML 3Page - Siemens Semiconductor Group SMBTA06 Datasheet HTML 4Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Semiconductor Group
1
NPN Silicon AF Transistors
SMBTA 05
SMBTA 06
Maximum Ratings
Type
Ordering Code
(tape and reel)
Marking
Package1)
Pin Configuration
SMBTA 05
SMBTA 06
Q68000-A3430
Q68000-A3428
s1H
s1G
SOT-23
1
2
3
B
E
C
1)
For detailed information see chapter Package Outlines.
2)
Package mounted on epoxy pcb 40 mm
× 40 mm × 1.5 mm/6 cm2 Cu.
Parameter
Symbol
Values
Unit
Collector-emitter voltage
VCE0
V
Collector current
IC
mA
Junction temperature
Tj
˚C
Total power dissipation, TS
= 79 ˚C
Ptot
mW
Storage temperature range
Tstg
Collector-base voltage
VCB0
Thermal Resistance
Junction - ambient2)
Rth JA
285
K/W
500
330
150
– 65 … + 150
Emitter-base voltage
VEB0
60
80
SMBTA 05
SMBTA 06
Junction - soldering point
Rth JS
215
4
60
80
Peak collector current
ICM
A
1
Peak base current
IBM
200
Base current
IB
mA
100
q
High breakdown voltage
q
Low collector-emitter saturation voltage
q
Complementary types: SMBTA 55
SMBTA 56 (PNP)
5.91


Similar Part No. - SMBTA06

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SMBTA06 INFINEON-SMBTA06 Datasheet
125Kb / 4P
   NPN Silicon AF Transistor
Feb-20-2002
SMBTA06 INFINEON-SMBTA06 Datasheet
77Kb / 7P
   NPN Silicon AF Transistor Low collector-emitter saturation voltage
2007-04-19
SMBTA06 INFINEON-SMBTA06 Datasheet
535Kb / 7P
   NPN Silicon AF Transistor
2011-12-19
logo
Siemens Semiconductor G...
SMBTA06M SIEMENS-SMBTA06M Datasheet
31Kb / 4P
   NPN Silicon AF Transistor
logo
Infineon Technologies A...
SMBTA06U INFINEON-SMBTA06U Datasheet
51Kb / 5P
   NPN Silicon AF Transistor Array
Nov-30-2001
More results

Similar Description - SMBTA06

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BC817 SIEMENS-BC817 Datasheet
130Kb / 5P
   NPN Silicon AF Transistors
logo
Infineon Technologies A...
BC817W INFINEON-BC817W Datasheet
47Kb / 5P
   NPN Silicon AF Transistors
Nov-29-2001
logo
Tiger Electronic Co.,Lt...
BC817 TGS-BC817 Datasheet
461Kb / 1P
   NPN Silicon AF Transistors
logo
Guangdong Kexin Industr...
KC817 KEXIN-KC817 Datasheet
40Kb / 1P
   NPN Silicon AF Transistors
KC818W KEXIN-KC818W Datasheet
67Kb / 1P
   NPN Silicon AF Transistors
logo
Infineon Technologies A...
BC846AE6327 INFINEON-BC846AE6327 Datasheet
881Kb / 13P
   NPN Silicon AF Transistors
2011-09-09
BCP54E-6327 INFINEON-BCP54E-6327 Datasheet
827Kb / 7P
   NPN Silicon AF Transistors
2011-10-13
BCP54 INFINEON-BCP54_08 Datasheet
530Kb / 7P
   NPN Silicon AF Transistors
2008-10-10
BC817 INFINEON-BC817 Datasheet
47Kb / 5P
   NPN Silicon AF Transistors
Nov-29-2001
BC846 INFINEON-BC846 Datasheet
216Kb / 8P
   NPN Silicon AF Transistors
Nov-20-2002
BCP54 INFINEON-BCP54 Datasheet
48Kb / 5P
   NPN Silicon AF Transistors
Nov-29-2001
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com