Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMBTA06M Datasheet(PDF) 3 Page - Siemens Semiconductor Group

Part # SMBTA06M
Description  NPN Silicon AF Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SMBTA06M Datasheet(HTML) 3 Page - Siemens Semiconductor Group

  SMBTA06M Datasheet HTML 1Page - Siemens Semiconductor Group SMBTA06M Datasheet HTML 2Page - Siemens Semiconductor Group SMBTA06M Datasheet HTML 3Page - Siemens Semiconductor Group SMBTA06M Datasheet HTML 4Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SMBTA 06M
Semiconductor Group
Jun-08-1998
3
Total power dissipation
Ptot = f (TA*;TS)
* Package mounted on epoxy
0
20
40
60
80
100
120 °C
150
TA,TS
0
200
400
600
800
mW
1200
TS
0
20
40
60
80
100
120 °C
150
TA,TS
0
200
400
600
800
mW
1200
TA
0
20
40
60
80
100
120 °C
150
TA,TS
0
200
400
600
800
mW
1200
Permissible Pulse Load
RthJS = f (tp)
10
-6
10
-5
10
-4
10
-3
10
-2
10
0
s
tp
-1
10
0
10
1
10
2
10
K/W
0.5
0.2
0.1
0.05
0.02
0.01
0.005
D = 0
Permissible Pulse Load
Ptotmax / PtotDC = f (tp)
10
-6
10
-5
10
-4
10
-3
10
-2
10
0
s
tp
0
10
1
10
2
10
3
10
-
D = 0
0.005
0.01
0.02
0.05
0.1
0.2
0.5
Semiconductor Group
3
1998-11-01


Similar Part No. - SMBTA06M

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SMBTA06 SIEMENS-SMBTA06 Datasheet
144Kb / 4P
   NPN Silicon AF Transistors
logo
Infineon Technologies A...
SMBTA06 INFINEON-SMBTA06 Datasheet
125Kb / 4P
   NPN Silicon AF Transistor
Feb-20-2002
SMBTA06 INFINEON-SMBTA06 Datasheet
77Kb / 7P
   NPN Silicon AF Transistor Low collector-emitter saturation voltage
2007-04-19
SMBTA06 INFINEON-SMBTA06 Datasheet
535Kb / 7P
   NPN Silicon AF Transistor
2011-12-19
SMBTA06U INFINEON-SMBTA06U Datasheet
51Kb / 5P
   NPN Silicon AF Transistor Array
Nov-30-2001
More results

Similar Description - SMBTA06M

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BCP68 INFINEON-BCP68 Datasheet
43Kb / 4P
   NPN Silicon AF Transistor
Nov-29-2001
BCP68-25 INFINEON-BCP68-25 Datasheet
518Kb / 6P
   NPN Silicon AF Transistor
2008-10-10
SMBTA06 INFINEON-SMBTA06 Datasheet
125Kb / 4P
   NPN Silicon AF Transistor
Feb-20-2002
logo
Siemens Semiconductor G...
SMBTA20 SIEMENS-SMBTA20 Datasheet
146Kb / 4P
   NPN Silicon AF Transistor
logo
Infineon Technologies A...
BC817K-40E6327 INFINEON-BC817K-40E6327 Datasheet
863Kb / 11P
   NPN Silicon AF Transistor
2011-09-19
BC817-25WE6327 INFINEON-BC817-25WE6327 Datasheet
858Kb / 11P
   NPN Silicon AF Transistor
2011-09-19
BCW65 INFINEON-BCW65 Datasheet
50Kb / 5P
   NPN Silicon AF Transistor
Jul-10-2001
BC817SU INFINEON-BC817SU_10 Datasheet
537Kb / 6P
   NPN Silicon AF Transistor
2011-08-30
BC817SU INFINEON-BC817SU_08 Datasheet
532Kb / 6P
   NPN Silicon AF Transistor
2008-10-20
BC817-16 INFINEON-BC817-16 Datasheet
864Kb / 11P
   NPN Silicon AF Transistor
2008-04-11
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com