Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCD90124ARGCR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # UCD90124ARGCR
Description  12-Rail Power Supply Sequencer and Monitor with ACPI Support and Fan Control
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCD90124ARGCR Datasheet(HTML) 4 Page - Texas Instruments

  UCD90124ARGCR Datasheet HTML 1Page - Texas Instruments UCD90124ARGCR Datasheet HTML 2Page - Texas Instruments UCD90124ARGCR Datasheet HTML 3Page - Texas Instruments UCD90124ARGCR Datasheet HTML 4Page - Texas Instruments UCD90124ARGCR Datasheet HTML 5Page - Texas Instruments UCD90124ARGCR Datasheet HTML 6Page - Texas Instruments UCD90124ARGCR Datasheet HTML 7Page - Texas Instruments UCD90124ARGCR Datasheet HTML 8Page - Texas Instruments UCD90124ARGCR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 51 page
background image
UCD90124A
SLVSAN8
– JANUARY 2012
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
NOM
MAX
UNIT
MARGINING OUTPUTS
TPWM_FREQ
MARGINING-PWM frequency
FPWM1-8
15.260
125000
kHz
PWM3-4
0.001
7800
DUTYPWM
MARGINING-PWM duty cycle range
0
100
%
SYSTEM PERFORMANCE
VDDSlew
Minimum VDD slew rate
VDD slew rate between 2.3 V and 2.9 V
0.25
V/ms
Supply voltage at which device comes
VRESET
For power-on reset (POR)
2.4
V
out of reset
tRESET
Low-pulse duration needed at RESET pin
To reset device during normal operation
2
μS
f(PCLK)
Internal oscillator frequency
TA = 125°C, TA = 25°C
240
250
260
MHz
tretention
Retention of configuration parameters
TJ = 25°C
100
Years
Write_Cycles
Number of nonvolatile erase/write cycles
TJ = 25°C
20
K cycles
4
Submit Documentation Feedback
Copyright
© 2012, Texas Instruments Incorporated
Product Folder Link(s) :UCD90124A


Similar Part No. - UCD90124ARGCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCD90124 TI-UCD90124 Datasheet
2Mb / 44P
[Old version datasheet]   12-Rail Sequencer and System Health Monitor With Fan Control
UCD90124 TI-UCD90124 Datasheet
2Mb / 46P
[Old version datasheet]   12-Rail Sequencer and System Health Monitor With Fan Control
UCD90124RGCR TI-UCD90124RGCR Datasheet
2Mb / 44P
[Old version datasheet]   12-Rail Sequencer and System Health Monitor With Fan Control
UCD90124RGCR TI-UCD90124RGCR Datasheet
2Mb / 46P
[Old version datasheet]   12-Rail Sequencer and System Health Monitor With Fan Control
UCD90124RGCT TI-UCD90124RGCT Datasheet
2Mb / 44P
[Old version datasheet]   12-Rail Sequencer and System Health Monitor With Fan Control
More results

Similar Description - UCD90124ARGCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCD90120A TI1-UCD90120A Datasheet
1Mb / 43P
[Old version datasheet]   12-Rail Power Supply Sequencer and Monitor with ACPI Support
UCD90120A TI1-UCD90120A_15 Datasheet
1Mb / 58P
[Old version datasheet]   12-Rail Power Supply Sequencer and Monitor With ACPI Support
UCD90160 TI1-UCD90160 Datasheet
1Mb / 41P
[Old version datasheet]   16-Rail Power Supply Sequencer and Monitor with ACPI Support
UCD9090 TI-UCD9090 Datasheet
1Mb / 48P
[Old version datasheet]   10-Rail Power Supply Sequencer and Monitor with ACPI Support
UCD9090-Q1 TI1-UCD9090-Q1 Datasheet
1Mb / 48P
[Old version datasheet]   10-Rail Power-Supply Sequencer and Monitor With ACPI Support
UCD9090 TI1-UCD9090 Datasheet
1Mb / 55P
[Old version datasheet]   10-Rail Power Supply Sequencer and Monitor With ACPI Support
UCD90124 TI-UCD90124_1 Datasheet
2Mb / 46P
[Old version datasheet]   12-Rail Sequencer and System Health Monitor With Fan Control
UCD90124 TI-UCD90124 Datasheet
2Mb / 44P
[Old version datasheet]   12-Rail Sequencer and System Health Monitor With Fan Control
UCD9090A TI1-UCD9090A Datasheet
1Mb / 54P
[Old version datasheet]   10-Rail Power Supply Sequencer and Monitor
UCD90160A TI1-UCD90160A Datasheet
2Mb / 59P
[Old version datasheet]   16-Rail Power Supply Sequencer and Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com