Electronic Components Datasheet Search |
|
ULN2003V12DR Datasheet(PDF) 3 Page - Texas Instruments |
|
|
ULN2003V12DR Datasheet(HTML) 3 Page - Texas Instruments |
3 / 18 page ULN2003V12 www.ti.com SLRS060A – MAY 2012 – REVISED JUNE 2012 ELECTRICAL CHARACTERISTICS Specified over the recommended junction temperature range TJ = –40°C to 125°C unless otherwise noted. Typical values are at TJ = 25°C. PARAMETER TEST CONDITIONS MIN TYP MAX UNIT INPUTS IN1 THROUGH IN7 PARAMETERS VI(ON) IN1–IN7 logic high input voltage Vpull-up = 3.3 V, Rpull-up = 1 kΩ, IOUTX = 3.2 mA 1.65 V Vpull-up = 3.3 V, Rpull-up = 1 kΩ, VI(OFF) IN1–IN7 logic low input voltage 0.6 (IOUTX < 20 µA) II(ON) IN1–IN7 ON state input current Vpull-up = 12 V, VINx = 3.3 V 12 25 uA II(OFF) IN1–IN7 OFF state input leakage Vpull-up = 12 V, VINx = 0 V 250 nA OUTPUTS OUT1 THROUGH OUT7 PARAMETERS VINX = 3.3 V, IOUTX = 20 mA 0.12 0.15 VINX = 3.3 V, IOUTX = 100 mA 0.60 0.75 VOL(VCE-SAT) OUT1–OUT7 low-level output voltage V VINX = 5.0 V, IOUTX = 20 mA 0.09 0.11 VINX = 5.0 V, IOUTX = 140 mA 0.60 0.75 VINX = 3.3 V, VOUTX = 0.6 V 80 100 OUT1–OUT7 ON-state continuous IOUT(ON) mA current(1) (2) at VOUTX = 0.6V VINX = 5.0 V, VOUTX = 0.6 V 95 140 IOUT(OFF)(ICEX) OUT1–OUT7 OFF-state leakage current VINX = 0 V, VOUTX = VCOM = 16 V 0.5 µA SWITCHING PARAMETERS(3)(4) tPHL OUT1–OUT7 logic high propagation delay VINX = 3.3V, Vpull-up = 12 V, Rpull-up = 1 kΩ 50 ns tPLH OUT1–OUT7 logic low propagation delay VINX = 3.3V, Vpull-up = 12 V, Rpull-up = 1 kΩ 121 ns RPD IN1–IN7 input pull-down Resistance 210k 300k 390k Ω ζ IN1–IN7 Input filter time constant 9 ns COUT OUT1–OUT7 output capacitance VINX = 3.3 V, VOUTX = 0.4 V 15 pF FREE-WHEELING DIODE PARAMETERS(5)(4) VF Forward voltage drop IF-peak = 140 mA, VF = VOUTx – VCOM 1.2 V IF-peak Diode peak forward current 140 mA (1) The typical continuous current rating is limited by VOL= 0.6V. Whereas, absolute maximum operating continuous current may be limited by the Thermal Performance parameters listed in the Dissipation Rating Table and other Reliability parameters listed in the Recommended Operating Conditions Table. (2) Refer to the Absolute Maximum Ratings Table for TJ dependent absolute maximum GND-pin current. (3) Rise and Fall propagation delays, tPHL and tPLH, are measured between 50% values of the input and the corresponding output signal amplitude transition. (4) Guaranteed by design only. (5) Not rated for continuous current operation – for higher reliability use an external freewheeling diode for inductive loads resulting in more than specified maximum free-wheeling. diode peak current across various temperature conditions Copyright © 2012, Texas Instruments Incorporated Submit Documentation Feedback 3 Product Folder Link(s): ULN2003V12 |
Similar Part No. - ULN2003V12DR |
|
Similar Description - ULN2003V12DR |