Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PF0033 Datasheet(PDF) 5 Page - Elektron Components Ltd.

Part # PF0033
Description  POLYSNAP짰 POWER INLET MODULES
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BULGIN [Elektron Components Ltd.]
Direct Link  http://www.bulgin.co.uk
Logo BULGIN - Elektron Components Ltd.

PF0033 Datasheet(HTML) 5 Page - Elektron Components Ltd.

  PF0033 Datasheet HTML 1Page - Elektron Components Ltd. PF0033 Datasheet HTML 2Page - Elektron Components Ltd. PF0033 Datasheet HTML 3Page - Elektron Components Ltd. PF0033 Datasheet HTML 4Page - Elektron Components Ltd. PF0033 Datasheet HTML 5Page - Elektron Components Ltd. PF0033 Datasheet HTML 6Page - Elektron Components Ltd. PF0033 Datasheet HTML 7Page - Elektron Components Ltd. PF0033 Datasheet HTML 8Page - Elektron Components Ltd. PF0033 Datasheet HTML 9Page - Elektron Components Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
Note: For technical details of individual components please see page 106
For Filtered inlet use 6th to 9th characters from filter
ordering code see pages 127-129.
E.g. BZV01/A0620/10
BZV01/Z0000/10
Fused Inlet with 2.8mm or
6.3mm tags
Double Pole Switch or
Indicator Variations
Filtered Inlet Option
Options of I/O marked
switches
BZVxx / xxxxx / xx
How to Order
Type of Inlet / Outlet
Single Fused C14 Power Inlet (cold condition),
6.3 or 2.8mm tabs:
01 = PF0011/63
02 = PF0011/28
Twin Fused C14 Power Inlet (cold condition),
6.3 or 2.8mm tabs:
15 = PF0033/63
16 = PF0033/28
Filtered or Non Filtered Inlet
Z0000 = Non Filtered
Axxxx = Standard
Bxxxx = Medical (Twin Fuse Version only)
Combination of Other Components
Neon Indicator:
D3 = Red Neon Indicator
Double Pole Switch:
10 = D.P. Switch
Double Pole Neon Switch:
11 = D.P. Red Neon Switch
12 = D.P. Green Neon Switch
Double Pole High Inrush Switch:
13 = D.P. High Inrush Switch
Double Pole Switch Marked I/O:
70 = D.P. Switch (I/O)
Double Pole Neon Switch Marked (I/O):
76 = D.P. Red Neon Switch (I/O)
77 = D.P. Green Neon Switch (I/O)
Double Pole High Inrush Switch Marked
(I/O):
78 = D.P. High Inrush Switch (I/O)
B1 = D.P. High Inrush Green Neon Switch
(I/O)
C14 IEC Fused Inlet - Vertical
VERTICAL MODULE ARRANGEMENT
www.elektron-bulgin.com
109
Conns1 - Polysnap 2010:Conns1 - Polysnap 2005
8/6/10
16:53
Page 109


Similar Part No. - PF0033

ManufacturerPart #DatasheetDescription
logo
Elektron Components Ltd...
PF0033 BULGIN-PF0033 Datasheet
85Kb / 1P
   Accessories
PF0033/10/28 BULGIN-PF0033/10/28 Datasheet
125Kb / 1P
   EN60 320-1 Standard Sheet C14 Class I Cold Condition (Fused, Twin)
More results

Similar Description - PF0033

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BVA01Z000001 ETC2-BVA01Z000001 Datasheet
90Kb / 2P
   POLYSNAP POWER INLET MODULES
BVA01Z000010 ETC2-BVA01Z000010 Datasheet
68Kb / 2P
   POLYSNAP POWER INLET MODULES
BZH01Z000010 ETC2-BZH01Z000010 Datasheet
67Kb / 2P
   POLYSNAP POWER INLET MODULES
logo
Bel Fuse Inc.
SPSPFE3-07 BEL-SPSPFE3-07 Datasheet
1Mb / 17P
   Two separate DC inputs, one DC inlet powers 3 power modules.
SPSPFF3-0X BEL-SPSPFF3-0X Datasheet
1Mb / 14P
   Two separate DC inputs, one DC inlet powers 3 power modules
logo
TE Connectivity Ltd
SR TEC-SR_V01 Datasheet
253Kb / 2P
   Power Inlet Connectors
logo
Tyco Electronics
6ESRM-P MACOM-6ESRM-P_11 Datasheet
253Kb / 2P
   Power Inlet Connectors
logo
Switchcraft, Inc.
RAPC322 SWITCH-RAPC322_1 Datasheet
106Kb / 1P
   Power Inlet Socket
RAPC322 SWITCH-RAPC322 Datasheet
65Kb / 1P
   POWER INLET SOCKET
logo
Bel Fuse Inc.
SPSTET4-02 BEL-SPSTET4-02 Datasheet
837Kb / 12P
   3x single-phase inputs, one AC inlet power up 2 PSU modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com