Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS7A33 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS7A33
Description  ??6-V, ??-A, Ultralow-Noise Negative Voltage Regulator
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS7A33 Datasheet(HTML) 4 Page - Texas Instruments

  TPS7A33 Datasheet HTML 1Page - Texas Instruments TPS7A33 Datasheet HTML 2Page - Texas Instruments TPS7A33 Datasheet HTML 3Page - Texas Instruments TPS7A33 Datasheet HTML 4Page - Texas Instruments TPS7A33 Datasheet HTML 5Page - Texas Instruments TPS7A33 Datasheet HTML 6Page - Texas Instruments TPS7A33 Datasheet HTML 7Page - Texas Instruments TPS7A33 Datasheet HTML 8Page - Texas Instruments TPS7A33 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
Where:
V
OUT
R + R
1
2
³ 5
A, and
m
V
OUT
V
REF
- 1
R = R
1
2
TPS7A3301
OUT
FB
GND
C
10 F
IN
m
C
1 F
NR/SS
m
R
1
1.24 M
W
R
2
105 k
W
C
10 nF
FF
C
47 F
OUT
m
IN
EN
NR/SS
V
IN
V
OUT =
15 V
-
OUT
NC
FB
NC
NC
IN
NR/SS
EN
NC
NC
GND
1
2
3
4
5
15
14
13
12
11
GND OUT
NR/SS
1
2
3
4
5
6
IN
NC
EN
FB
7
TPS7A33
SBVS169B – DECEMBER 2011 – REVISED MARCH 2012
www.ti.com
PARAMETRIC MEASUREMENT INFORMATION
TYPICAL APPLICATION CIRCUIT
Maximize PSRR Performance and Minimize RMS Noise
PIN CONFIGURATIONS
KC PACKAGE
RGW PACKAGE
TO-220-7
5-mm × 5-mm QFN-20
(TOP VIEW)
(TOP VIEW)
PIN DESCRIPTIONS
NO.
NAME
KC
RGW(1)
DESCRIPTION
This pin turns the regulator on or off. If VEN ≥ V+EN_HI or VEN ≤ V–EN_HI, the regulator is enabled.
EN
1
13
If V+EN_LO ≥ VEN ≥ V–EN_LO, the regulator is disabled. The EN pin can be connected to IN, if not used. |VEN| ≤ |VIN|.
This pin is the input to the control-loop error amplifier. It is used to set the output voltage of the device. It is
FB
7
3
recommended to connect a 0.01-µF capacitor from FB to OUT (as close to the device as possible) to maximize ac
performance.
GND
4
7
Ground
Input supply. A capacitor greater than or equal to 10 nF must be tied from this pin to ground to assure stability. It is
recommended to connect a 10-µF capacitor from IN to GND (as close to the device as possible) to reduce circuit
IN
3
15, 16
sensitivity to printed-circuit-board (PCB) layout, especially when long input traces or high source impedances are
encountered.
2, 4-6, 8-12,
NC
5
This pin can be left open or tied to any voltage between GND and IN.
17-19
Noise reduction pin. A capacitor connected from this pin to GND controls the soft-start function and allows RMS noise to
NR/SS
2
14
be reduced to very low levels. It is recommended to connect a 1-µF capacitor from NR/SS to GND (as close to the
device as possible) to bypass the noise generated by the internal bandgap and maximize ac performance.
Regulator output. A capacitor greater than or equal to 10 µF must be tied from this pin to ground to assure stability. It is
OUT
6
1, 20
recommended to connect a 47-µF ceramic capacitor from OUT to GND (as close to the device as possible) to maximize
ac performance.
Tab
Tab
TAB is internally connected to GND. An external heatsink can be installed to provide additional thermal performance.
(1)
RGW is a product-preview device.
4
Submit Documentation Feedback
Copyright © 2011–2012, Texas Instruments Incorporated


Similar Part No. - TPS7A33

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7A3301 TI1-TPS7A3301 Datasheet
1Mb / 26P
[Old version datasheet]   ??6-V, ??-A, Ultralow-Noise Negative Voltage Regulator
TPS7A3301KC TI1-TPS7A3301KC Datasheet
1Mb / 26P
[Old version datasheet]   ??6-V, ??-A, Ultralow-Noise Negative Voltage Regulator
TPS7A3301RGWR TI1-TPS7A3301RGWR Datasheet
1Mb / 26P
[Old version datasheet]   ??6-V, ??-A, Ultralow-Noise Negative Voltage Regulator
TPS7A3301RGWT TI1-TPS7A3301RGWT Datasheet
1Mb / 26P
[Old version datasheet]   ??6-V, ??-A, Ultralow-Noise Negative Voltage Regulator
More results

Similar Description - TPS7A33

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7A3301 TI1-TPS7A3301 Datasheet
1Mb / 26P
[Old version datasheet]   ??6-V, ??-A, Ultralow-Noise Negative Voltage Regulator
TPS7A3001 TI1-TPS7A3001 Datasheet
847Kb / 24P
[Old version datasheet]   ??6V, ??00mA, Ultralow-Noise, Negative LINEAR REGULATOR
TPS7A3001-EP TI-TPS7A3001-EP_15 Datasheet
884Kb / 25P
[Old version datasheet]   ??6V, ??00mA, ULTRALOW-NOISE, NEGATIVE LINEAR REGULATOR
logo
Analog Devices
LT3094 AD-LT3094 Datasheet
2Mb / 34P
   Ultralow Noise, Ultrahigh PSRR Negative Linear Regulator
logo
Texas Instruments
TPS7A30XX TI-TPS7A30XX Datasheet
766Kb / 23P
[Old version datasheet]   -36V, -200mA, Ultralow-Noise, Negative LINEAR REGULATOR
logo
Analog Devices
LT3093 AD-LT3093 Datasheet
4Mb / 32P
   Ultralow Noise, Ultrahigh PSRR Negative Linear Regulator
logo
Texas Instruments
TPS7A3001-EP TI1-TPS7A3001-EP Datasheet
981Kb / 25P
[Old version datasheet]   ??6V, ??00mA, ULTRALOW-NOISE, NEGATIVE LINEAR REGULATOR
TPS7A30XX TI-TPS7A30XX_11 Datasheet
699Kb / 24P
[Old version datasheet]   -36V, -200mA, Ultralow-Noise, Negative LINEAR REGULATOR
TPS7A30 TI1-TPS7A30 Datasheet
1Mb / 40P
[Old version datasheet]   TPS7A30 ??5-V, ??00-mA, Ultralow-Noise, Negative Linear Regulator
TPS7A3401 TI-TPS7A3401 Datasheet
593Kb / 18P
[Old version datasheet]   -20-V, -200-mA, Low-Noise NEGATIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com