Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS7A33 Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # TPS7A33
Description  ??6-V, ??-A, Ultralow-Noise Negative Voltage Regulator
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS7A33 Datasheet(HTML) 15 Page - Texas Instruments

Back Button TPS7A33 Datasheet HTML 11Page - Texas Instruments TPS7A33 Datasheet HTML 12Page - Texas Instruments TPS7A33 Datasheet HTML 13Page - Texas Instruments TPS7A33 Datasheet HTML 14Page - Texas Instruments TPS7A33 Datasheet HTML 15Page - Texas Instruments TPS7A33 Datasheet HTML 16Page - Texas Instruments TPS7A33 Datasheet HTML 17Page - Texas Instruments TPS7A33 Datasheet HTML 18Page - Texas Instruments TPS7A33 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
P =(V
V
)I
-
D
IN
OUT
OUT
TPS7A33
www.ti.com
SBVS169B – DECEMBER 2011 – REVISED MARCH 2012
LAYOUT
POWER DISSIPATION
The primary TPS7A33 application is to provide ultralow noise voltage rails to high-performance analog circuitry in
order to maximize system accuracy and precision. The high-current and high-voltage characteristics of this
regulator means that, often enough, high power (heat) is dissipated from the device itself. This heat, if dissipated
into the PCB (as is the case with SMT packages), creates a temperature gradient in the surrounding area that
causes nearby components to react to this temperature change (drift). In high-performance systems, such drift
may degrade overall system accuracy and precision.
Compared to surface-mount packages, the TO-220 (KC) package allows for an external heatsink to be used to
maximize thermal performance and keep heat from dissipating into the PCB.
Power dissipation depends on input voltage and load conditions. Power dissipation (PD) is equal to the product of
the output current times the voltage drop across the output pass element, as shown in Equation 2:
(2)
THERMAL PERFORMANCE AND HEATSINK SELECTION
Heat flows from the device to the ambient air through many paths, each of which represents resistance to the
heat flow; this is called thermal resistance.
The total thermal resistance of a system is defined by:
θJA = (TJ – TA)/PD; where: θJA is the thermal resistance (in
°C/W), TJ is the allowable juntion temperature of the device (in °C), TA is the maximum temperature of the
ambient cooling air (in °C), and PD is the amount of power (heat) dissipated by the device (in W).
Whenever a heatsink is installed, the total thermal resistance (
θJA) is the sum of all the individual resistances
from the device, going through its case and heatsink to the ambient cooling air (
θJA = θJC + θCS + θSA).
Reallistically, only two resistances can be controlled:
θCS and θSA. Therefore, for a device with a known θJC, θCS
and
θSA become the main design variables in selecting a heat sink.
The thermal interface between the case and the heat sink (
θCS) is controlled by selecting the correct heat-
conducting material. Once the
θCS is selected, the required thermal resistance from the heatsink to ambient is
calculated by the following equation:
θSA = [(TJ – TA)/PD] – [θJC+ θCS]. This information allows the the most
appropriate heatsink to be selected for any particular application.
PACKAGE MOUNTING
The TO-220 (KC) 7-lead, straight-formed package lead spacing poses a challenge when creating a suitable PCB
footprint without bending the leads. Component forming pliers, such as Excelta's Q-6482, can be used to
manually bend the package leads into a 7-lead stagger pattern with increased lead spacing that can be more
easily used.
The TPS7A33 evaluation board layout can be used as a guideline on suitable PCB footprints, available at
www.ti.com
BOARD LAYOUT RECOMMENDATIONS TO IMPROVE PSRR AND NOISE PERFORMANCE
To improve ac performance such as PSRR, output noise, and transient response, it is recommended that the
board be designed with separate planes for IN, OUT, and GND. The IN and OUT planes should be isolated from
each other by a GND plane section. In addition, the ground connection for the output capacitor should connect
directly to the GND pin of the device.
Equivalent series inductance (ESL) and equivalent series resistance (ESR) must be minimized in order to
maximize performance and ensure stability. Every capacitor (CIN, COUT, CNR/SS, CFF) must be placed as close as
possible to the device and on the same side of the printed circuit board (PCB) as the regulator itself.
Do not place any of the capacitors on the opposite side of the PCB from where the regulator is installed. The use
of vias and long traces is strongly discouraged because they may impact system performance negatively and
even cause instability.
If possible, and to ensure the maximum performance specified in this product datasheet, use the same layout
pattern used for the TPS7A33 evaluation board, available at www.ti.com.
Copyright © 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback
15


Similar Part No. - TPS7A33

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7A3301 TI1-TPS7A3301 Datasheet
1Mb / 26P
[Old version datasheet]   ??6-V, ??-A, Ultralow-Noise Negative Voltage Regulator
TPS7A3301KC TI1-TPS7A3301KC Datasheet
1Mb / 26P
[Old version datasheet]   ??6-V, ??-A, Ultralow-Noise Negative Voltage Regulator
TPS7A3301RGWR TI1-TPS7A3301RGWR Datasheet
1Mb / 26P
[Old version datasheet]   ??6-V, ??-A, Ultralow-Noise Negative Voltage Regulator
TPS7A3301RGWT TI1-TPS7A3301RGWT Datasheet
1Mb / 26P
[Old version datasheet]   ??6-V, ??-A, Ultralow-Noise Negative Voltage Regulator
More results

Similar Description - TPS7A33

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7A3301 TI1-TPS7A3301 Datasheet
1Mb / 26P
[Old version datasheet]   ??6-V, ??-A, Ultralow-Noise Negative Voltage Regulator
TPS7A3001 TI1-TPS7A3001 Datasheet
847Kb / 24P
[Old version datasheet]   ??6V, ??00mA, Ultralow-Noise, Negative LINEAR REGULATOR
TPS7A3001-EP TI-TPS7A3001-EP_15 Datasheet
884Kb / 25P
[Old version datasheet]   ??6V, ??00mA, ULTRALOW-NOISE, NEGATIVE LINEAR REGULATOR
logo
Analog Devices
LT3094 AD-LT3094 Datasheet
2Mb / 34P
   Ultralow Noise, Ultrahigh PSRR Negative Linear Regulator
logo
Texas Instruments
TPS7A30XX TI-TPS7A30XX Datasheet
766Kb / 23P
[Old version datasheet]   -36V, -200mA, Ultralow-Noise, Negative LINEAR REGULATOR
logo
Analog Devices
LT3093 AD-LT3093 Datasheet
4Mb / 32P
   Ultralow Noise, Ultrahigh PSRR Negative Linear Regulator
logo
Texas Instruments
TPS7A3001-EP TI1-TPS7A3001-EP Datasheet
981Kb / 25P
[Old version datasheet]   ??6V, ??00mA, ULTRALOW-NOISE, NEGATIVE LINEAR REGULATOR
TPS7A30XX TI-TPS7A30XX_11 Datasheet
699Kb / 24P
[Old version datasheet]   -36V, -200mA, Ultralow-Noise, Negative LINEAR REGULATOR
TPS7A30 TI1-TPS7A30 Datasheet
1Mb / 40P
[Old version datasheet]   TPS7A30 ??5-V, ??00-mA, Ultralow-Noise, Negative Linear Regulator
TPS7A3401 TI-TPS7A3401 Datasheet
593Kb / 18P
[Old version datasheet]   -20-V, -200-mA, Low-Noise NEGATIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com