Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELM327SM Datasheet(PDF) 1 Page - ELM Electronics

Part # ELM327SM
Description  OBD to RS232 Interpreter
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM327SM Datasheet(HTML) 1 Page - ELM Electronics

  ELM327SM Datasheet HTML 1Page - ELM Electronics ELM327SM Datasheet HTML 2Page - ELM Electronics ELM327SM Datasheet HTML 3Page - ELM Electronics ELM327SM Datasheet HTML 4Page - ELM Electronics ELM327SM Datasheet HTML 5Page - ELM Electronics ELM327SM Datasheet HTML 6Page - ELM Electronics ELM327SM Datasheet HTML 7Page - ELM Electronics ELM327SM Datasheet HTML 8Page - ELM Electronics ELM327SM Datasheet HTML 9Page - ELM Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 76 page
background image
ELM327
Elm Electronics – Circuits for the Hobbyist
www.elmelectronics.com
OBD to RS232 Interpreter
Almost all of the automobiles produced today
are required, by law, to provide an interface for the
connection of diagnostic test equipment. The data
transfer on these interfaces follow several standards,
but none of them are directly usable by PCs or smart
devices. The ELM327 is designed to act as a bridge
between these On-Board Diagnostics (OBD) ports
and a standard RS232 interface.
In addition to being able to automatically detect
and interpret nine OBD protocols, the ELM327 also
provides support for high speed communications, a
low power sleep mode, and the J1939 truck and bus
standard. It is also completely customizable, should
you wish to alter it to more closely suit your needs.
The following pages discuss all of the ELM327’s
features in detail, how to use it and configure it, as
well as providing some background information on
the protocols that are supported. There are also
schematic diagrams and tips to help you to interface
to microprocessors, construct a basic scan tool, and
to reduce power consumption.
• Power Control with standby mode
• RS232 baud rates to 500 kbps
• Automatically searches for protocols
• Fully configurable with AT commands
• Low power CMOS design
• Diagnostic trouble code readers
• Automotive scan tools
• Teaching aids
Description
Applications
Block Diagram
Features
1 of 76
Connection Diagram
PDIP and SOIC
(top view)
OBD Tx LED
OBD Rx LED
RS232 Tx LED
RS232 Rx LED
CAN Rx
CAN Tx
ISO L
ISO K
VDD
RS232 Rx
RS232 Tx
PwrCtrl / Busy
IgnMon / RTS
MCLR
Memory
Baud Rate
LFmode
J1850 Volts
XT1
XT2
VSS
ISO In
PWM In
J1850 Bus+
VPW In
J1850 Bus-
Vmeasure
VSS
18
17
Command
and
Protocol
Interpreter
6
RS232Tx
RS232Rx
LFmode
RS232
Interface
2
7
ISO 15765-4
SAE J1939
ISO 9141-2
ISO 14230-4
SAE J1850
PWM & VPW
24
23
A/D
Converter
15
16
Baud Rate
5
Memory
OBD interfaces
1
PwrCtrl / Busy
12
22
21
11
13
4
3
14
4.00 MHz
9
10
XT1
XT2
MCLR
Vmeasure
IgnMon / RTS
26
27
status LEDs
25
28
Power
Control
ELM327DSH


Similar Part No. - ELM327SM

ManufacturerPart #DatasheetDescription
logo
ELM Electronics
ELM327SM ELM-ELM327SM Datasheet
231Kb / 51P
   OBD to RS232 Interpreter
More results

Similar Description - ELM327SM

ManufacturerPart #DatasheetDescription
logo
ELM Electronics
ELM327 ELM-ELM327_1 Datasheet
231Kb / 51P
   OBD to RS232 Interpreter
logo
List of Unclassifed Man...
ELM327 ETC1-ELM327 Datasheet
24Kb / 5P
   OBD to RS232 Interpreter
logo
ELM Electronics
ELM327 ELM-ELM327_13 Datasheet
393Kb / 82P
   OBD to RS232 Interpreter
ELM323 ELM-ELM323 Datasheet
125Kb / 19P
   OBD (ISO) to RS232 Interpreter
ELM322 ELM-ELM322 Datasheet
118Kb / 18P
   OBD (VPW) to RS232 Interpreter
ELM322 ELM-ELM322_09 Datasheet
91Kb / 18P
   OBD (VPW) to RS232 Interpreter
ELM323 ELM-ELM323_09 Datasheet
97Kb / 19P
   OBD (ISO) to RS232 Interpreter
ELM320 ELM-ELM320 Datasheet
100Kb / 16P
   OBD (PWM) TO RS232 INTERPRETER
ELM320 ELM-ELM320_09 Datasheet
80Kb / 16P
   OBD (PWM) to RS232 Interpreter
logo
List of Unclassifed Man...
STN1110 ETC1-STN1110 Datasheet
612Kb / 24P
   Multiprotocol OBD to UART Interpreter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com