Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELM334P Datasheet(PDF) 5 Page - ELM Electronics

Part # ELM334P
Description  Garage Doorman
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM334P Datasheet(HTML) 5 Page - ELM Electronics

  ELM334P Datasheet HTML 1Page - ELM Electronics ELM334P Datasheet HTML 2Page - ELM Electronics ELM334P Datasheet HTML 3Page - ELM Electronics ELM334P Datasheet HTML 4Page - ELM Electronics ELM334P Datasheet HTML 5Page - ELM Electronics ELM334P Datasheet HTML 6Page - ELM Electronics ELM334P Datasheet HTML 7Page - ELM Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5 of 7
ELM334DSC
Elm Electronics – Circuits for the Hobbyist
< http://www.elmelectronics.com/ >
Example Applications
The following pages show a few circuits that may
help you get started with the ELM334. They show
everything from a minimal circuit to a typical full
implementation
that
you
may
wish
to
try.
We
encourage experimentation, and hope that you enjoy
doing so.
The first circuit (Figure 2) shows the absolute
minimum required to use the ELM334 IC. A single
(normally closed) contact is connected between pin 6
and circuit common, while a single green LED is
connected between pins 2 and 3. We do not use a
current limiting resistor in series with the LED, as the
ELM334 has fairly high output resistance when
operated with a 3V supply, and will limit the LED
current. Two ‘AA’ batteries in series provide the 3V
source to operate the circuit.
Normally, the door closed switch is closed when
the door is, and opens when the door does (this could
be a magnetic switch, or a mechanical contact). When
the door opens then, the contact does too, and the pin
6 input goes high. With the pin 7 input low, the green
LED will turn off (see Figure 1 for the pin logic). If we
had connected a dual red/green LED, the red LED
would turn on when the door opens.
Figure 2 would likely work well if experimenting on
the bench, but really requires more circuitry to make it
more reliable for ‘real world’ operation. Figure 3 shows
the recommended additions to make a more reliable
circuit. Note that we have now shown a ground symbol
to represent the circuit common (battery negative), just
to simplify the schematic. This new circuit shows a
capacitor across the IC supply terminals, to prevent
noise generated internally by the ELM334 from
affecting the supply voltage, and thus the complete
circuit. We’ve also added a few resistors on both the
input and the output sides of the IC, mostly to protect it
from the effects of induced voltages and currents
which can cause a phenomenon called ‘latch-up’ in
some CMOS circuits. If the door closed switch or the
LED is more than a few feet away from the ELM334,
these extra resistors should be added.
Functionally, the circuit in Figure 3 operates in
exactly the same manner as the one in Figure 2.
Figure 2. Absolute Minimum ELM334 Circuit
Figure 3. A Better Minimal ELM334 Circuit
1
2
3
4
8
7
6
5
green
door
closed
3V
green
door
closed
3V
+3V
2.2K
5.1K
+3V
1
2
3
4
8
7
6
5
+3V
0.1µF
100
100


Similar Part No. - ELM334P

ManufacturerPart #DatasheetDescription
logo
ELM Electronics
ELM334P ELM-ELM334P Datasheet
29Kb / 4P
   GARAGE DOORMAN
More results

Similar Description - ELM334P

ManufacturerPart #DatasheetDescription
logo
ELM Electronics
ELM334 ELM-ELM334 Datasheet
29Kb / 4P
   GARAGE DOORMAN
logo
List of Unclassifed Man...
TR-SS1-E36G ETC2-TR-SS1-E36G Datasheet
782Kb / 2P
   Integrated LED Garage Module
logo
Silicon Laboratories
SI4362 SILABS-SI4362 Datasheet
1Mb / 46P
   Garage and gate openers
logo
List of Unclassifed Man...
RD-747 ETC2-RD-747 Datasheet
745Kb / 15P
   Active RFID Garage Door Control System
RD-710 ETC2-RD-710 Datasheet
1Mb / 9P
   Garage Door/Door Opener/Electronic Gate Remote Controller
RD-710F ETC2-RD-710F Datasheet
1Mb / 9P
   Garage Door/Door Opener/Electronic Gate Remote Controller
logo
Shoulder Electronics Li...
HDR360MS20 SHOULDER-HDR360MS20 Datasheet
119Kb / 6P
   This specification is applied to a SAW resonator designed for the stabilization of transmitters such as garage door openers and security transmitters.
HDR154MF11 SHOULDER-HDR154MF11 Datasheet
106Kb / 5P
   This specification is applied to a SAW resonator designed for the stabilization of transmitters such as garage door openers and security transmitters.
HDR315MS4 SHOULDER-HDR315MS4 Datasheet
153Kb / 8P
   This specification is applied to a SAW resonator designed for the stabilization of transmitters such as garage door openers and security transmitters.
HDR2245MF11 SHOULDER-HDR2245MF11 Datasheet
103Kb / 5P
   This specification is applied to a SAW resonator designed for the stabilization of transmitters such as garage door openers and security transmitters.
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com