Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELM401P Datasheet(PDF) 8 Page - ELM Electronics

Part # ELM401P
Description  Rotary Encoder Debounce Circuit
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM401P Datasheet(HTML) 8 Page - ELM Electronics

  ELM401P Datasheet HTML 1Page - ELM Electronics ELM401P Datasheet HTML 2Page - ELM Electronics ELM401P Datasheet HTML 3Page - ELM Electronics ELM401P Datasheet HTML 4Page - ELM Electronics ELM401P Datasheet HTML 5Page - ELM Electronics ELM401P Datasheet HTML 6Page - ELM Electronics ELM401P Datasheet HTML 7Page - ELM Electronics ELM401P Datasheet HTML 8Page - ELM Electronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Figure 4 below shows how the ELM401 might be
used with a microprocessor. Power for the ELM401
has been obtained from the microprocessor circuit,
and a small capacitor has been added to ensure that
the supply is filtered. The positive supply has been
shown simply as VDD, since the ELM401 will operate
with any voltage from 2.0 to 5.5 volts.
The circuit uses 10 K
Ω pullup resistors with the
rotary encoder signals in order to convert the signal
from the dry contacts into one that swings from VDD to
VSS. The momentary pushbutton contact from the
encoder is treated no differently than the ones from the
encoder wheel. Since both ICs share the same supply,
they can be directly connected as shown.
That’s about all there is to using the ELM401 in
your circuit. Connect pullup resistors to your rotary
encoder signals, connect the encoder signals to the
ELM401, then connect the ELM401 to the controlled
circuit. Use a common supply for all the devices, and
add a small bypass capacitor across the supply line.
The
controlled
devices
can
be
digital
pots,
microprocessors, or almost any circuit that will accept
CMOS signals. Enjoy!
Example Application
8 of 8
ELM401DSB
Elm Electronics – Circuits for the Hobbyist
www.elmelectronics.com
ELM401
Figure 4. Connecting the ELM401 to a microprocessor
0.01µF
your microprocessor
port pins
1
2
3
4
8
7
6
5
VDD
VDD
VDD
10 K
10 K
A
B
rotary
encoder
C
Sw
10 K
VDD


Similar Part No. - ELM401P

ManufacturerPart #DatasheetDescription
logo
ELM Electronics
ELM402 ELM-ELM402 Datasheet
59Kb / 9P
   Rotary Decoder - 2 wire 2x Interface
ELM402P ELM-ELM402P Datasheet
59Kb / 9P
   Rotary Decoder - 2 wire 2x Interface
ELM402SM ELM-ELM402SM Datasheet
59Kb / 9P
   Rotary Decoder - 2 wire 2x Interface
ELM403 ELM-ELM403 Datasheet
60Kb / 9P
   Rotary Decoder - 2 wire 4x Interface
ELM403P ELM-ELM403P Datasheet
60Kb / 9P
   Rotary Decoder - 2 wire 4x Interface
More results

Similar Description - ELM401P

ManufacturerPart #DatasheetDescription
logo
ELM Electronics
ELM409 ELM-ELM409 Datasheet
57Kb / 8P
   Versatile Debounce Circuit
ELM410 ELM-ELM410 Datasheet
28Kb / 4P
   Triple Debounce Circuit
ELM411 ELM-ELM411 Datasheet
28Kb / 4P
   Debounce Circuit with Latch
logo
TT Electronics.
EN12 TTELEC-EN12 Datasheet
587Kb / 3P
   Rotary Encoder
EN16 TTELEC-EN16 Datasheet
519Kb / 3P
   Rotary Encoder
logo
Bourns Electronic Solut...
ENC1J-D28-L00128L BOURNS-ENC1J-D28-L00128L Datasheet
252Kb / 3P
   Rotary Optical Encoder
logo
Mitsumi Electronics, Co...
SRE-1211ST MITSUMI-SRE-1211ST Datasheet
84Kb / 2P
   Rotary Encoder Switches
logo
Omron Electronics LLC
E6CP OMRON-E6CP Datasheet
70Kb / 4P
   Absolute Rotary Encoder
logo
Tyco Electronics
DP11 MACOM-DP11 Datasheet
243Kb / 3P
   11mm Rotary Encoder
logo
Pepperl+Fuchs Inc.
ENI58IL-S PF-ENI58IL-S Datasheet
1Mb / 6P
   Incremental rotary encoder
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com