Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELM407SM Datasheet(PDF) 10 Page - ELM Electronics

Part # ELM407SM
Description  Rotary Decoder - 3 wire 4x Interface
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM407SM Datasheet(HTML) 10 Page - ELM Electronics

Back Button ELM407SM Datasheet HTML 2Page - ELM Electronics ELM407SM Datasheet HTML 3Page - ELM Electronics ELM407SM Datasheet HTML 4Page - ELM Electronics ELM407SM Datasheet HTML 5Page - ELM Electronics ELM407SM Datasheet HTML 6Page - ELM Electronics ELM407SM Datasheet HTML 7Page - ELM Electronics ELM407SM Datasheet HTML 8Page - ELM Electronics ELM407SM Datasheet HTML 9Page - ELM Electronics ELM407SM Datasheet HTML 10Page - ELM Electronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
Figure 8 below shows how the ELM407 might be
used with a digital potentiometer (in this case, a Dallas
Semiconductor/Maxim DS1804).
Pullup resistors of 10 K
Ω are used with the rotary
encoder to provide voltages for the A and B inputs.
Power for the ELM407 and the DS1804 has been
supplied from a common source (it must be between
2.7V and 5.5V for the DS1804), and a small capacitor
has been added to ensure that the supply is filtered.
The DS1804 data sheet does not recommend any
value for the size of this capacitor (0.01 µF is fine for
the ELM407), but some digital potentiometers do
specify a larger capacitor size (typically 0.1 µF). You
may need to increase the size of the capacitor,
depending on the chip that you use.
The ELM407 output lines are directly connected to
the DS1804 inputs, but we have added two 10 k
Example Application
Figure 8. Connecting the ELM407 to a DS1804
10 of 10
ELM407DSA
Elm Electronics – Circuits for the Hobbyist
www.elmelectronics.com
ELM407
pullup resistors to ensure that the Chip Select and the
Clock lines rise to the VDD level as quickly as possible
after power up. This may not be absolutely necessary
(as the 3 wire port of the DS1804 is not active for
about 50 msec after powerup), but it does not hurt to
add it – other chips may not have such a start up
timer.
That’s about all there is to using the ELM406.
Connect pullup resistors to your rotary encoder,
connect the encoder signals to the ELM407, then
connect the ELM407 to the controlled circuit. Use a
common supply for all the devices, and add a small
bypass capacitor across the supply line. The controlled
devices can be digital pots, microprocessors, or almost
any circuit that will accept CMOS signals. Enjoy!
0.01µF
1
2
3
4
8
7
6
5
VDD
VDD
VDD
10 K
10 K
A
B
rotary
encoder
C
10 K
DS
1804
1
2
3
4
8
7
6
5
H
W
L
VDD
VDD
10 K


Similar Part No. - ELM407SM

ManufacturerPart #DatasheetDescription
logo
ELM Electronics
ELM401 ELM-ELM401 Datasheet
51Kb / 8P
   Rotary Encoder Debounce Circuit
ELM401P ELM-ELM401P Datasheet
51Kb / 8P
   Rotary Encoder Debounce Circuit
ELM401SM ELM-ELM401SM Datasheet
51Kb / 8P
   Rotary Encoder Debounce Circuit
ELM402 ELM-ELM402 Datasheet
59Kb / 9P
   Rotary Decoder - 2 wire 2x Interface
ELM402P ELM-ELM402P Datasheet
59Kb / 9P
   Rotary Decoder - 2 wire 2x Interface
More results

Similar Description - ELM407SM

ManufacturerPart #DatasheetDescription
logo
ELM Electronics
ELM405 ELM-ELM405 Datasheet
61Kb / 10P
   Rotary Decoder - 3 wire 4x Interface
ELM403 ELM-ELM403 Datasheet
60Kb / 9P
   Rotary Decoder - 2 wire 4x Interface
ELM404 ELM-ELM404 Datasheet
57Kb / 9P
   Rotary Decoder - 3 wire 2x Interface
ELM406 ELM-ELM406 Datasheet
58Kb / 9P
   Rotary Decoder - 3 wire 2x Interface
ELM408 ELM-ELM408 Datasheet
63Kb / 10P
   Rotary Decoder - 2 wire Interface
ELM402 ELM-ELM402 Datasheet
59Kb / 9P
   Rotary Decoder - 2 wire 2x Interface
logo
Maxim Integrated Produc...
MAX5391LEVMINIQU MAXIM-MAX5391LEVMINIQU Datasheet
1Mb / 13P
   PC-USB to 3-Wire Interface or Stand-Alone 3-Wire Serial-Interface Operation
Rev 0; 12/09
MAX5393EVMINIQU MAXIM-MAX5393EVMINIQU Datasheet
1Mb / 13P
   PC USB to 3-Wire Interface or Stand-Alone 3-Wire Serial-Interface Operation
Rev 0; 1/10
logo
STMicroelectronics
STV1602A STMICROELECTRONICS-STV1602A Datasheet
289Kb / 22P
   SERIAL INTERFACE TRANSMISSION DECODER
logo
Nippon Precision Circui...
SM8530B NPC-SM8530B Datasheet
410Kb / 9P
   Standard Bus Interface Decoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com