Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELM7SH04TB-EL Datasheet(PDF) 3 Page - ELM Technology Corporation

Part # ELM7SH04TB-EL
Description  HIGH SPEED CMOS LOGIC IC ELM7SH04xB Inverter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM-TECH [ELM Technology Corporation]
Direct Link  http://www.elm-tech.com
Logo ELM-TECH - ELM Technology Corporation

ELM7SH04TB-EL Datasheet(HTML) 3 Page - ELM Technology Corporation

  ELM7SH04TB-EL Datasheet HTML 1Page - ELM Technology Corporation ELM7SH04TB-EL Datasheet HTML 2Page - ELM Technology Corporation ELM7SH04TB-EL Datasheet HTML 3Page - ELM Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
■AC electrical characteristics
■Test circuit
■Measured wave pattern
■Marking
* Output should be opened when measuring current consumption.
SOT-25
Sym.
Mark
Content
a
F
ELM7SH series
b
5
ELM7SH04xB
c
A to Z
(except I, O, X)
Lot No.
SC-70-5
tr=tf=3ns
Parameter
Sym.
Vdd
CL
Top=25°C
Top=-40 to +85°C Unit
Condition
Min.
Typ.
Max.
Min.
Max.
Propagation
delay-time
tPLH 3.3±0.3 15
2.7
7.1
1.0
8.5
ns
Refer to
test circuit
tPHL
2.5
7.1
1.0
8.5
tPLH 3.3±0.3 50
4.1
10.6
1.0
12.0
tPHL
3.9
10.6
1.0
12.0
tPLH 5.0±0.5 15
2.1
5.5
1.0
6.5
tPHL
2.0
5.5
1.0
6.5
tPLH 5.0±0.5 50
3.2
7.5
1.0
8.5
tPHL
3.0
7.5
1.0
8.5
Input
capacity
Cin
5.0
2.0
10.0
10.0
pF Vin=Vdd or GND
Equivalent
inner
capacity
Cpd
8.9
pF
f=1MHz
* Cpd is IC's inner equivalent capacity which is calculated from non-loaded operating current consumption referred to test
circuit. Averaged operating current consumption at non load is calculated as following formula: Idd(opr)=Cpd • Vdd • fin+Idd
3 -
HIGH SPEED CMOS LOGIC IC
ELM7SH04xB Inverter
a b c
3ns
3ns
tPHL
50%
50%
90%
90%
10%
10%
50%
50%
INPUT
tPLH
Vdd
GND
Voh
Vol
OUTPUT
b
c
a
Pulse
Oscillator
Vdd
OUTPUT
CL
INPUT
50�


Similar Part No. - ELM7SH04TB-EL

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM7SH04XB ELM-TECH-ELM7SH04XB Datasheet
278Kb / 3P
   HIGH SPEED CMOS LOGIC IC Inverter
logo
ELM Electronics
ELM7SH04XB ELM-ELM7SH04XB Datasheet
316Kb / 3P
   HIGH SPEED CMOS LOGIC IC
logo
ELM Technology Corporat...
ELM7SH04XB ELM-TECH-ELM7SH04XB_17 Datasheet
604Kb / 3P
   HIGH SPEED CMOS LOGIC IC ELM7SH04xB Inverter
More results

Similar Description - ELM7SH04TB-EL

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM7SH04XB ELM-TECH-ELM7SH04XB_17 Datasheet
604Kb / 3P
   HIGH SPEED CMOS LOGIC IC ELM7SH04xB Inverter
ELM7SH04XB ELM-TECH-ELM7SH04XB Datasheet
278Kb / 3P
   HIGH SPEED CMOS LOGIC IC Inverter
ELM7SH14XB ELM-TECH-ELM7SH14XB Datasheet
278Kb / 3P
   HIGH SPEED CMOS LOGIC IC Schmitt Inverter
ELM7SHU04XB ELM-TECH-ELM7SHU04XB Datasheet
278Kb / 3P
   HIGH SPEED CMOS LOGIC IC Unbuffer Inverter
ELM7SHU04XB ELM-TECH-ELM7SHU04XB_17 Datasheet
604Kb / 3P
   HIGH SPEED CMOS LOGIC IC ELM7SHU04xB Unbuffer Inverter
ELM7SHU04MBEL ELM-TECH-ELM7SHU04MBEL Datasheet
311Kb / 3P
   HIGH SPEED CMOS LOGIC IC ELM7SHU04xB Unbuffer Inverter
ELM7SH14XB ELM-TECH-ELM7SH14XB_17 Datasheet
605Kb / 3P
   HIGH SPEED CMOS LOGIC IC ELM7SH14xB Schmitt Inverter
ELM7SH14MB-EL ELM-TECH-ELM7SH14MB-EL Datasheet
317Kb / 3P
   HIGH SPEED CMOS LOGIC IC ELM7SH14xB Schmitt Inverter
ELM7S04B ELM-TECH-ELM7S04B Datasheet
276Kb / 3P
   CMOS LOGIC IC Inverter
logo
ELM Electronics
ELM7SH125XA ELM-ELM7SH125XA Datasheet
398Kb / 4P
   HIGH SPEED CMOS LOGIC IC
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com