Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPD23N05 Datasheet(PDF) 3 Page - Siemens Semiconductor Group

Part # SPD23N05
Description  SIPMOS Power Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SPD23N05 Datasheet(HTML) 3 Page - Siemens Semiconductor Group

  SPD23N05 Datasheet HTML 1Page - Siemens Semiconductor Group SPD23N05 Datasheet HTML 2Page - Siemens Semiconductor Group SPD23N05 Datasheet HTML 3Page - Siemens Semiconductor Group SPD23N05 Datasheet HTML 4Page - Siemens Semiconductor Group SPD23N05 Datasheet HTML 5Page - Siemens Semiconductor Group SPD23N05 Datasheet HTML 6Page - Siemens Semiconductor Group SPD23N05 Datasheet HTML 7Page - Siemens Semiconductor Group SPD23N05 Datasheet HTML 8Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Semiconductor Group
3
29/Jan/1998
SPD23N05
SPU23N05
Electrical Characteristics,
at Tj = 25°C, unless otherwise specified
Parameter
Symbol
Values
Unit
min.
typ.
max.
Dynamic Characteristics
Transconductance
VDS2 * ID * RDS(on)max, ID = 16 A
gfs
7
10
-
S
Input capacitance
VGS = 0 V, VDS = 25 V, f = 1 MHz
Ciss
-
490
615
pF
Output capacitance
VGS = 0 V, VDS = 25 V, f = 1 MHz
Coss
-
170
215
Reverse transfer capacitance
VGS = 0 V, VDS = 25 V, f = 1 MHz
Crss
-
95
120
Turn-on delay time
VDD = 30 V, VGS = 10 V, ID = 22 A
RG = 20
td(on)
-
15
25
ns
Rise time
VDD = 30 V, VGS = 10 V, ID = 22 A
RG = 20
tr
-
25
40
Turn-off delay time
VDD = 30 V, VGS = 10 V, ID = 22 A
RG = 20
td(off)
-
30
45
Fall time
VDD = 30 V, VGS = 10 V, ID = 22 A
RG = 20
tf
-
25
40
Gate charge at threshold
VDD = 40 V, ID = 0.1 A, VGS =0 to 1 V
Qg(th)
-
0.5
0.75
nC
Gate charge at 7.0 V
VDD = 40 V, ID = 22 A, VGS =0 to 7 V
Qg(7)
-
13
20
Gate charge total
VDD = 40 V, ID = 22 A, VGS =0 to 10 V
Qg(total)
-
17
26
Gate plateau voltage
VDD = 40 V, ID = 22 A
V(plateau)
-
5.9
-
V


Similar Part No. - SPD23N05

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
SPD23N05 VBSEMI-SPD23N05 Datasheet
899Kb / 6P
   N-Channel 6 0-V (D-S) MOSFET
More results

Similar Description - SPD23N05

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BUZ31SMD INFINEON-BUZ31SMD Datasheet
909Kb / 8P
   SIPMOS Power Transistor
05.99
SPP30N03 INFINEON-SPP30N03 Datasheet
560Kb / 14P
   SIPMOS Power Transistor
06.99
SPB10N10L INFINEON-SPB10N10L Datasheet
240Kb / 8P
   SIPMOS Power-Transistor
2005-02-14
BUZ31L INFINEON-BUZ31L Datasheet
88Kb / 8P
   SIPMOS Power Transistor
05.99
BUZ323 INFINEON-BUZ323 Datasheet
114Kb / 9P
   SIPMOS Power Transistor
03/99
SPD07N20 INFINEON-SPD07N20 Datasheet
120Kb / 8P
   SIPMOS Power Transistor
05.99
SPD10N10 INFINEON-SPD10N10 Datasheet
125Kb / 8P
   SIPMOS Power Transistor
05.99
SPI70N10L INFINEON-SPI70N10L Datasheet
514Kb / 8P
   SIPMOS Power-Transistor
2001-08-24
logo
Siemens Semiconductor G...
SPD31N05 SIEMENS-SPD31N05 Datasheet
134Kb / 8P
   SIPMOS Power Transistor
logo
Infineon Technologies A...
BUZ72L INFINEON-BUZ72L Datasheet
87Kb / 8P
   SIPMOS Power Transistor
05.99
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com