Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELM185BB-S Datasheet(PDF) 3 Page - ELM Technology Corporation

Part # ELM185BB-S
Description  ELM185xB Laser Diode Driver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM-TECH [ELM Technology Corporation]
Direct Link  http://www.elm-tech.com
Logo ELM-TECH - ELM Technology Corporation

ELM185BB-S Datasheet(HTML) 3 Page - ELM Technology Corporation

  ELM185BB-S Datasheet HTML 1Page - ELM Technology Corporation ELM185BB-S Datasheet HTML 2Page - ELM Technology Corporation ELM185BB-S Datasheet HTML 3Page - ELM Technology Corporation ELM185BB-S Datasheet HTML 4Page - ELM Technology Corporation ELM185BB-S Datasheet HTML 5Page - ELM Technology Corporation ELM185BB-S Datasheet HTML 6Page - ELM Technology Corporation ELM185BB-S Datasheet HTML 7Page - ELM Technology Corporation ELM185BB-S Datasheet HTML 8Page - ELM Technology Corporation ELM185BB-S Datasheet HTML 9Page - ELM Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
■Block diagram
Pin
Name
Content
AMD
LD monitor input connected to anode of monitoring diode
CMP
phase compensation input of phase compensation capacitor for control feedback loop stabilization
ILM
LD current limit
input of detection of laser diode driver drive current limit
KLD
LD drive output
connected to cathode of laser diode
VCC
power output
power input of IC
GND
ground
ground of IC
Pin description
Description :
The internal APC circuit of ELM185xB controls the output of laser oscillation at constant value with the
feedback of monitor photo diode light output current. Monitor photo diode light current will be changed to
voltage by resistance and becomes the input of AMD; this voltage is set to be 0.3V, which is the same as the
reference voltage inside IC. It is possible to acquire constant laser output by the laser diode drive current which
is controlled by this voltage; hence, laser light output can be adjusted by the resistor connected to AMD.
Laser diode drive current can be changed to voltage by resistance connected to ILM, and the increase of this
voltage is limited under current limit voltage (Typ.0.15V). ILM is also capable of avoiding the damage of
overmuch drive current of laser diode which is caused by control loop abnormality.
For stability of control return loop, a phase compensation capacitor is required to be connected to CMP. Please
set to small value at least above 3nF when making ON/OFF control with fast speed.
Laser diode is driven by the open collector output of NPN transistor inside ELM185xB; therefore, drive current
(Max.18V) higher than power voltage of IC can be added as drive voltage of laser diode. ELM recommends
inserting resistance between laser diode module (LDM) and KLD if the drive voltage is high so as to disperse
power loss.
By monitor current detection function of ELM185xB, AMD can be used as ON/OFF control pin. It is also
possible to control switching of laser diode when the input source is from external control signal; the ON/OFF
control will become 0.3V threshold voltage.
By 7V voltage, the Zener diode between power and ground of ELM185xB is able to absorb power surge;
meanwhile, the Zener diode is also capable of decreasing the damage of surge by clipping the surge voltage of
power line.
ELM185xB Laser Diode Driver
DRIVER
CONTROL
KLD
VREF
ILD
VCC
CMP
AMD
GND
DRIVER
NPN TR
CONTROL
AMP
+
-
ILM
VREF
LIMIT
CURRENT
LIMIT CMP
10 -


Similar Part No. - ELM185BB-S

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM185BB ELM-TECH-ELM185BB Datasheet
140Kb / 10P
   Lase Diode Driver
More results

Similar Description - ELM185BB-S

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM185XB ELM-TECH-ELM185XB Datasheet
794Kb / 10P
   ELM185xB Laser Diode Driver
Rev.1.1
logo
Mitsubishi Electric Sem...
M66512P MITSUBISHI-M66512P Datasheet
143Kb / 10P
   LASER-DIODE DRIVER
M66510P MITSUBISHI-M66510P Datasheet
224Kb / 10P
   LASER-DIODE DRIVER
logo
IC-Haus GmbH
WJZMSOP8 ICHAUS-WJZMSOP8 Datasheet
577Kb / 12P
   LASER DIODE DRIVER
logo
Roithner LaserTechnik G...
EU-38-PD ROITHNER-EU-38-PD Datasheet
95Kb / 2P
   Laser Diode Driver
logo
IC-Haus GmbH
WJZSO8 ICHAUS-WJZSO8 Datasheet
577Kb / 12P
   LASER DIODE DRIVER
logo
ELM Technology Corporat...
ELM185 ELM-TECH-ELM185 Datasheet
819Kb / 10P
   Laser Diode Driver
logo
ELM Electronics
ELM185 ELM-ELM185 Datasheet
919Kb / 10P
   Laser Diode Driver
logo
ELM Technology Corporat...
ELM185-SERIES ELM-TECH-ELM185-SERIES Datasheet
919Kb / 10P
   Laser Diode Driver
logo
List of Unclassifed Man...
HY6410 ETC1-HY6410 Datasheet
199Kb / 2P
   Laser Diode Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com