Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELM185GB-S Datasheet(PDF) 6 Page - ELM Technology Corporation

Part # ELM185GB-S
Description  ELM185xB Laser Diode Driver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM-TECH [ELM Technology Corporation]
Direct Link  http://www.elm-tech.com
Logo ELM-TECH - ELM Technology Corporation

ELM185GB-S Datasheet(HTML) 6 Page - ELM Technology Corporation

Back Button ELM185GB-S Datasheet HTML 2Page - ELM Technology Corporation ELM185GB-S Datasheet HTML 3Page - ELM Technology Corporation ELM185GB-S Datasheet HTML 4Page - ELM Technology Corporation ELM185GB-S Datasheet HTML 5Page - ELM Technology Corporation ELM185GB-S Datasheet HTML 6Page - ELM Technology Corporation ELM185GB-S Datasheet HTML 7Page - ELM Technology Corporation ELM185GB-S Datasheet HTML 8Page - ELM Technology Corporation ELM185GB-S Datasheet HTML 9Page - ELM Technology Corporation ELM185GB-S Datasheet HTML 10Page - ELM Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
Parameter
Symbol
Min.
Typ.
Max.
Unit
Action current
Iop
-
35
50
mA
Monitor current
Im
0.05
0.10
0.30
mA
Typical Electric characteristics of LDM
No.
parts
Recommended absolute
ratings
Notes
R1 *1
fixed resistor
1.0kΩ
LD output adjustment
VR1 *2
adjustable resistor
5.0kΩ
LD output adjustment
R2 *3
fixed resistor
3.3Ω
current limit setting (no limit under 0Ω)
C1
ceramic capacitor
3300pF
control loop stabilization
C2
electrolysis, ceramic, etc.
1μF to 100μF
power stabilization
Tr1 Tr2
PNP transistor
small signal transistor
monitor current mirror circuit
table 1
Recommendation of absolute ratings of each circuit when using the LDM of table 1
table 2
* 1 R1=0.3/ Im (Max.)
* 2 (R1 + VR1) = 0.3/ Im (Min.)
* 3 R2=0.15/ Iop (Max.)
For pulse drive, please add resister to AMD pin in circuit (1) to control signal of pulse drive.
Adjustable resistor (VR1) is inserted in the place as shown above in order to adjust monitor current; pulse
drive control signal shall be added between R1 and VR1.
R3: resistor of the input of pulse drive control signal. VCC is set to be higher than Vamd=0.30V(Typ.)
VCC * R1 / (R3 + R1) > Vamd
e.g.) when VCC=3.3V, R1=1kΩ, R3 < R1 * (VCC-Vamd)/Vamd = 1kΩ * (3.3-0.3)/0.3 = 10kΩ.
The control signal is logic level; laser light will be switched off when the signal is H and switched on when it
is L.
*
*
*
*
■Application circuit example 2 (Pulse drive circuit)
For application circuit of intermittent diode output controlled by external signal, please refer to application
circuit (4).
Max. frequency can set to be on/off by limit of response speed of laser diode output control loop is 20kHz.By
using logic gate, the control of on/off is easy; it is required that the resistances of R1, R3 and VR1 are much
larger than the output resistance of logic gate.
circuit (4)
ELM185xB Laser Diode Driver
10 -
ELM185xB
D1
LD
MD
D2
C2
V1
ILM
GND
VCC
KLD
AMD
LDM
R1
VR1
CMP
R2
C1
R3
Pulse in


Similar Part No. - ELM185GB-S

ManufacturerPart #DatasheetDescription
logo
ELM Electronics
ELM185 ELM-ELM185 Datasheet
919Kb / 10P
   Laser Diode Driver
logo
ELM Technology Corporat...
ELM185 ELM-TECH-ELM185 Datasheet
819Kb / 10P
   Laser Diode Driver
ELM185-SERIES ELM-TECH-ELM185-SERIES Datasheet
919Kb / 10P
   Laser Diode Driver
ELM185BB ELM-TECH-ELM185BB Datasheet
140Kb / 10P
   Lase Diode Driver
ELM185XB ELM-TECH-ELM185XB Datasheet
794Kb / 10P
   ELM185xB Laser Diode Driver
Rev.1.1
More results

Similar Description - ELM185GB-S

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM185XB ELM-TECH-ELM185XB Datasheet
794Kb / 10P
   ELM185xB Laser Diode Driver
Rev.1.1
logo
Mitsubishi Electric Sem...
M66512P MITSUBISHI-M66512P Datasheet
143Kb / 10P
   LASER-DIODE DRIVER
M66510P MITSUBISHI-M66510P Datasheet
224Kb / 10P
   LASER-DIODE DRIVER
logo
IC-Haus GmbH
WJZMSOP8 ICHAUS-WJZMSOP8 Datasheet
577Kb / 12P
   LASER DIODE DRIVER
logo
Roithner LaserTechnik G...
EU-38-PD ROITHNER-EU-38-PD Datasheet
95Kb / 2P
   Laser Diode Driver
logo
IC-Haus GmbH
WJZSO8 ICHAUS-WJZSO8 Datasheet
577Kb / 12P
   LASER DIODE DRIVER
logo
ELM Technology Corporat...
ELM185 ELM-TECH-ELM185 Datasheet
819Kb / 10P
   Laser Diode Driver
logo
ELM Electronics
ELM185 ELM-ELM185 Datasheet
919Kb / 10P
   Laser Diode Driver
logo
ELM Technology Corporat...
ELM185-SERIES ELM-TECH-ELM185-SERIES Datasheet
919Kb / 10P
   Laser Diode Driver
logo
List of Unclassifed Man...
HY6410 ETC1-HY6410 Datasheet
199Kb / 2P
   Laser Diode Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com