Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELM601BA Datasheet(PDF) 5 Page - ELM Technology Corporation

Part # ELM601BA
Description  ELM601BA 1.5A 2.5MHz high efficiency synchronous PWM step-down DC/DC converter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM-TECH [ELM Technology Corporation]
Direct Link  http://www.elm-tech.com
Logo ELM-TECH - ELM Technology Corporation

ELM601BA Datasheet(HTML) 5 Page - ELM Technology Corporation

  ELM601BA Datasheet HTML 1Page - ELM Technology Corporation ELM601BA Datasheet HTML 2Page - ELM Technology Corporation ELM601BA Datasheet HTML 3Page - ELM Technology Corporation ELM601BA Datasheet HTML 4Page - ELM Technology Corporation ELM601BA Datasheet HTML 5Page - ELM Technology Corporation ELM601BA Datasheet HTML 6Page - ELM Technology Corporation ELM601BA Datasheet HTML 7Page - ELM Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
Rev.1.0
■Application notes
ELM601BA is constant frequency current mode PWM step down converter which is suitable for applications
that require high efficiency and small assembly area and use low voltage, wuch as Li-ion battery . By external
resistor divider, output voltage of ELM601BA can be set within the range from 1V to 5V. To provide operation
with high efficiency, ELM601BA consists of main switch and synchronous rectifier while external Schottky
diode is not necessary. Duty cycle of ELM601BA can reach upto 100%. Duty cycle of step down converter is
defined as follows:
D = Ton × Fosc × 100% ≈ (Vout/Vin) × 100%
Ton=main switch on time; Fosc=oscillator frequency (2.5MHz); Vout=output voltage; Vin=input voltage
1) Current mode PWM control
Slope compensated current mode PWM control provides superior load and line response, and protection of in-
ternal main switch and synchronous rectifier to current limit by stable switching and switch cycle. ELM601BA
switches at a constant frequency (2.5MHz) and regulates output voltage. During each cycle, the PWM compara-
tor modulates the power transferred to the load by changing inductor peak current which is based on the feed-
back error voltage. Under normal operation, the main switch is turned on for a certain time to ramp the inductor
current at each rising edge of the internal oscillator, and switched off when the peak inductor current is above
the error voltage. When the main switch is off, the synchronous rectifier will be turned on immediately and stay
on until either the next cycle starts or the inductor current drops to zero.
2) Dropout operation
ELM601BA allows the main switch to remain on for more than one switching cycle and increases duty cycle
while the input voltage is dropping under the output voltage. When duty cycle reaches 100%, the main switch
transistor would be on continuously to supply current to output until current limit generates. Output voltage then
is input voltage minus voltage drop across main switch the inductor.
3) Short circuit protection
ELM601BA consists of short circuit protection; when output is short to ground, the oscillator frequency is re-
duced to prevent the inductor current from increasing beyond the P MOSFET current limit. The frequency will
return to normal values once the short circuit condition is recovered and the feedback voltage goes back to 0.6V.
4) Maximum load current
ELM601BA can operatewhen input voltage is down to 2.5V; however, the maximum load current would de-
scend because of the increase IR drop which results from the ON resistor of main switch and synchronous recti-
fier. along with the drop of input voltage. The slope compensation signal would reduce the peak inductor current
to avoid sub-harmonic oscillations when duty cycle is larger than 50%; on the contrary, it would increase the
peak inductor current when duty cycle is decreased, as which is shown in the graph.
7 -
a b c d e
SOT-25
a to e : Assembly lot No.
A to Z (I, O, X excepted) and 0 to 9
■Marking
ELM601BA 1.5A 2.5MHz
high efficiency synchronous PWM step-down DC/DC converter


Similar Part No. - ELM601BA

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
ELM601 EVERLIGHT-ELM601 Datasheet
593Kb / 13P
   5 PIN SOP HIGH SPEED 10MBit/s LOGIC GATE PHOTOCOUPLER
ELM601(TA)-V EVERLIGHT-ELM601(TA)-V Datasheet
447Kb / 13P
   5 PIN SOP HIGH SPEED
ELM601(TB)-V EVERLIGHT-ELM601(TB)-V Datasheet
447Kb / 13P
   5 PIN SOP HIGH SPEED
More results

Similar Description - ELM601BA

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM630BA ELM-TECH-ELM630BA Datasheet
769Kb / 7P
   1.5A 5.5V 2.5MHz Synchronous step down DC/DC converter
ELM611DA ELM-TECH-ELM611DA Datasheet
983Kb / 11P
   high efficiency synchronous PWM step down DC/DC converter
logo
ELM Electronics
ELM603 ELM-ELM603 Datasheet
1Mb / 7P
   1.5A 1.5MHz high efficiency PWM step down DC/DC converter
logo
ELM Technology Corporat...
ELM600XB ELM-TECH-ELM600XB_17 Datasheet
1Mb / 7P
   high efficiency synchronous PWM step down DC/DC converter
logo
ELM Electronics
ELM600LA ELM-ELM600LA Datasheet
1Mb / 10P
   high efficiency synchronous PWM step down DC/DC converter
logo
Richtek Technology Corp...
RT9201 RICHTEK-RT9201 Datasheet
194Kb / 13P
   High Efficiency PWM Step-Down DC-DC Converter
logo
Maxim Integrated Produc...
MAX17631 MAXIM-MAX17631 Datasheet
1Mb / 24P
   4.5V to 36V, 1.5A, High-Efficiency, Synchronous Step-Down DC-DC Converter
2018
logo
Analog Devices
MAX17571 AD-MAX17571 Datasheet
1Mb / 19P
   4V to 60V, 1.5A, High-Efficiency, Synchronous Step-Down DC-DC Converter
19-101589; Rev 0; 7/22
logo
ams AG
AS1335 AMSCO-AS1335_05 Datasheet
2Mb / 19P
   1.5A, 1.5MHz, Synchronous DC/DC Step-Down Converter
logo
ELM Technology Corporat...
ELM600LA ELM-TECH-ELM600LA Datasheet
2Mb / 10P
   ELM600LA 800mA 1.4MHz high efficiency synchronous PWM step down DC/DC converter
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com