Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELM85303GA-S Datasheet(PDF) 9 Page - ELM Technology Corporation

Part # ELM85303GA-S
Description  ELM85xxxxA CMOS 600mA/800mA LDO voltage regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM-TECH [ELM Technology Corporation]
Direct Link  http://www.elm-tech.com
Logo ELM-TECH - ELM Technology Corporation

ELM85303GA-S Datasheet(HTML) 9 Page - ELM Technology Corporation

Back Button ELM85303GA-S Datasheet HTML 5Page - ELM Technology Corporation ELM85303GA-S Datasheet HTML 6Page - ELM Technology Corporation ELM85303GA-S Datasheet HTML 7Page - ELM Technology Corporation ELM85303GA-S Datasheet HTML 8Page - ELM Technology Corporation ELM85303GA-S Datasheet HTML 9Page - ELM Technology Corporation ELM85303GA-S Datasheet HTML 10Page - ELM Technology Corporation ELM85303GA-S Datasheet HTML 11Page - ELM Technology Corporation ELM85303GA-S Datasheet HTML 12Page - ELM Technology Corporation ELM85303GA-S Datasheet HTML 13Page - ELM Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
9
Rev.1.1
0
40
80
120
160
200
240
4
4.5
5
5.5
6
Load Transient Response
Ci=Co=4.7µF
Time(µS)
Vin=4.0V
Output Voltage
Output Current
100mA
10mA
0 20 40 60 80 100 120 140 160 180
2
2.5
3
3.5
4
4.5
5
5.5
6
Time(µS)
Input Transient Response
Iout=100mA, tr=tf=5.0µS, Co=4.7µF
Input Voltage
Output Voltage
0
1
2
3
4
5
6
0
4
8
12
16
20
24
28
32
36
40
44
48
52
101
102
103
104
105
0
10
20
30
40
50
60
70
Ripple Rejection
Vin=4.0V, Iout=40mA, Co=4.7µF
Frequency(Hz)
Vin(V)
Iss-Vin
Top=25°C
13 -
ELM85xxxxA CMOS 600mA/800mA LDO voltage regulator


Similar Part No. - ELM85303GA-S

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM85303AA-N ELM-TECH-ELM85303AA-N Datasheet
137Kb / 12P
   CMOS 800mA LDO voltage regulator
ELM85303AA-S ELM-TECH-ELM85303AA-S Datasheet
137Kb / 12P
   CMOS 800mA LDO voltage regulator
ELM85303HA-N ELM-TECH-ELM85303HA-N Datasheet
137Kb / 12P
   CMOS 800mA LDO voltage regulator
ELM85303HA-S ELM-TECH-ELM85303HA-S Datasheet
137Kb / 12P
   CMOS 800mA LDO voltage regulator
More results

Similar Description - ELM85303GA-S

ManufacturerPart #DatasheetDescription
logo
ELM Electronics
ELM85 ELM-ELM85 Datasheet
1Mb / 14P
   CMOS 600mA/800mA LDO voltage regulator
logo
ELM Technology Corporat...
ELM85-SERIES ELM-TECH-ELM85-SERIES Datasheet
973Kb / 14P
   CMOS 600mA/800mA LDO voltage regulator
ELM85 ELM-TECH-ELM85_17 Datasheet
992Kb / 14P
   CMOS 600mA/800mA LDO voltage regulator
ELM85301HA-S ELM-TECH-ELM85301HA-S Datasheet
137Kb / 12P
   CMOS 800mA LDO voltage regulator
logo
Silan Microelectronics ...
SA1117B SILAN-SA1117B Datasheet
215Kb / 8P
   800mA LDO VOLTAGE REGULATOR
logo
Unisonic Technologies
L1188 UTC-L1188_10 Datasheet
152Kb / 6P
   800mA CMOS LDO
logo
BCD Semiconductor Manuf...
AP2111 BCDSEMI-AP2111 Datasheet
62Kb / 2P
   600mA CMOS LDO REGULATOR WITH ENABLE
logo
RICOH electronics devic...
R1170 RICOH-R1170 Datasheet
215Kb / 22P
   800mA LDO REGULATOR
logo
Unisonic Technologies
LR9270 UTC-LR9270_17 Datasheet
232Kb / 7P
   800mA LDO REGULATOR
logo
Nisshinbo Micro Devices...
R1170X NISSHINBO-R1170X Datasheet
283Kb / 22P
   800mA LDO REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com