Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELM13416CA-S Datasheet(PDF) 3 Page - ELM Technology Corporation

Part # ELM13416CA-S
Description  Single N-channel MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM-TECH [ELM Technology Corporation]
Direct Link  http://www.elm-tech.com
Logo ELM-TECH - ELM Technology Corporation

ELM13416CA-S Datasheet(HTML) 3 Page - ELM Technology Corporation

  ELM13416CA-S_1 Datasheet HTML 1Page - ELM Technology Corporation ELM13416CA-S_1 Datasheet HTML 2Page - ELM Technology Corporation ELM13416CA-S_1 Datasheet HTML 3Page - ELM Technology Corporation ELM13416CA-S_1 Datasheet HTML 4Page - ELM Technology Corporation ELM13416CA-S_1 Datasheet HTML 5Page - ELM Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
■Typical electrical and thermal characteristics
AO3416
TYPICAL ELECTRICAL AND THERMAL CHARACTERISTICS
17
5
2
10
0
18
0
5
10
15
20
25
0
0.5
1
1.5
2
2.5
VGS(Volts)
Figure 2: Transfer Characteristics (Note E)
10
15
20
25
30
0
2
4
6
8
10
ID (A)
Figure 3: On-Resistance vs. Drain Current and Gate
Voltage (Note E)
0.8
1
1.2
1.4
1.6
0
25
50
75
100
125
150
175
Temperature (°C)
Figure 4: On-Resistance vs. Junction Temperature
(Note E)
VGS=4.5V
ID=6.5A
VGS=1.8V
ID=5A
VGS=2.5V
ID=5.5A
25�C
125�C
VDS=5V
VGS=1.8V
VGS=4.5V
0
5
10
15
20
25
30
0
1
2
3
4
5
VDS (Volts)
Fig 1: On-Region Characteristics (Note E)
VGS=1.5V
2.5V
3.1V
4.5V
1.8V
VGS=2.5V
40
0
5
10
15
20
25
0
0.5
1
1.5
2
2.5
VGS(Volts)
Figure 2: Transfer Characteristics (Note E)
10
15
20
25
30
0
2
4
6
8
10
ID (A)
Figure 3: On-Resistance vs. Drain Current and Gate
Voltage (Note E)
1.0E-05
1.0E-04
1.0E-03
1.0E-02
1.0E-01
1.0E+00
1.0E+01
0.0
0.2
0.4
0.6
0.8
1.0
VSD (Volts)
Figure 6: Body-Diode Characteristics (Note E)
25�C
125�C
0.8
1
1.2
1.4
1.6
0
25
50
75
100
125
150
175
Temperature (°C)
Figure 4: On-Resistance vs. Junction Temperature
(Note E)
VGS=4.5V
ID=6.5A
VGS=1.8V
ID=5A
VGS=2.5V
ID=5.5A
10
20
30
40
50
60
0
2
4
6
8
VGS (Volts)
Figure 5: On-Resistance vs. Gate-Source Voltage
(Note E)
25�C
125�C
VDS=5V
VGS=1.8V
VGS=4.5V
ID=6.5A
25�C
125�C
0
5
10
15
20
25
30
0
1
2
3
4
5
VDS (Volts)
Fig 1: On-Region Characteristics (Note E)
VGS=1.5V
2.5V
3.1V
4.5V
1.8V
VGS=2.5V
Rev 5: July 2010
www.aosmd.com
Page 3 of 5
ELM13416CA-S
5 -
Single N-channel MOSFET


Similar Part No. - ELM13416CA-S_1

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM13416CA-S ELM-TECH-ELM13416CA-S Datasheet
92Kb / 4P
   Single N-channel MOSFET
More results

Similar Description - ELM13416CA-S_1

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM17412GA-S ELM-TECH-ELM17412GA-S Datasheet
93Kb / 4P
   Single N-channel MOSFET
ELM34404AA-S ELM-TECH-ELM34404AA-S Datasheet
273Kb / 4P
   Single N-channel MOSFET
ELM13400CA-S ELM-TECH-ELM13400CA-S Datasheet
95Kb / 4P
   Single N-channel MOSFET
ELM13402CA ELM-TECH-ELM13402CA Datasheet
93Kb / 4P
   Single N-channel MOSFET
ELM13418CA-S ELM-TECH-ELM13418CA-S Datasheet
96Kb / 4P
   Single N-channel MOSFET
ELM14406AA-N ELM-TECH-ELM14406AA-N Datasheet
96Kb / 4P
   Single N-channel MOSFET
ELM14410AA-N ELM-TECH-ELM14410AA-N Datasheet
94Kb / 4P
   Single N-channel MOSFET
ELM14412AA ELM-TECH-ELM14412AA Datasheet
98Kb / 4P
   Single N-channel MOSFET
ELM14466AA-N ELM-TECH-ELM14466AA-N Datasheet
99Kb / 4P
   Single N-channel MOSFET
ELM16400EA-N ELM-TECH-ELM16400EA-N Datasheet
105Kb / 4P
   Single N-channel MOSFET
ELM32410LA-S ELM-TECH-ELM32410LA-S Datasheet
133Kb / 4P
   Single N-channel MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com