Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELM16408EA-S Datasheet(PDF) 2 Page - ELM Technology Corporation

Part # ELM16408EA-S
Description  Single N-channel MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM-TECH [ELM Technology Corporation]
Direct Link  http://www.elm-tech.com
Logo ELM-TECH - ELM Technology Corporation

ELM16408EA-S Datasheet(HTML) 2 Page - ELM Technology Corporation

  ELM16408EA-S Datasheet HTML 1Page - ELM Technology Corporation ELM16408EA-S Datasheet HTML 2Page - ELM Technology Corporation ELM16408EA-S Datasheet HTML 3Page - ELM Technology Corporation ELM16408EA-S Datasheet HTML 4Page - ELM Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
ELM16408EA-S
■Electrical characteristics
Parameter
Symbol
Condition
Min.
Typ.
Max. Unit
STATIC PARAMETERS
Drain-source breakdown voltage
BVdss Id=250μA, Vgs=0V
20
V
Zero gate voltage drain current
Idss Vds=16V, Vgs=0V
10
μA
Tj=55°C
25
Gate-body leakage current
Igss Vds=0V, Vgs=±10V
±
10
μA
Gate-source breakdown voltage
BVgso Vds=0V, Ig=±250μA
±
12
V
Gate threshold voltage
Vgs(th) Vds=Vgs, Id=250μA
0.50
0.75
1.00
V
On state drain current
Id(on) Vgs=4.5V, Vds=5V
40
A
Static drain-source on-resistance
Rds(on)
Vgs=10V, Id=8.8A
14.4
18.0
Tj=125°C
18.5
23.0
Vgs=4.5V, Id=8A
16.0
20.0
Vgs=2.5V, Id=6A
20.5
25.0
Vgs=1.8V, Id=4A
25.6
32.0
Forward transconductance
Gfs Vds=5V, Id=8.8A
33
S
Diode forward voltage
Vsd Is=1A
0.72
1.00
V
Max. body-diode continuous current
Is
3
A
DYNAMIC PARAMETERS
Input capacitance
Ciss
Vgs=0V, Vds=10V, f=1MHz
1810
2200
pF
Output capacitance
Coss
232
pF
Reverse transfer capacitance
Crss
200
pF
Gate resistance
Rg
Vgs=0V, Vds=0V, f=1MHz
1.6
2.2
Ω
SWITCHING PARAMETERS
Total gate charge
Qg
Vgs=4.5V, Vds=10V, Id=8.8A
17.9
22.0
nC
Gate-source charge
Qgs
1.5
nC
Gate-drain charge
Qgd
4.7
nC
Turn-on delay time
td(on)
Vgs=10V, Vds=10V
Rl=1.1Ω, Rgen=3Ω
3.3
ns
Turn-on rise time
tr
5.9
ns
Turn-off delay time
td(off)
44.0
ns
Turn-off fall time
tf
7.7
ns
Body diode reverse recovery time
trr
If=8.8A, dl/dt=100A/μs
22.0
27.0
ns
Body diode reverse recovery charge
Qrr If=8.8A, dl/dt=100A/μs
9.8
nC
4 -
Single N-channel MOSFET
NOTE :
1.
2.
3.
4.
5.
The value of Rθja is measured with the device mounted on 1in² FR-4 board of 2oz. Copper, in still air environment
with Ta=25°C. The value in any given applications depends on the user’s specific board design, The current rating is
based on the t ≤ 10s themal resistance rating.
Repetitive rating, pulse width limited by junction temperature.
The Rθja is the sum of the thermal impedance from junction to lead Rθjl and lead to ambient.
The static characteristics in Figures 1 to 6 are obtained using 80μs pulses, duty cycle 0.5%max.
These tests are performed with the device mounted on 1in² FR-4 board with 2oz. Copper, in a still air environment
with Ta=25°C. The SOA curve provides a single pulse rating.
Ta=25°C


Similar Part No. - ELM16408EA-S

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM16408EA-N ELM-TECH-ELM16408EA-N Datasheet
97Kb / 4P
   Single N-channel MOSFET
More results

Similar Description - ELM16408EA-S

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM17412GA-S ELM-TECH-ELM17412GA-S Datasheet
93Kb / 4P
   Single N-channel MOSFET
ELM34404AA-S ELM-TECH-ELM34404AA-S Datasheet
273Kb / 4P
   Single N-channel MOSFET
ELM13400CA-S ELM-TECH-ELM13400CA-S Datasheet
95Kb / 4P
   Single N-channel MOSFET
ELM13402CA ELM-TECH-ELM13402CA Datasheet
93Kb / 4P
   Single N-channel MOSFET
ELM13418CA-S ELM-TECH-ELM13418CA-S Datasheet
96Kb / 4P
   Single N-channel MOSFET
ELM14406AA-N ELM-TECH-ELM14406AA-N Datasheet
96Kb / 4P
   Single N-channel MOSFET
ELM14410AA-N ELM-TECH-ELM14410AA-N Datasheet
94Kb / 4P
   Single N-channel MOSFET
ELM14412AA ELM-TECH-ELM14412AA Datasheet
98Kb / 4P
   Single N-channel MOSFET
ELM14466AA-N ELM-TECH-ELM14466AA-N Datasheet
99Kb / 4P
   Single N-channel MOSFET
ELM16400EA-N ELM-TECH-ELM16400EA-N Datasheet
105Kb / 4P
   Single N-channel MOSFET
ELM32410LA-S ELM-TECH-ELM32410LA-S Datasheet
133Kb / 4P
   Single N-channel MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com