Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELM85503HA-N Datasheet(PDF) 7 Page - ELM Technology Corporation

Part # ELM85503HA-N
Description  ELM85xxxxA CMOS 600mA/800mA LDO voltage regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM-TECH [ELM Technology Corporation]
Direct Link  http://www.elm-tech.com
Logo ELM-TECH - ELM Technology Corporation

ELM85503HA-N Datasheet(HTML) 7 Page - ELM Technology Corporation

Back Button ELM85503HA-N Datasheet HTML 3Page - ELM Technology Corporation ELM85503HA-N Datasheet HTML 4Page - ELM Technology Corporation ELM85503HA-N Datasheet HTML 5Page - ELM Technology Corporation ELM85503HA-N Datasheet HTML 6Page - ELM Technology Corporation ELM85503HA-N Datasheet HTML 7Page - ELM Technology Corporation ELM85503HA-N Datasheet HTML 8Page - ELM Technology Corporation ELM85503HA-N Datasheet HTML 9Page - ELM Technology Corporation ELM85503HA-N Datasheet HTML 10Page - ELM Technology Corporation ELM85503HA-N Datasheet HTML 11Page - ELM Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
7
Rev.1.1
13 -
• SON8-3x3 package : ELM85xx3GA with CE
ELM85
ab3GA
cde
a, b : Output voltage. e.g. : 33(Vout=3.3V)
c to e : Assembly lot No.
000 to 999
SON8-3x3
• SOT-89
package : ELM85xx1AA
• SOT-89-5 package : ELM85xx3AA with CE
Mark
PKG
CE
Voltage range
00
SOT-89
No CE
0.8V to 3.0V
01
3.1V to 5.0V
02
SOT-89-5
CE=High
0.8V to 3.0V
03
3.1V to 5.0V
a, b : PKG, CE type & Voltage range
d : Lot No.
A to Z (I, O, X excepted) and 0 to 9
c : Specific voltage
a b
c d
SOP-89-5
a b
c d
Mark
Voltage (V)
8
0.8
3.8
9
0.9
3.9
0
1.0
4.0
A
1.1
4.1
B
1.2
4.2
C
1.3
4.3
D
1.4
4.4
E
1.5
4.5
F
1.6
4.6
G
1.7
4.7
H
1.8
4.8
J
1.9
4.9
K
2.0
5.0
L
2.1
M
2.2
SOP-89
Mark
Voltage (V)
N
2.3
P
2.4
Q
2.5
R
2.6
S
2.7
T
2.8
U
2.9
V
3.0
1
3.1
2
3.2
3
3.3
4
3.4
5
3.5
6
3.6
7
3.7
ELM85xxxxA CMOS 600mA/800mA LDO voltage regulator


Similar Part No. - ELM85503HA-N

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM85503HA-N ELM-TECH-ELM85503HA-N Datasheet
137Kb / 12P
   CMOS 800mA LDO voltage regulator
More results

Similar Description - ELM85503HA-N

ManufacturerPart #DatasheetDescription
logo
ELM Electronics
ELM85 ELM-ELM85 Datasheet
1Mb / 14P
   CMOS 600mA/800mA LDO voltage regulator
logo
ELM Technology Corporat...
ELM85-SERIES ELM-TECH-ELM85-SERIES Datasheet
973Kb / 14P
   CMOS 600mA/800mA LDO voltage regulator
ELM85 ELM-TECH-ELM85_17 Datasheet
992Kb / 14P
   CMOS 600mA/800mA LDO voltage regulator
ELM85301HA-S ELM-TECH-ELM85301HA-S Datasheet
137Kb / 12P
   CMOS 800mA LDO voltage regulator
logo
Silan Microelectronics ...
SA1117B SILAN-SA1117B Datasheet
215Kb / 8P
   800mA LDO VOLTAGE REGULATOR
logo
Unisonic Technologies
L1188 UTC-L1188_10 Datasheet
152Kb / 6P
   800mA CMOS LDO
logo
BCD Semiconductor Manuf...
AP2111 BCDSEMI-AP2111 Datasheet
62Kb / 2P
   600mA CMOS LDO REGULATOR WITH ENABLE
logo
RICOH electronics devic...
R1170 RICOH-R1170 Datasheet
215Kb / 22P
   800mA LDO REGULATOR
logo
Unisonic Technologies
LR9270 UTC-LR9270_17 Datasheet
232Kb / 7P
   800mA LDO REGULATOR
logo
Nisshinbo Micro Devices...
R1170X NISSHINBO-R1170X Datasheet
283Kb / 22P
   800mA LDO REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com