Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELM85503HA-N Datasheet(PDF) 2 Page - ELM Technology Corporation

Part # ELM85503HA-N
Description  ELM85xxxxA CMOS 600mA/800mA LDO voltage regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM-TECH [ELM Technology Corporation]
Direct Link  http://www.elm-tech.com
Logo ELM-TECH - ELM Technology Corporation

ELM85503HA-N Datasheet(HTML) 2 Page - ELM Technology Corporation

  ELM85503HA-N Datasheet HTML 1Page - ELM Technology Corporation ELM85503HA-N Datasheet HTML 2Page - ELM Technology Corporation ELM85503HA-N Datasheet HTML 3Page - ELM Technology Corporation ELM85503HA-N Datasheet HTML 4Page - ELM Technology Corporation ELM85503HA-N Datasheet HTML 5Page - ELM Technology Corporation ELM85503HA-N Datasheet HTML 6Page - ELM Technology Corporation ELM85503HA-N Datasheet HTML 7Page - ELM Technology Corporation ELM85503HA-N Datasheet HTML 8Page - ELM Technology Corporation ELM85503HA-N Datasheet HTML 9Page - ELM Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2
Rev.1.1
ELM85xxxxA CMOS 600mA/800mA LDO voltage regulator
13 -
■Selection guide
ELM85xxxxA-x
Symbol
a, b
Output voltage
e.g. :
30: Vout=3.0V
33: Vout=3.3V
50: Vout=5.0V
c
CE selection
1: NO CE
3: CE=“H” active
d
Package
A: SOT-89, SOT-89-5
G: SON8-3x3
H: SOT-223
e
Product version A
f
Taping direction
S: SOT-223, SOT-89, SOT-89-5, SON8-3x3
N: SOT-89, SOT-89-5, SON8-3x3
Refer to PKG file
ELM85 x x x x A - x
↑ ↑ ↑ ↑ ↑ ↑
a b c d e f
■Pin configuration
SOT-223(TOP VIEW)
Pin No.
Pin name
1
VSS
2/TAB
VIN
3
VOUT
1
2
3
TAB
ELM85xx1HA
SOT-89(TOP VIEW)
Pin No.
Pin name
1
VSS
2
VIN
3
VOUT
1
2
3
ELM85xx1AA
SOT-89-5(TOP VIEW)
Pin No.
Pin name
1
VSS
2
VIN
3
VOUT
4
NC
5
CE
1
2
3
5
4
ELM85xx3AA
SON8-3x3(TOP VIEW)
Pin No. Pin name Pin No. Pin name
1
VOUT
5
NC
2
VOUT
6
CE
3
VIN
7
NC
4
VIN
8
VSS
1
2
3
8
7
6
5
1
2
3
4
8
7
6
5
4
(TOP VIEW)
(BOTTOM VIEW)
*
ELM85xx3GA
1
2
3
8
7
6
5
1
2
3
4
8
7
6
5
4
(TOP VIEW)
(BOTTOM VIEW)
*
SON8-3x3(BOTTOM VIEW)
* The potential of the tab on the back is the circuit one (VIN). Please
set it to be open or connect to VIN pin(recommended).


Similar Part No. - ELM85503HA-N

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM85503HA-N ELM-TECH-ELM85503HA-N Datasheet
137Kb / 12P
   CMOS 800mA LDO voltage regulator
More results

Similar Description - ELM85503HA-N

ManufacturerPart #DatasheetDescription
logo
ELM Electronics
ELM85 ELM-ELM85 Datasheet
1Mb / 14P
   CMOS 600mA/800mA LDO voltage regulator
logo
ELM Technology Corporat...
ELM85-SERIES ELM-TECH-ELM85-SERIES Datasheet
973Kb / 14P
   CMOS 600mA/800mA LDO voltage regulator
ELM85 ELM-TECH-ELM85_17 Datasheet
992Kb / 14P
   CMOS 600mA/800mA LDO voltage regulator
ELM85301HA-S ELM-TECH-ELM85301HA-S Datasheet
137Kb / 12P
   CMOS 800mA LDO voltage regulator
logo
Silan Microelectronics ...
SA1117B SILAN-SA1117B Datasheet
215Kb / 8P
   800mA LDO VOLTAGE REGULATOR
logo
Unisonic Technologies
L1188 UTC-L1188_10 Datasheet
152Kb / 6P
   800mA CMOS LDO
logo
BCD Semiconductor Manuf...
AP2111 BCDSEMI-AP2111 Datasheet
62Kb / 2P
   600mA CMOS LDO REGULATOR WITH ENABLE
logo
RICOH electronics devic...
R1170 RICOH-R1170 Datasheet
215Kb / 22P
   800mA LDO REGULATOR
logo
Unisonic Technologies
LR9270 UTC-LR9270_17 Datasheet
232Kb / 7P
   800mA LDO REGULATOR
logo
Nisshinbo Micro Devices...
R1170X NISSHINBO-R1170X Datasheet
283Kb / 22P
   800mA LDO REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com