Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q67040-S4121-A2 Datasheet(PDF) 6 Page - Siemens Semiconductor Group

Part # Q67040-S4121-A2
Description  SIPMOS Power Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

Q67040-S4121-A2 Datasheet(HTML) 6 Page - Siemens Semiconductor Group

  Q67040-S4121-A2 Datasheet HTML 1Page - Siemens Semiconductor Group Q67040-S4121-A2 Datasheet HTML 2Page - Siemens Semiconductor Group Q67040-S4121-A2 Datasheet HTML 3Page - Siemens Semiconductor Group Q67040-S4121-A2 Datasheet HTML 4Page - Siemens Semiconductor Group Q67040-S4121-A2 Datasheet HTML 5Page - Siemens Semiconductor Group Q67040-S4121-A2 Datasheet HTML 6Page - Siemens Semiconductor Group Q67040-S4121-A2 Datasheet HTML 7Page - Siemens Semiconductor Group Q67040-S4121-A2 Datasheet HTML 8Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Semiconductor Group
6
30/Jan/1998
SPD31N05
SPU31N05
Typ. output characteristics
I
D = ƒ(VDS)
parameter: t
p = 80 µs , Tj = 25 °C
0.0
1.0
2.0
3.0
4.0
V
5.5
V
DS
0
5
10
15
20
25
30
35
40
45
50
55
60
A
70
I
D
V
GS
[V]
a
a
4.0
b
b
4.5
c
c
5.0
d
d
5.5
e
e
6.0
f
f
6.5
g
g
7.0
h
h
7.5
i
i
8.0
j
j
9.0
k
k
10.0
l
Ptot = 75W
l
20.0
Typ. drain-source on-resistance
R
DS (on) = ƒ(ID)
parameter: t
p = 80 µs, Tj = 25 °C
0
10
20
30
40
50
A
65
I
D
0.00
0.01
0.02
0.03
0.04
0.05
0.06
0.07
0.08
0.09
0.10
0.11
0.13
R
DS (on)
VGS [V] =
a
4.0
VGS [V] =
a
4.5
VGS [V] =
a
a
5.0
b
b
5.5
c
c
6.0
d
d
6.5
e
e
7.0
f
f
7.5
g
g
8.0
h
h
9.0
i
i
10.0
j
j
20.0
Typ. transfer characteristics ID = f (VGS)
parameter: tp = 80 µs
VDS2 x ID x RDS(on)max
0
1
2
3
4
5
6
7
8
V
10
V
GS
0
10
20
30
40
50
A
70
I
D


Similar Part No. - Q67040-S4121-A2

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
Q67040-S4122-A2 SIEMENS-Q67040-S4122-A2 Datasheet
130Kb / 8P
   SIPMOS Power Transistor
Q67040-S4123-A2 SIEMENS-Q67040-S4123-A2 Datasheet
141Kb / 8P
   SIPMOS Power Transistor
Q67040-S4124-A2 SIEMENS-Q67040-S4124-A2 Datasheet
139Kb / 8P
   SIPMOS Power Transistor
More results

Similar Description - Q67040-S4121-A2

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BUZ31SMD INFINEON-BUZ31SMD Datasheet
909Kb / 8P
   SIPMOS Power Transistor
05.99
SPP30N03 INFINEON-SPP30N03 Datasheet
560Kb / 14P
   SIPMOS Power Transistor
06.99
SPB10N10L INFINEON-SPB10N10L Datasheet
240Kb / 8P
   SIPMOS Power-Transistor
2005-02-14
BUZ31L INFINEON-BUZ31L Datasheet
88Kb / 8P
   SIPMOS Power Transistor
05.99
BUZ323 INFINEON-BUZ323 Datasheet
114Kb / 9P
   SIPMOS Power Transistor
03/99
SPD07N20 INFINEON-SPD07N20 Datasheet
120Kb / 8P
   SIPMOS Power Transistor
05.99
SPD10N10 INFINEON-SPD10N10 Datasheet
125Kb / 8P
   SIPMOS Power Transistor
05.99
SPI70N10L INFINEON-SPI70N10L Datasheet
514Kb / 8P
   SIPMOS Power-Transistor
2001-08-24
logo
Siemens Semiconductor G...
SPD23N05 SIEMENS-SPD23N05 Datasheet
148Kb / 8P
   SIPMOS Power Transistor
logo
Infineon Technologies A...
BUZ72L INFINEON-BUZ72L Datasheet
87Kb / 8P
   SIPMOS Power Transistor
05.99
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com