Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPL2Y81 Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part # SPL2Y81
Description  Laser Diode in TO-220 Package 1.0 W cw Class 4 Laser Product
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SPL2Y81 Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  SPL2Y81 Datasheet HTML 1Page - Siemens Semiconductor Group SPL2Y81 Datasheet HTML 2Page - Siemens Semiconductor Group SPL2Y81 Datasheet HTML 3Page - Siemens Semiconductor Group SPL2Y81 Datasheet HTML 4Page - Siemens Semiconductor Group SPL2Y81 Datasheet HTML 5Page - Siemens Semiconductor Group SPL2Y81 Datasheet HTML 6Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Semiconductor Group
1
02.97
Laser Diode in TO-220 Package
SPL 2Yxx
1.0 W cw (Class 4 Laser Product)
(SFH 4874x1)
Features
Efficient radiation source for pulsed and cw-operation
Reliable InGa(Al)As strained layer quantum-well material
Small TO-220 package with efficient thermal coupling
Includes thermistor to control temperature/wavelength
Single emitting area 200
µm × 1 µm
Cylindrical correction for a near circular farfield pattern
Applications
Pumping solid state lasers (Nd: YAG, Yb: YAG, …)
Medical applications
Laser soldering
Energy transmission
Testing and measuring applications
Type
Old Type
(as of Oct. 1996)
Wavelength
*)
Ordering Code
SPL 2Y81
SPL 2Y85
SPL 2Y94
SPL 2Y98
SFH 487401
SFH 487421
SFH 487441
808 nm
850 nm
940 nm
980 nm
Q62702-P367
Q62702-P1677
Q62702-P1630
on request
*) Other wavelengths in the range of 780 nm ... 980 nm are available on request.
Maximum Ratings
(T
A = 25 °C)
Parameter
Symbol
Values
Unit
min.
typ.
max.
Output power (continuous wave)
1)
P
opt
1.1
W
Output power (quasi-continuous wave)
1)
(t
p ≤ 150 µs, duty cycle ≤ 1%)
P
qcw
1.5
W
Reverse voltage
V
R
––3V
Operating temperature
T
op
– 10
+ 60
°C
Storage temperature
T
stg
– 40
+ 85
°C
Maximum soldering temperature, max. 5 s
T
s
250
°C
1) Optical power measurements refer to a detector with NA = 0.6


Similar Part No. - SPL2Y81

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SPL2Y81-2S OSRAM-SPL2Y81-2S Datasheet
208Kb / 7P
   Laser Diode in TO-220 Package 2.0 W cw
More results

Similar Description - SPL2Y81

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SPL2FXX SIEMENS-SPL2FXX Datasheet
122Kb / 6P
   Laser Diode in TO-220 Package with FC-connector 0.75 W cw Class 4 Laser Product
SPLCGXX SIEMENS-SPLCGXX Datasheet
91Kb / 5P
   Laser Diode on Submount 1.0 W cw Class 4 Laser Product
logo
OSRAM GmbH
SPL2Y94-2S OSRAM-SPL2Y94-2S Datasheet
208Kb / 7P
   Laser Diode in TO-220 Package 2.0 W cw
SPL2Y81-2S OSRAM-SPL2Y81-2S Datasheet
208Kb / 7P
   Laser Diode in TO-220 Package 2.0 W cw
SPL2F94-2S OSRAM-SPL2F94-2S Datasheet
211Kb / 7P
   Laser Diode in TO-220 Package with FC-Connector 1.5 W cw
SPL2F81-2S OSRAM-SPL2F81-2S Datasheet
211Kb / 7P
   Laser Diode in TO-220 Package with FC-Connector 1.5 W cw
SPL-2F81-2S OSRAM-SPL-2F81-2S Datasheet
206Kb / 8P
   Laser Diode in TO-220 Package with FC-Connector 1.5 W cw
SPL-2F94-2S OSRAM-SPL-2F94-2S Datasheet
203Kb / 8P
   Laser Diode in TO-220 Package with FC-Connector 1.5 W cw
logo
Siemens Semiconductor G...
SPLPLXX SIEMENS-SPLPLXX Datasheet
78Kb / 4P
   Pulsed Laser Diode in Plastic Package 10 W Peak Class 3 Laser Product
logo
OSRAM GmbH
SPLCG65 OSRAM-SPLCG65 Datasheet
180Kb / 7P
   Rote Laser Diode in offener Bauform 0.5 W cw
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com