Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPL2Y94 Datasheet(PDF) 4 Page - Siemens Semiconductor Group

Part # SPL2Y94
Description  Laser Diode in TO-220 Package 1.0 W cw Class 4 Laser Product
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SPL2Y94 Datasheet(HTML) 4 Page - Siemens Semiconductor Group

  SPL2Y94 Datasheet HTML 1Page - Siemens Semiconductor Group SPL2Y94 Datasheet HTML 2Page - Siemens Semiconductor Group SPL2Y94 Datasheet HTML 3Page - Siemens Semiconductor Group SPL2Y94 Datasheet HTML 4Page - Siemens Semiconductor Group SPL2Y94 Datasheet HTML 5Page - Siemens Semiconductor Group SPL2Y94 Datasheet HTML 6Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
SPL 2Yxx
(SFH 4874x1)
Semiconductor Group
4
Notes for Operation
1.
Eye Protection
This laser is a Class 4 Laser product.
Refer to the relevant safety regulations for protection during handling and operation.
2.
Overload Protection
The specified values are valid as long as the diode has not been not overloaded. Voltage
spikes from the power supply unit, even when applied for nanoseconds only, may cause irre-
versible damage to the laser diode. Such spikes may occur when the power supply is turned
on or off, or they may reach the laser diode from the line via the coupling capacitance of
electronically controlled devices.
The power supply should therefore be provided with appropriate protection circuits.
Handling Notes
1.
Package
To avoid electrostatic damage it is recommended to observe the same rules as for handling
MOS-devices.
2.
Mechanical Attachment
2.1 Mounting hole (suitable for M 2.5)
Because of the good thermal conductivity of the TO 220 base plate (copper) the heat
loss is properly dissipated even if the component is attached on one side only. Some
mounting techniques are shown below (Fig. 1 – 3).
2.2 For exact positioning of the TO component and other parts, e.g. lenses, the TO 220
package can be attached with appropriate clamping devices or screws (max. M 2.5).
3.
Soldering
When soldering the TO base to a heat sink, do not exceed the following limits:
max. soldering temperature:
125 °C
max. soldering time:
1 min.


Similar Part No. - SPL2Y94

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SPL2Y94-2S OSRAM-SPL2Y94-2S Datasheet
208Kb / 7P
   Laser Diode in TO-220 Package 2.0 W cw
More results

Similar Description - SPL2Y94

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SPL2FXX SIEMENS-SPL2FXX Datasheet
122Kb / 6P
   Laser Diode in TO-220 Package with FC-connector 0.75 W cw Class 4 Laser Product
SPLCGXX SIEMENS-SPLCGXX Datasheet
91Kb / 5P
   Laser Diode on Submount 1.0 W cw Class 4 Laser Product
logo
OSRAM GmbH
SPL2Y94-2S OSRAM-SPL2Y94-2S Datasheet
208Kb / 7P
   Laser Diode in TO-220 Package 2.0 W cw
SPL2Y81-2S OSRAM-SPL2Y81-2S Datasheet
208Kb / 7P
   Laser Diode in TO-220 Package 2.0 W cw
SPL2F94-2S OSRAM-SPL2F94-2S Datasheet
211Kb / 7P
   Laser Diode in TO-220 Package with FC-Connector 1.5 W cw
SPL2F81-2S OSRAM-SPL2F81-2S Datasheet
211Kb / 7P
   Laser Diode in TO-220 Package with FC-Connector 1.5 W cw
SPL-2F81-2S OSRAM-SPL-2F81-2S Datasheet
206Kb / 8P
   Laser Diode in TO-220 Package with FC-Connector 1.5 W cw
SPL-2F94-2S OSRAM-SPL-2F94-2S Datasheet
203Kb / 8P
   Laser Diode in TO-220 Package with FC-Connector 1.5 W cw
logo
Siemens Semiconductor G...
SPLPLXX SIEMENS-SPLPLXX Datasheet
78Kb / 4P
   Pulsed Laser Diode in Plastic Package 10 W Peak Class 3 Laser Product
logo
OSRAM GmbH
SPLCG65 OSRAM-SPLCG65 Datasheet
180Kb / 7P
   Rote Laser Diode in offener Bauform 0.5 W cw
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com