Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPLPL90 Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part # SPLPL90
Description  Pulsed Laser Diode in Plastic Package 10 W Peak Class 3 Laser Product
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SPLPL90 Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  SPLPL90 Datasheet HTML 1Page - Siemens Semiconductor Group SPLPL90 Datasheet HTML 2Page - Siemens Semiconductor Group SPLPL90 Datasheet HTML 3Page - Siemens Semiconductor Group SPLPL90 Datasheet HTML 4Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SPL PLxx
(SFH 4884xx)
Semiconductor Group
2
Optical Characteristics
(T
A = 25 °C)
Parameter
Symbol
Values
Unit
min.
typ.
max.
Emission wavelength
1)
λ
830
850
870
nm
Spectral width (FWHM)
1)
∆λ
4
nm
Forward current (10 W)
1)
I
f
––
14
A
Threshold current
I
th
–1
–A
Forward voltage (0.1 A)
V
F
1.6
V
Forward voltage (20 A)
V
F
–6
10
V
Rise and fall time (10% ... 90%)
t
r, tr
210
ns
Beam spread at 20 A (FWHM)
θ
|| × θ
10
× 30 –
°
Temperature coefficient of wavelength
2)
∂λ / ∂T
0.25
0.27
0.30
nm/K
Temperature coefficient of optical power
∂P/ ∂T
– 0.5
%/K
Thermal resistance
R
th JA
160
K/W
1) Standard operating conditions refer to pulses of 50 ns at 10 kHz rate with 10 W peak power into NA = 0.5
2) Depending on emission wavelength.


Similar Part No. - SPLPL90

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SPLPL90 OSRAM-SPLPL90 Datasheet
237Kb / 6P
   Impuls-Laserdiode im Plastikgeh짰se 25 W Spitzenleistung Pulsed Laser Diode in Plastic Package 25 W Peak PowerLead (Pb) Free Product - RoHS Compliant
SPLPL90 OSRAM-SPLPL90 Datasheet
201Kb / 6P
   Pulsed Laser Diode in Plastic Package 25 W Peak Power
SPLPL90AT03 OSRAM-SPLPL90AT03 Datasheet
1Mb / 13P
   Radial T1 3/4 Pulsed Laser Diode in Plastic Package 75 W Peak Power
Version 1.0 2023-04-12
SPLPL90 OSRAM-SPLPL90_0 Datasheet
215Kb / 6P
   Pulsed Laser Diode in Plastic Package 4 W Peak Power
SPLPL90 OSRAM-SPLPL90_15 Datasheet
201Kb / 6P
   Pulsed Laser Diode in Plastic Package 25 W Peak Power
More results

Similar Description - SPLPL90

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SPLPL85 OSRAM-SPLPL85 Datasheet
216Kb / 6P
   Pulsed Laser Diode in Plastic Package 10 W Peak Power
SPLPL90 OSRAM-SPLPL90_0 Datasheet
215Kb / 6P
   Pulsed Laser Diode in Plastic Package 4 W Peak Power
SPLPL90 OSRAM-SPLPL90_15 Datasheet
201Kb / 6P
   Pulsed Laser Diode in Plastic Package 25 W Peak Power
SPL-PL90 OSRAM-SPL-PL90 Datasheet
201Kb / 6P
   Pulsed Laser Diode in Plastic Package 25 W Peak Power
SPLPL90_3 OSRAM-SPLPL90_3_15 Datasheet
202Kb / 6P
   Nanostack Pulsed Laser Diode in Plastic Package 75 W Peak Power
SPLPL90 OSRAM-SPLPL90_3 Datasheet
218Kb / 6P
   Nanostack Pulsed Laser Diode in Plastic Package 75 W Peak Power
logo
Siemens Semiconductor G...
SPL2YXX SIEMENS-SPL2YXX Datasheet
115Kb / 6P
   Laser Diode in TO-220 Package 1.0 W cw Class 4 Laser Product
logo
OSRAM GmbH
SPLPL90 OSRAM-SPLPL90 Datasheet
237Kb / 6P
   Impuls-Laserdiode im Plastikgeh짰se 25 W Spitzenleistung Pulsed Laser Diode in Plastic Package 25 W Peak PowerLead (Pb) Free Product - RoHS Compliant
SPLAH90 OSRAM-SPLAH90_3 Datasheet
277Kb / 8P
   Nanostack Pulsed Laser Diode Array 75 W Peak Power
logo
Siemens Semiconductor G...
SPL2FXX SIEMENS-SPL2FXX Datasheet
122Kb / 6P
   Laser Diode in TO-220 Package with FC-connector 0.75 W cw Class 4 Laser Product
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com