Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SRD00215H Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part # SRD00215H
Description  Ternary PIN Photodiode with Pigtail
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SRD00215H Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  SRD00215H Datasheet HTML 1Page - Siemens Semiconductor Group SRD00215H Datasheet HTML 2Page - Siemens Semiconductor Group SRD00215H Datasheet HTML 3Page - Siemens Semiconductor Group SRD00215H Datasheet HTML 4Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Semiconductor Group
1
02.95
Ternary PIN Photodiode with Pigtail
SRD 00214X
SRD 00215X
InGaAs/InP - PIN-photodiode
Designed for telecommunications applications
Sensitive receiver for the 2nd and 3rd optical window
(1300 nm and 1500 nm)
Suitable for bit rates up to 1.2 Gbit/s
Low junction and low package capacitance
Fast switching times
Low dark current
Low noise
Hermetically sealed 3-pin metal case
With optimally coupled multimode-fiber pigtail
Type
Ordering Code
Connector/Flange
SRD 00214H
Q62702-Pxxxx
Pigtail, FC/PC-Multimode
connector
SRD 00215H
Q62702-Pxxxx
Pigtail with flange, FC/PC-
Multimode connector
SRD 00214C
Q62702-P3059
Pigtail, DIN-Multimode
connector
SRD 00215C
Q62702-P3060
Pigtail with flange, DIN-
Multimode connector
Component with other connector types on request.
Maximum Ratings
Parameter
Symbol
Values
Unit
Forward current
IF
10
mA
Reverse voltage
VR
20
V
Operating and storage temperature
TA Tstg
− 40 … + 85
°C
Max. radiant power into the opt. port
(
VR = 5 V)
Φport
1
mW
Soldering time (wave / dip soldering), distance
between solder point and base plate,
(
≥ 2 mm, 260 °C)
ts
10
s


Similar Part No. - SRD00215H

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SRD00212Z SIEMENS-SRD00212Z Datasheet
64Kb / 3P
   Ternary PIN Photodiode in TO-Package with Integrated Optics
logo
Infineon Technologies A...
SRD00217 INFINEON-SRD00217 Datasheet
282Kb / 3P
   Ternary PIN Photodiode in Receptacle Package
DECEMBER 2001
SRD00217G INFINEON-SRD00217G Datasheet
282Kb / 3P
   Ternary PIN Photodiode in Receptacle Package
DECEMBER 2001
SRD00217H INFINEON-SRD00217H Datasheet
282Kb / 3P
   Ternary PIN Photodiode in Receptacle Package
DECEMBER 2001
SRD00217N INFINEON-SRD00217N Datasheet
282Kb / 3P
   Ternary PIN Photodiode in Receptacle Package
DECEMBER 2001
More results

Similar Description - SRD00215H

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SRD00217 INFINEON-SRD00217 Datasheet
282Kb / 3P
   Ternary PIN Photodiode in Receptacle Package
DECEMBER 2001
logo
Siemens Semiconductor G...
SRD00231Z SIEMENS-SRD00231Z Datasheet
66Kb / 3P
   Ternary PIN Photodiode in TO-Package, Central Pin
SRD00314X SIEMENS-SRD00314X Datasheet
118Kb / 4P
   Ternary PIN Photodiode with Blocking Filter for 3rd Window
SRD00212Z SIEMENS-SRD00212Z Datasheet
64Kb / 3P
   Ternary PIN Photodiode in TO-Package with Integrated Optics
SRD00534X SIEMENS-SRD00534X Datasheet
112Kb / 5P
   Ge-Avalanche Photodiode with Pigtail, Central Pin
logo
OPLINK Communications I...
PIPD15502001111 OPLINK-PIPD15502001111 Datasheet
128Kb / 2P
   Pigtail Integrated InGaAs PIN Photodiode
PIPD OPLINK-PIPD Datasheet
128Kb / 2P
   Pigtail Integrated InGaAs PIN Photodiode
PIPD-S0063 OPLINK-PIPD-S0063 Datasheet
128Kb / 2P
   Pigtail Integrated InGaAs PIN Photodiode
PIPD131005011 OPLINK-PIPD131005011 Datasheet
217Kb / 2P
   Pigtail Integrated InGaAs PIN Photodiode
PIPA OPLINK-PIPA Datasheet
309Kb / 2P
   Pigtail Integrated InGaAs PIN Photodiode Array
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com