Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELM91301CA-S Datasheet(PDF) 6 Page - ELM Technology Corporation

Part # ELM91301CA-S
Description  CMOS PFM Step-up DC/DC converter and controller
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM-TECH [ELM Technology Corporation]
Direct Link  http://www.elm-tech.com
Logo ELM-TECH - ELM Technology Corporation

ELM91301CA-S Datasheet(HTML) 6 Page - ELM Technology Corporation

Back Button ELM91301CA-S Datasheet HTML 2Page - ELM Technology Corporation ELM91301CA-S Datasheet HTML 3Page - ELM Technology Corporation ELM91301CA-S Datasheet HTML 4Page - ELM Technology Corporation ELM91301CA-S Datasheet HTML 5Page - ELM Technology Corporation ELM91301CA-S Datasheet HTML 6Page - ELM Technology Corporation ELM91301CA-S Datasheet HTML 7Page - ELM Technology Corporation ELM91301CA-S Datasheet HTML 8Page - ELM Technology Corporation ELM91301CA-S Datasheet HTML 9Page - ELM Technology Corporation ELM91301CA-S Datasheet HTML 10Page - ELM Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
6
■External parts
1) Coil
2) Diode
To design DC/DC converters using ELM91xx1xA series, coil, diode, and capacitor are necessary. Except these
external parts, switching transistor is also needed when using ELM91xx3xA. Please locate external parts to IC
as close as possible, and lower the impedance of ground line. (Please refer to standard circuit)
When choosing choke coil, please select that whose core is not magnetically saturated, DC resistance is
low, and which has sufficient margin for rated current.
The typical characteristics graphics of ELM91xx1xA series is done by following coil : SLF7045(TDK)
The typical characteristics graphics of ELM91xx3xA series is done by following coil : SLF10145(TDK)
When choosing diode, please select that whose forward voltage is small, switching speed is high and which
has sufficient margin for rated current.
For ELM91 series, ELM recommends schottoky diodes.
3) Capacitor
When choosing capacitor, please select that which is generally used for smoothing power supply circuit,
with comparatively large capacity and whose rated voltage is at least three times larger than rated output
voltage of used ELM91 series.
For ELM91 series, ELM recommends Aluminum electrolytic or Tantalum capacitor.
Under different conditions, such as different input voltage, load current, etc. larger output voltage ripple
may happen and thus result in intermittent switching. To prevent output voltage ripple from becoming
larger, please use capacitor with comparatively larger capacity or small ESR.
The output voltage of ELM91xx3xA may lower when the load current is large. To prevent this, please use
output capacitor with comparatively large capacity or small ESR.
Following characteristics graphics are made with ELM91303xA, when Vin=1.5V.{Cin=100μF(Ta),
L=33μH}
0 100 200 300 400 500 600 700 800
1
1.5
2
2.5
3
3.5
100�F(Ta)
330�F(Ta)
Vout-Iout
Iout (mA)
1000�F(AL)
200
400
600
800
1000
0
100
200
300
400
500
600
100�F(Ta)
1000�F(AL)
RIPPLE VOLTAGE-Iout
Iout (mA)
330�F(Ta)
0 100 200 300 400 500 600 700 800
40
50
60
70
80
90
100
100�F(Ta)
1000�F(AL)
EFFICIENCY-Iout
Iout (mA)
330�F(Ta)
22 -
ELM91xxxxA CMOS PFM Step-up DC/DC converter and controller


Similar Part No. - ELM91301CA-S

ManufacturerPart #DatasheetDescription
logo
ELM Electronics
ELM91 ELM-ELM91 Datasheet
1Mb / 22P
   CMOS PFM Step-up DC/DC converter and controller
logo
ELM Technology Corporat...
ELM91 ELM-TECH-ELM91 Datasheet
1Mb / 22P
   PFM Step-up DC/DC converter and controller
ELM91-SERIES ELM-TECH-ELM91-SERIES Datasheet
1Mb / 22P
   CMOS PFM Step-up DC/DC converter
ELM915BA ELM-TECH-ELM915BA Datasheet
635Kb / 6P
   54V 1A switching LED driver
logo
ELM Electronics
ELM915BA ELM-ELM915BA Datasheet
669Kb / 6P
   50V 1A switching LED driver
More results

Similar Description - ELM91301CA-S

ManufacturerPart #DatasheetDescription
logo
ELM Electronics
ELM91 ELM-ELM91 Datasheet
1Mb / 22P
   CMOS PFM Step-up DC/DC converter and controller
logo
ELM Technology Corporat...
ELM91 ELM-TECH-ELM91 Datasheet
1Mb / 22P
   PFM Step-up DC/DC converter and controller
ELM94-SERIES ELM-TECH-ELM94-SERIES Datasheet
678Kb / 6P
   CMOS PFM step-up DC/DC converter
ELM9427B-S ELM-TECH-ELM9427B-S Datasheet
82Kb / 6P
   CMOS PFM step-up DC/DC converter
logo
ELM Electronics
ELM94 ELM-ELM94 Datasheet
896Kb / 6P
   CMOS PFM step-up DC/DC converter
logo
ELM Technology Corporat...
ELM91-SERIES ELM-TECH-ELM91-SERIES Datasheet
1Mb / 22P
   CMOS PFM Step-up DC/DC converter
logo
Shanghai Consonance Ele...
CN5136 CONSONANCE-CN5136 Datasheet
166Kb / 6P
   PFM Step-Up DC-DC Controller
logo
Nippon Precision Circui...
SM6702 NPC-SM6702 Datasheet
116Kb / 10P
   PFM Step-up DC/DC Converter
logo
List of Unclassifed Man...
RCR2562 ETC2-RCR2562 Datasheet
171Kb / 7P
   PFM Step-up DC/DC Converter
logo
ELM Technology Corporat...
ELM93-SERIES ELM-TECH-ELM93-SERIES Datasheet
1Mb / 8P
   PFM step-up DC/DC converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com