Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A30070-20B Datasheet(PDF) 3 Page - Molex Electronics Ltd.

Part # A30070-20B
Description  MINI-FIT T.P.A. RIGHT ANGLE HEADER ASSEMBLY
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX1 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX1 - Molex Electronics Ltd.

A30070-20B Datasheet(HTML) 3 Page - Molex Electronics Ltd.

  A30070-20B Datasheet HTML 1Page - Molex Electronics Ltd. A30070-20B Datasheet HTML 2Page - Molex Electronics Ltd. A30070-20B Datasheet HTML 3Page - Molex Electronics Ltd. A30070-20B Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image


Similar Part No. - A30070-20B

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
A300-150 MEANWELL-A300-150 Datasheet
113Kb / 4P
   150W Modified Sine Wave DC-AC Power Inverter
A300-300 MEANWELL-A300-300 Datasheet
94Kb / 2P
   300W Modified Sine Wave DC-AC Power Inverter
A300-600 MEANWELL-A300-600 Datasheet
81Kb / 2P
   600W Modified Sine Wave DC-AC Power Inverter
logo
Vishay Barry
A3000-10-6X BARRY-A3000-10-6X Datasheet
129Kb / 1P
   Rev.B 04/07/10
Rev.B 04/07/10
A3000-20-3X BARRY-A3000-20-3X Datasheet
180Kb / 1P
   BeO
04/03/08
More results

Similar Description - A30070-20B

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0015975161 MOLEX1-0015975161 Datasheet
229Kb / 2P
   2-24 CKT. RECPT. HSG. MINI-FIT T.P.A. SERIES
35318-0620 MOLEX11-35318-0620 Datasheet
43Kb / 2P
   4.20mm Pitch Mini-Fit Header, Dual Row, Right Angle
0438790043 MOLEX11-0438790043 Datasheet
198Kb / 2P
   MINI-FIT JR BMI/CPI HEADER ASSEMBLY
0438790034 MOLEX11-0438790034 Datasheet
198Kb / 2P
   MINI-FIT JR BMI/CPI HEADER ASSEMBLY
0438790038 MOLEX11-0438790038 Datasheet
198Kb / 2P
   MINI-FIT JR BMI/CPI HEADER ASSEMBLY
438790022 MOLEX-438790022 Datasheet
252Kb / 2P
   MINI-FIT JR BMI/CPI HEADER ASSEMBLY
2012/12/03
39-30-1020 MOLEX-39-30-1020 Datasheet
271Kb / 7P
   MINI-FIT JR RIGHT ANGLE HEADER ASSEMBLIES WITH MOUNTING PEGS
logo
Tyco Electronics
223987-1 MACOM-223987-1 Datasheet
113Kb / 1P
   ASSEMBLY, RIGHT ANGLE HEADER
787443-1 MACOM-787443-1 Datasheet
43Kb / 1P
   HEADER ASSEMBLY, RIGHT ANGLE, KEYLESS
logo
Molex Electronics Ltd.
0874272412 MOLEX9-0874272412 Datasheet
172Kb / 4P
   4.20mm (.165") Mini-Fit Jr.??Header, Right Angle, Nylon, with Flange, 24Circuits
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com