Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SRD00535H Datasheet(PDF) 3 Page - Siemens Semiconductor Group

Part # SRD00535H
Description  Ge-Avalanche Photodiode with Pigtail, Central Pin
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SRD00535H Datasheet(HTML) 3 Page - Siemens Semiconductor Group

  SRD00535H Datasheet HTML 1Page - Siemens Semiconductor Group SRD00535H Datasheet HTML 2Page - Siemens Semiconductor Group SRD00535H Datasheet HTML 3Page - Siemens Semiconductor Group SRD00535H Datasheet HTML 4Page - Siemens Semiconductor Group SRD00535H Datasheet HTML 5Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SRD 00534X
SRD 00535X
Semiconductor Group
3
Rel. Spectral Sensitivity
M = 1 (VR = 10 V)
Dark Current
ID = ID(VR / VBR)
Multiplication Factor
M = M(VR / VBR)
0
0.2
0.4
0.6
0.8
1
800
1000
1200
1400
1600
Wavelength in nm
0.1
1
10
100
0
0.2
0.4
0.6
0.8
1
VR/VBR
M
ID
Frequency Response of Sensitivity
S = S(f),
λ = 1300 nm
Temperatur Behaviour of Breakdown
Voltage
VBR / VBR(25 °C)(TA)
-10
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
100
10000
Frequency in MHz
M=2
M=8
M=16
M=32
0.9
0.95
1
1.05
1.1
-50
-25
0
25
50
75
100
Ambient Temperature in °C


Similar Part No. - SRD00535H

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SRD00512Z SIEMENS-SRD00512Z Datasheet
75Kb / 4P
   Ge-Avalanche Photodiode in TO Package with Integrated Optics
SRD00514H SIEMENS-SRD00514H Datasheet
124Kb / 4P
   Ge-Avalanche Photodiode with Pigtail
SRD00514X SIEMENS-SRD00514X Datasheet
124Kb / 4P
   Ge-Avalanche Photodiode with Pigtail
SRD00515H SIEMENS-SRD00515H Datasheet
124Kb / 4P
   Ge-Avalanche Photodiode with Pigtail
More results

Similar Description - SRD00535H

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SRD00514X SIEMENS-SRD00514X Datasheet
124Kb / 4P
   Ge-Avalanche Photodiode with Pigtail
SRD00512Z SIEMENS-SRD00512Z Datasheet
75Kb / 4P
   Ge-Avalanche Photodiode in TO Package with Integrated Optics
SRD00214X SIEMENS-SRD00214X Datasheet
122Kb / 4P
   Ternary PIN Photodiode with Pigtail
logo
Optoway Technology Inc
APD-1310 OPTOWAY-APD-1310 Datasheet
82Kb / 2P
   InGaAs Avalanche PHOTODIODE with Single-Mode Pigtail
logo
Siemens Semiconductor G...
SRD00231Z SIEMENS-SRD00231Z Datasheet
66Kb / 3P
   Ternary PIN Photodiode in TO-Package, Central Pin
logo
Optoway Technology Inc
APD-1350 OPTOWAY-APD-1350 Datasheet
74Kb / 2P
   Mini-Size InGaAs Avalanche PHOTODIODE with Single-Mode Pigtail
APD-1300 OPTOWAY-APD-1300 Datasheet
82Kb / 2P
   InGaAs Avalanche PHOTODIODE with 50/125 um Fiber Pigtail
logo
OPLINK Communications I...
PIPD15502001111 OPLINK-PIPD15502001111 Datasheet
128Kb / 2P
   Pigtail Integrated InGaAs PIN Photodiode
PIPD OPLINK-PIPD Datasheet
128Kb / 2P
   Pigtail Integrated InGaAs PIN Photodiode
PIPD-S0063 OPLINK-PIPD-S0063 Datasheet
128Kb / 2P
   Pigtail Integrated InGaAs PIN Photodiode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com