Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMS24C16A Datasheet(PDF) 3 Page - Advanced Monolithic Systems Ltd

Part # AMS24C16A
Description  Two-wire Serial EEPROM
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMS [Advanced Monolithic Systems Ltd]
Direct Link   http://www.ams-semitech.com
Logo AMS - Advanced Monolithic Systems Ltd

AMS24C16A Datasheet(HTML) 3 Page - Advanced Monolithic Systems Ltd

  AMS24C16A Datasheet HTML 1Page - Advanced Monolithic Systems Ltd AMS24C16A Datasheet HTML 2Page - Advanced Monolithic Systems Ltd AMS24C16A Datasheet HTML 3Page - Advanced Monolithic Systems Ltd AMS24C16A Datasheet HTML 4Page - Advanced Monolithic Systems Ltd AMS24C16A Datasheet HTML 5Page - Advanced Monolithic Systems Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
SMD Type
IC
SMD Type
Integrate Circuit
■AC Characteristics
Applicable over recommended operating range from TAI = -40℃ to +85℃, VCC = +1.8V to +5.5V, VCC = +2.7V to +5.5V,
CL = 1 TTL Gate and 100 pF (unless otherwise noted)
Parameter
Symbol
Min
Max
Min
Max
Clock Frequency, SCL
fSCL
100
400
kHz
Clock Pulse Width Low
tLOW
4.7
1.2
μs
Clock Pulse Width High
tHIGH
4.0
0.6
μs
Noise Suppression Time*1
tI
100
50
ns
Clock Low to Data Out Valid
tAA
0.1
4.5
0.1
0.9
μs
Time the bus must be free before a new
transmission can start*1
tBUF
4.7
1.2
μs
Start Hold Time
tHD.STA
4.0
0.6
μs
Start Setup Time
tSU.STA
4.7
0.6
μs
Data In Hold Time
tHD.DAT
0
0
μs
Data In Setup Time
tSU.DAT
200
100
ns
Inputs Rise Time*1
tR
1.0
0.3
μs
Inputs Fall Time*1
tF
300
300
ns
Stop Setup Time
tSU.STO
4.7
0.6
μs
Data Out Hold Time
tDH
100
50
ns
Write Cycle Time
tWR
5
5
ms
5.0V, 25℃, Byte Mode
Endurance*1
1M
1M
Write
Cycles
*1. This parameter is characterized.
2.7, 5.0-V
1.8-V
Units
AMS24C01A/02/04/08A/16A
3
AMS24CXX


Similar Part No. - AMS24C16A

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS2026 ADMOS-AMS2026 Datasheet
51Kb / 5P
   DUAL POWER DISTRIBUTION SWITCH
AMS2026 ADMOS-AMS2026 Datasheet
53Kb / 5P
   DUAL POWER DISTRIBUTION SWITCH
AMS2026P ADMOS-AMS2026P Datasheet
51Kb / 5P
   DUAL POWER DISTRIBUTION SWITCH
AMS2026P ADMOS-AMS2026P Datasheet
53Kb / 5P
   DUAL POWER DISTRIBUTION SWITCH
AMS2026S ADMOS-AMS2026S Datasheet
51Kb / 5P
   DUAL POWER DISTRIBUTION SWITCH
More results

Similar Description - AMS24C16A

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE24C32B ACE-ACE24C32B Datasheet
988Kb / 18P
   Two-wire Serial EEPROM
VER 1.3
ACE24AC512 ACE-ACE24AC512 Datasheet
1Mb / 16P
   Two-wire Serial EEPROM
VER 1.1
ACE24LA64A ACE-ACE24LA64A Datasheet
1Mb / 18P
   Two-wire Serial EEPROM
VER 1.1
ACE24LC02BN++ ACE-ACE24LC02BN+ Datasheet
243Kb / 12P
   Two-wire Serial EEPROM
VER 1.3
logo
ATMEL Corporation
AT24C02B ATMEL-AT24C02B_07 Datasheet
546Kb / 21P
   Two-wire Serial EEPROM
AT24HC02B ATMEL-AT24HC02B_07 Datasheet
540Kb / 17P
   Two-wire Serial EEPROM
logo
ACE Technology Co., LTD...
ACE24LC02 ACE-ACE24LC02 Datasheet
295Kb / 17P
   Two-wire Serial EEPROM
VER 1.3
logo
ATMEL Corporation
AT24C16B ATMEL-AT24C16B_09 Datasheet
804Kb / 27P
   Two-wire Serial EEPROM
logo
ACE Technology Co., LTD...
ACE24C32 ACE-ACE24C32_1 Datasheet
202Kb / 13P
   Two-wire Serial EEPROM
VER 1.3
logo
Leshan Radio Company
LR24C02 LRC-LR24C02 Datasheet
755Kb / 15P
   Two-Wire Serial EEPROM
logo
Shenzhen Huazhimei Semi...
HM24C1024 HMSEMI-HM24C1024 Datasheet
1Mb / 12P
   Two-Wire Serial EEPROM
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com