Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMS1067 Datasheet(PDF) 2 Page - Advanced Monolithic Systems Ltd

Part # AMS1067
Description  2A Output Current
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMS [Advanced Monolithic Systems Ltd]
Direct Link   http://www.ams-semitech.com
Logo AMS - Advanced Monolithic Systems Ltd

AMS1067 Datasheet(HTML) 2 Page - Advanced Monolithic Systems Ltd

  AMS1067 Datasheet HTML 1Page - Advanced Monolithic Systems Ltd AMS1067 Datasheet HTML 2Page - Advanced Monolithic Systems Ltd AMS1067 Datasheet HTML 3Page - Advanced Monolithic Systems Ltd AMS1067 Datasheet HTML 4Page - Advanced Monolithic Systems Ltd AMS1067 Datasheet HTML 5Page - Advanced Monolithic Systems Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Absolute Maximum Ratings (Note 1)
Recommended Operating Conditions (Note 2)
Input Voltage (VIN)
-0.3V to
20V
Input Voltage (VIN)
4.75V to
18V
Switch Voltage (VSW)
-1V to VIN +1V
Operating Temperature
-20°C to +85°C
Boot Strap Voltage (VBS)
VSW-0.3V toVSW+6V
All Other Pins
-0.3 to 6V
Junction Temperature
150°C
Lead Temperature
260°C
Storage Temperature
-
55°C to 150°C
Electrical Characteristics (Unless otherwise specified refer to Circuit of Figure 1, VEN=5V, VIN=12V, TA=25 C)
Parameters
Condition
Min
Typ
Max
Units
Feedback Voltage
4.75V ≤ VIN ≤ 15V
1.22
V
Upper Switch On Resistance
0.22
Lower Switch On Resistance
10
Upper Switch Leakage
VEN=0V; VSW=0V
10
µA
Current Limit
2.4
2.
80
A
Oscillator Frequency
420
KHz
Short Circuit Frequency
VFB = 0V
42
KHz
Maximum Duty Cycle
VFB = 1.0V
90
%
Minimum Duty Cycle
VFB = 1.5V
0
%
Enable Threshold
0.7
1.0
1.3
V
Under Voltage Lockout Threshold High Going
2.0
2.5
3.0
V
Under Voltage Lockout Threshold Hysteresis
200
mV
Shutdown Supply current
25
50
µA
Operating Supply current
VEN=
2.6V; VFB =1.4V
1.0
1.5
mA
Thermal Shutdown
160
°C
Note 1. Exceeding these ratings may damage the device.
Note 2. The device is not guaranteed to function outside its operating rating.
Pin Description
BS 1
2
3
4
5
6
7
8
IN
SW
GND
N/C
EN
COMP
FB
VEN ≤ 0.4V
Advanced Monolithic Systems http://www.ams-semitech.com
2
AMS1067


Similar Part No. - AMS1067

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS1069 AMS-AMS1069 Datasheet
1Mb / 5P
   2A Output Current
More results

Similar Description - AMS1067

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS1069 AMS-AMS1069 Datasheet
1Mb / 5P
   2A Output Current
logo
Advanced Monolithic Sys...
AMS3120 ADMOS-AMS3120 Datasheet
409Kb / 9P
   2A maximum output current
logo
Unisonic Technologies
LR18220G-XX-S08-R UTC-LR18220G-XX-S08-R Datasheet
162Kb / 4P
   Guaranteed Output Current of 2A
logo
Semtech Corporation
SC4524D SEMTECH-SC4524D Datasheet
790Kb / 21P
   18V 2A Step-Down Switching Regulator 2A Output Current
logo
Seaward Electronics Inc...
SE3608 SEAWARD-SE3608 Datasheet
337Kb / 8P
   2A/1.2Mhz Output Current, Boost Converter
logo
BCD Semiconductor Manuf...
AP3502E BCDSEMI-AP3502E Datasheet
597Kb / 11P
   340kHz, 2A Synchronous DC-DC Buck Converter Output Current: 2A
logo
Fairchild Semiconductor
FOD3180 FAIRCHILD-FOD3180 Datasheet
747Kb / 13P
   2A Output Current, High Speed MOSFET Gate Driver Optocoupler
FOD3180 FAIRCHILD-FOD3180_08 Datasheet
294Kb / 13P
   2A Output Current, High Speed MOSFET Gate Driver Optocoupler
logo
General Semiconductor
APXS002A0X-SRZ GE-APXS002A0X-SRZ Datasheet
851Kb / 24P
   2A PicoTLynxTM: Non-Isolated DC-DC Power Modules 3Vdc ??4Vdc input; 0.6Vdc to 5.5Vdc output; 2A Output Current
logo
Sharp Corporation
PQ3RF23 SHARP-PQ3RF23_01 Datasheet
68Kb / 7P
   3.3V Output, High Output Current(2A, 3.5A)Type Low Power-loss Voltage Regulators
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com