Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMS1073 Datasheet(PDF) 5 Page - Advanced Monolithic Systems Ltd

Part # AMS1073
Description  1.2A Peak Output Current
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMS [Advanced Monolithic Systems Ltd]
Direct Link   http://www.ams-semitech.com
Logo AMS - Advanced Monolithic Systems Ltd

AMS1073 Datasheet(HTML) 5 Page - Advanced Monolithic Systems Ltd

  AMS1073 Datasheet HTML 1Page - Advanced Monolithic Systems Ltd AMS1073 Datasheet HTML 2Page - Advanced Monolithic Systems Ltd AMS1073 Datasheet HTML 3Page - Advanced Monolithic Systems Ltd AMS1073 Datasheet HTML 4Page - Advanced Monolithic Systems Ltd AMS1073 Datasheet HTML 5Page - Advanced Monolithic Systems Ltd AMS1073 Datasheet HTML 6Page - Advanced Monolithic Systems Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
TYPICAL APPLICATION CIRCUITS
VIN
Notes:
1) D3 can be installed if VIN < 5V
2) D2 can be installed if VOUT < 5V
3) No need for both D2 and D3
VOUT
3.3V
C
2
10nF
D1
U1
D2
1N4148
(Optional)
AMS1073
FB
SW
BS
GND
EN
IN
1
5
4
6
3
OFF ON
1.4MHz, 3.3V Output at 1A Step-Down Converter
VOUT (V)
R1 (kΩ)
R2 (kΩ)
1.8
80.6 (1%)
64.9 (1%)
2.5
49.9 (1%)
23.7 (1%)
3.3
49.9 (1%)
16.2 (1%)
5
49.9 (1%)
9.53 (1%)
Resistor Selection for Common Output Voltages
Vout=0.81X(1+R1/R2)
C1
L1
10uF
22uF
C3
4.7uH
R1
49.9K
R2
16.2K
D3
1N4148
(Optional)
AMS1073
Advanced Monolithic Systems http://www.ams-semitech.com
5


Similar Part No. - AMS1073

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS1070 AMS-AMS1070 Datasheet
838Kb / 7P
   3A Continuous Output Current
AMS1072 AMS-AMS1072 Datasheet
469Kb / 6P
   2.5V to 8V Input Voltage Range
AMS1076 AMS-AMS1076 Datasheet
793Kb / 5P
   1A Output Current 0.45廓 Internal Power MOSFET Switch
More results

Similar Description - AMS1073

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL7805 BELLING-BL7805 Datasheet
473Kb / 6P
   Output Current up to 1.2A
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-315J-500E AVAGO-HCPL-315J-500E Datasheet
242Kb / 21P
   0.6A maximum peak output current 0.5 A minimum peak output current
logo
MIC GROUP RECTIFIERS
MIC4421A MIC-MIC4421A_11 Datasheet
399Kb / 13P
   High peak-output current: 9A Peak (typ.)
logo
Advanced Power Electron...
APE8969 A-POWER-APE8969 Datasheet
259Kb / 7P
   1.2A HIGH OUTPUT CURRENT LDO REGULATOR
logo
M.S. Kennedy Corporatio...
MSK0041 MSK-MSK0041_15 Datasheet
169Kb / 7P
   Output Current - 0.5 Amps Peak
logo
Broadcom Corporation.
ACPL-P340 BOARDCOM-ACPL-P340 Datasheet
777Kb / 19P
   1.0A maximum peak output current
logo
IXYS Corporation
IX3120 IXYS-IX3120 Datasheet
263Kb / 12P
   2.5A Maximum Peak Output Current
logo
Broadcom Corporation.
ACPL-P345 BOARDCOM-ACPL-P345 Datasheet
1Mb / 17P
   1.0A maximum peak output current
logo
IXYS Corporation
IX3180 IXYS-IX3180 Datasheet
254Kb / 11P
   2.5A Maximum Peak Output Current
logo
Intersil Corporation
ISL9110 INTERSIL-ISL9110 Datasheet
1Mb / 20P
   1.2A High Efficiency Buck-Boost Regulators Output Current: Up to 1.2A
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com