Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMS1117-1.2 Datasheet(PDF) 1 Page - Advanced Monolithic Systems Ltd

Part # AMS1117-1.2
Description  1A Adjustable/Fixed Low Dropout Linear Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMS [Advanced Monolithic Systems Ltd]
Direct Link   http://www.ams-semitech.com
Logo AMS - Advanced Monolithic Systems Ltd

AMS1117-1.2 Datasheet(HTML) 1 Page - Advanced Monolithic Systems Ltd

  AMS1117-1.2 Datasheet HTML 1Page - Advanced Monolithic Systems Ltd AMS1117-1.2 Datasheet HTML 2Page - Advanced Monolithic Systems Ltd AMS1117-1.2 Datasheet HTML 3Page - Advanced Monolithic Systems Ltd AMS1117-1.2 Datasheet HTML 4Page - Advanced Monolithic Systems Ltd AMS1117-1.2 Datasheet HTML 5Page - Advanced Monolithic Systems Ltd AMS1117-1.2 Datasheet HTML 6Page - Advanced Monolithic Systems Ltd AMS1117-1.2 Datasheet HTML 7Page - Advanced Monolithic Systems Ltd AMS1117-1.2 Datasheet HTML 8Page - Advanced Monolithic Systems Ltd AMS1117-1.2 Datasheet HTML 9Page - Advanced Monolithic Systems Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1A Adjustable/Fixed Low Dropout Linear Regulator
- Low dropout voltage
- Load regulation: 0.2% typical
- Optimized for Low Voltage
- On-chip thermal limiting
- Standard SOT-223 and TO-252 packages
- Three-terminal adjustable or fixed low dropout
1.2V,1.5V,1.8V, 2.5V, 2.85V, 3.3V, 5V. Regulators
- Active SCSI terminators
- High efficiency linear regulators
- Post regulators for switching supplies
- Battery chargers
- 12V to 5V linear regulators
-Motherboard clock supplies
The AMS1117-ADJ and AMS1117-1.2,-1.5,-1.8,-2.5,-2.85,
-3.3 and-5 are low dropout three-terminal regulators with
1A output current capability. These devices have been
optimized for low voltage where transient response and
minimum input voltage are critical. The 2.85V version is
designed specifically to be used in Active Terminators for
SCSI bus.
On-chip thermal limiting provides protection against any
combination of overload and ambient temperatures that
would create excessive junction temperatures.
Unlike PNP type regulators where up to 10% of the output
current is wasted as quiescent current, the quiescent cur-
rent of the AMS1117 flows into the load, increasing effi-
ciency.
The AMS1117 series regulators are available in the indus-
try-standard SOT-223 and TO-252 power packages.
Key Features
Applications
General Description
Typical Application
Notice: The distance between Vout pin and Capacitor should not exceed 4cm for excellent performance
Figure 1. Typical Applications of
AMS1117
AMS1117
Advanced Monolithic Systems http://www.ams-semitech.com
1


Similar Part No. - AMS1117-1.2

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS1117-1.2 AMS-AMS1117-1.2 Datasheet
624Kb / 5P
   0.8A Adjustable/Fixed Low Dropout Linear Regulator
logo
DONGGUAN YOU FENG WEI E...
AMS1117-1.2 YFWDIODE-AMS1117-1.2 Datasheet
820Kb / 4P
   Low Dropout Linear Regulator
logo
TECH PUBLIC Electronics...
AMS1117-1.2 TECHPUBLIC-AMS1117-1.2 Datasheet
2Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
AMS1117-1.2 TECHPUBLIC-AMS1117-1.2 Datasheet
2Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
AMS1117-1.2 TECHPUBLIC-AMS1117-1.2 Datasheet
2Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
More results

Similar Description - AMS1117-1.2

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RC1117 FAIRCHILD-RC1117 Datasheet
48Kb / 9P
   1A Adjustable/Fixed Low Dropout Linear Regulator
logo
Leshan Radio Company
LR1117A LRC-LR1117A Datasheet
148Kb / 9P
   1A Adjustable/Fixed Low Dropout Linear Regulator
logo
Fairchild Semiconductor
FAN1117A FAIRCHILD-FAN1117A Datasheet
49Kb / 9P
   1A Adjustable/Fixed Low Dropout Linear Regulator
logo
List of Unclassifed Man...
L1117XG ETC1-L1117XG Datasheet
242Kb / 13P
   1A Fixed and Adjustable Low Dropout Linear Regulator (LDO)
L1117 ETC1-L1117 Datasheet
101Kb / 10P
   1A Fixed and Adjustable Low Dropout Linear Regulator (LDO)
logo
Global Mixed-mode Techn...
G9117 GMT-G9117 Datasheet
59Kb / 1P
   1A Adjustable Low-Dropout Linear Regulator
G1117 GMT-G1117_15 Datasheet
93Kb / 1P
   1A Adjustable Low-Dropout Linear Regulator
G1117 GMT-G1117 Datasheet
293Kb / 9P
   1A Adjustable Low-Dropout Linear Regulator
logo
Fairchild Semiconductor
FAN1585A FAIRCHILD-FAN1585A Datasheet
63Kb / 12P
   5A Adjustable/Fixed Low Dropout Linear Regulator
logo
E-Tech Electronics LTD
UZ1086 ETL-UZ1086 Datasheet
253Kb / 7P
   1.5A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com