Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMS1084D-1.5TR Datasheet(PDF) 8 Page - Advanced Monolithic Systems Ltd

Part # AMS1084D-1.5TR
Description  5A LDO VOLTAGE REGULATOR
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMS [Advanced Monolithic Systems Ltd]
Direct Link   http://www.ams-semitech.com
Logo AMS - Advanced Monolithic Systems Ltd

AMS1084D-1.5TR Datasheet(HTML) 8 Page - Advanced Monolithic Systems Ltd

Back Button AMS1084D-1.5TR Datasheet HTML 3Page - Advanced Monolithic Systems Ltd AMS1084D-1.5TR Datasheet HTML 4Page - Advanced Monolithic Systems Ltd AMS1084D-1.5TR Datasheet HTML 5Page - Advanced Monolithic Systems Ltd AMS1084D-1.5TR Datasheet HTML 6Page - Advanced Monolithic Systems Ltd AMS1084D-1.5TR Datasheet HTML 7Page - Advanced Monolithic Systems Ltd AMS1084D-1.5TR Datasheet HTML 8Page - Advanced Monolithic Systems Ltd AMS1084D-1.5TR Datasheet HTML 9Page - Advanced Monolithic Systems Ltd AMS1084D-1.5TR Datasheet HTML 10Page - Advanced Monolithic Systems Ltd AMS1084D-1.5TR Datasheet HTML 11Page - Advanced Monolithic Systems Ltd  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
AMS1084
Output Voltage Change vs. Temperature Stability
Temperature
PSRR vs. Frequency
Frequency (Hz)
Short-Circuit Current vs. Dropout Voltage
Time (uS)
Load Transient Response
Dropout Voltage (V)
Temperature
Time (uS)
Adjust Pin Current vs. Temperature
Line Transient Response
TYPICAL CHARACTERISTICS CURVES
10
100
1K
10K
100K
1M
-50 -25 0
25 50
75 100 125 150
0
2
4
6
8
10
12
-50 -25
0
25 50 75 100 125 150
0
100
200
0
50
100
Vout=10V
Iin=0.2A
Cin=1uF Tantalum
Cout=10uF Tantalum
Cadj=0
Cin=1uF
Cout=10uF Tantalum
Cadj=0
Vout=10V
Vin=13V
PRELOAD=100mA
2.0
1.0
0
-1.0
-2.0
100
90
80
70
60
50
40
30
20
10
0
60
40
20
0
-20
-40
-60
14
13
12
90
80
70
60
50
40
30
20
10
0
0.6
0.4
0.2
0
-0.2
-0.4
-0.6
5
4
2
0
8
7
6
5
4
3
2
1
0
8
Advanced Monolithic Systems http://www.ams-semitech.com


Similar Part No. - AMS1084D-1.5TR

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS1084 ADMOS-AMS1084 Datasheet
76Kb / 8P
   5A LOW DROPOUT VOLTAGE REGULATOR
AMS1084 ADMOS-AMS1084 Datasheet
192Kb / 9P
   5A LOW DROPOUT VOLTAGE REGULATOR
AMS1084CD ADMOS-AMS1084CD Datasheet
192Kb / 9P
   5A LOW DROPOUT VOLTAGE REGULATOR
AMS1084CD ADMOS-AMS1084CD Datasheet
133Kb / 9P
   High Efficiency Linear Regulators
AMS1084CD-1.5 ADMOS-AMS1084CD-1.5 Datasheet
192Kb / 9P
   5A LOW DROPOUT VOLTAGE REGULATOR
More results

Similar Description - AMS1084D-1.5TR

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
SA1084 SILAN-SA1084 Datasheet
451Kb / 10P
   5A LDO VOLTAGE REGULATOR
logo
Micrel Semiconductor
MIC37500 MICREL-MIC37500 Datasheet
46Kb / 8P
   5A, Low voltage uCap LDO REgulator
logo
Guangdong Youtai Semico...
AMS1084CM-3.3 UMW-AMS1084CM-3.3 Datasheet
1Mb / 11P
   5A LDO regulator circuit
logo
Micrel Semiconductor
MIC37501 MICREL-MIC37501 Datasheet
393Kb / 11P
   5A, Low Voltage 關Cap LDO Regulator
MIC37501 MICREL-MIC37501_11 Datasheet
346Kb / 11P
   5A, Low Voltage 關Cap LDO Regulator
MIC29510 MICREL-MIC29510_06 Datasheet
315Kb / 10P
   5A Fast-Response LDO Regulator
logo
AiT Semiconductor Inc.
A1084 AITSEMI-A1084 Datasheet
905Kb / 13P
   BIPOLAR LDO REGULATOR 5A BIPOLAR LINEAR REGULATOR
REV1.3
logo
Avic Technology
AV1084 AVICTEK-AV1084 Datasheet
9Mb / 8P
   5A Adjustable Low Dropout Linear Regulator (LDO)
logo
List of Unclassifed Man...
L1084S5 ETC-L1084S5 Datasheet
46Kb / 4P
   5A Adjustable Low Dropout Linear Regulator (LDO)
L1084 ETC-L1084 Datasheet
232Kb / 8P
   5A Adjustable Low Dropout Linear Regulator (LDO)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com