Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMS1117-1.5 Datasheet(PDF) 9 Page - Advanced Monolithic Systems Ltd

Part # AMS1117-1.5
Description  1A Adjustable/Fixed Low Dropout Linear Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMS [Advanced Monolithic Systems Ltd]
Direct Link   http://www.ams-semitech.com
Logo AMS - Advanced Monolithic Systems Ltd

AMS1117-1.5 Datasheet(HTML) 9 Page - Advanced Monolithic Systems Ltd

  AMS1117-1.5 Datasheet HTML 1Page - Advanced Monolithic Systems Ltd AMS1117-1.5 Datasheet HTML 2Page - Advanced Monolithic Systems Ltd AMS1117-1.5 Datasheet HTML 3Page - Advanced Monolithic Systems Ltd AMS1117-1.5 Datasheet HTML 4Page - Advanced Monolithic Systems Ltd AMS1117-1.5 Datasheet HTML 5Page - Advanced Monolithic Systems Ltd AMS1117-1.5 Datasheet HTML 6Page - Advanced Monolithic Systems Ltd AMS1117-1.5 Datasheet HTML 7Page - Advanced Monolithic Systems Ltd AMS1117-1.5 Datasheet HTML 8Page - Advanced Monolithic Systems Ltd AMS1117-1.5 Datasheet HTML 9Page - Advanced Monolithic Systems Ltd  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
1A Adjustable/Fixed Low Dropout Linear Regulator
Advanced Monolithic Systems
http://www.ams-semitech.com
The " " logo is a registered trademark of Advanced Monolithic Systems.
All other company and product names are trademarks of their respective owners
Ordering Information
Package
Temperature Range
Part Number
Output Voltage
Packing Marking
Transport Media
SOT-223
-20℃
- +125℃       AMS1117-1.2
1.2V
AMS1117
1.2
2.5K Tape and Reel
-20℃
- +125℃       AMS1117-1.5
1.5V
AMS1117 1
.5
2.5K Tape and Reel
-20℃
- +125℃       AMS1117-1.8
1.8V
AMS1117 1
.8
2.5K Tape and Reel
-20℃
- +125℃       AMS1117-2.5
2.5V
AMS1117 2
.5
2.5K Tape and Reel
-20℃
- +125℃       AMS1117-2.85
2.85V
AMS1117 2.8
2.5K Tape and Reel
-20℃
- +125℃       AMS1117-3.3
3.3V
AMS1117 3
.3
2.5K Tape and Reel
-20℃
- +125℃       AMS1117-5
5V
AMS1117 5
2.5K Tape and Reel
-20℃
- +125℃       AMS1117
Adjust
AMS1117
2.5K Tape and Reel
TO-252
-20℃
- +125℃       AMS1117-1.2
1.2V
AMS1117 1.2
2.5K Tape and Reel
-20℃
- +125℃       AMS1117-1.5
1.5V
AMS1117 1.5
2.5K Tape and Reel
-20℃
- +125℃       AMS1117-1.8
1.8V
AMS1117 1.8
2.5K Tape and Reel
-20℃
- +125℃       AMS1117-2.5
2.5V
AMS1117 2.5
2.5K Tape and Reel
-20℃
- +125℃       AMS1117-2.85
2.85V
AMS1117 2.8
2.5K Tape and Reel
-20℃
- +125℃       AMS1117-3.3
3.3V
AMS1117 3.3
2.5K Tape and Reel
-20℃
- +125℃       AMS1117-5
5.0V
AMS1117 5
2.5K Tape and Reel
-20℃
- +125℃       AMS1117CD
Adjust
AMS1117CD
2.5K Tape and Reel
Disclaimer:
AMS reserves the right to make changes to the information herein for the improvement of the design and performance
without further notice! Customers should obtain the latest relevant information before placing orders and should verify
that such information is complete and current.
All semiconductor products malfunction or fail with some probability under special conditions. When using
AMS products
in system design or complete machine manufacturing, it is the responsibility of the buyer to comply with the safety
standards strictly and take essential measures to avoid situations in which a malfunction or failure of such
AMS products
could cause loss of body injury or damage to property.
AMS will supply the best possible product for customers!
AMS1117
Advanced Monolithic Systems http://www.ams-semitech.com
9


Similar Part No. - AMS1117-1.5

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS1117-1.5 ADMOS-AMS1117-1.5 Datasheet
185Kb / 8P
   1A LOW DROPOUT VOLTAGE REGULATOR
logo
Advanced Monolithic Sys...
AMS1117-1.5 AMS-AMS1117-1.5 Datasheet
624Kb / 5P
   0.8A Adjustable/Fixed Low Dropout Linear Regulator
logo
ARTSCHIP ELECTRONICS CO...
AMS1117-1.5 ARTSCHIP-AMS1117-1.5 Datasheet
191Kb / 7P
   LOW DROPOUT VOLTAGE REGULATOR
logo
DONGGUAN YOU FENG WEI E...
AMS1117-1.5 YFWDIODE-AMS1117-1.5 Datasheet
820Kb / 4P
   Low Dropout Linear Regulator
logo
Shanghai Leiditech Elec...
AMS1117-1.5 LEIDITECH-AMS1117-1.5 Datasheet
629Kb / 2P
   SOT-223 LOW DROPOUT LINEAR REULATOR
More results

Similar Description - AMS1117-1.5

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RC1117 FAIRCHILD-RC1117 Datasheet
48Kb / 9P
   1A Adjustable/Fixed Low Dropout Linear Regulator
logo
Leshan Radio Company
LR1117A LRC-LR1117A Datasheet
148Kb / 9P
   1A Adjustable/Fixed Low Dropout Linear Regulator
logo
Fairchild Semiconductor
FAN1117A FAIRCHILD-FAN1117A Datasheet
49Kb / 9P
   1A Adjustable/Fixed Low Dropout Linear Regulator
logo
List of Unclassifed Man...
L1117XG ETC1-L1117XG Datasheet
242Kb / 13P
   1A Fixed and Adjustable Low Dropout Linear Regulator (LDO)
L1117 ETC1-L1117 Datasheet
101Kb / 10P
   1A Fixed and Adjustable Low Dropout Linear Regulator (LDO)
logo
Global Mixed-mode Techn...
G9117 GMT-G9117 Datasheet
59Kb / 1P
   1A Adjustable Low-Dropout Linear Regulator
G1117 GMT-G1117_15 Datasheet
93Kb / 1P
   1A Adjustable Low-Dropout Linear Regulator
G1117 GMT-G1117 Datasheet
293Kb / 9P
   1A Adjustable Low-Dropout Linear Regulator
logo
Fairchild Semiconductor
FAN1585A FAIRCHILD-FAN1585A Datasheet
63Kb / 12P
   5A Adjustable/Fixed Low Dropout Linear Regulator
logo
E-Tech Electronics LTD
UZ1086 ETL-UZ1086 Datasheet
253Kb / 7P
   1.5A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com