Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMS1117-1.8 Datasheet(PDF) 2 Page - Advanced Monolithic Systems Ltd

Part # AMS1117-1.8
Description  0.8A Adjustable/Fixed Low Dropout Linear Regulator
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMS [Advanced Monolithic Systems Ltd]
Direct Link   http://www.ams-semitech.com
Logo AMS - Advanced Monolithic Systems Ltd

AMS1117-1.8 Datasheet(HTML) 2 Page - Advanced Monolithic Systems Ltd

  AMS1117-1.8 Datasheet HTML 1Page - Advanced Monolithic Systems Ltd AMS1117-1.8 Datasheet HTML 2Page - Advanced Monolithic Systems Ltd AMS1117-1.8 Datasheet HTML 3Page - Advanced Monolithic Systems Ltd AMS1117-1.8 Datasheet HTML 4Page - Advanced Monolithic Systems Ltd AMS1117-1.8 Datasheet HTML 5Page - Advanced Monolithic Systems Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
1
■ Absolute Maximum Ratings Ta = 25℃
Parameter
Symbol
Rating
Unit
Maximum Input Voltage
Vin
18
V
Power Dissipation
PD
Internally Limited
Operating Junction Temperature Range
TJ
150
Storage Temperature
TST
-65 to +150
Block Diagram
3
Thermal
Shutdown
1
2
Vout
Adj
1.25V
+
+
CURRENT
LIMIT
Vin
+
+
1
GND
(FIXED)
1.Base
2.Collector
3.Emitter
Unit:mm
S O T-8 9
4.50±0.1
1.80±0.1
0.48±0.1
0.53±0.1
1.50 ±0.1
0.44±0.1
3.00±0.1
1
2
3
1 Adj(GND)
2 Vout
3 Vin
AMS1117
2
Advanced Monolithic Systems http://www.ams-semitech.com


Similar Part No. - AMS1117-1.8

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS1117-1.8 ADMOS-AMS1117-1.8 Datasheet
185Kb / 8P
   1A LOW DROPOUT VOLTAGE REGULATOR
logo
Advanced Monolithic Sys...
AMS1117-1.8 AMS-AMS1117-1.8 Datasheet
894Kb / 9P
   1A Adjustable/Fixed Low Dropout Linear Regulator
logo
ARTSCHIP ELECTRONICS CO...
AMS1117-1.8 ARTSCHIP-AMS1117-1.8 Datasheet
191Kb / 7P
   LOW DROPOUT VOLTAGE REGULATOR
logo
DONGGUAN YOU FENG WEI E...
AMS1117-1.8 YFWDIODE-AMS1117-1.8 Datasheet
820Kb / 4P
   Low Dropout Linear Regulator
logo
TECH PUBLIC Electronics...
AMS1117-1.8 TECHPUBLIC-AMS1117-1.8 Datasheet
2Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
More results

Similar Description - AMS1117-1.8

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
L1087C ETC-L1087C Datasheet
60Kb / 6P
   0.8A Fixed and Adjustable Low Dropout Linear Regulator (LDO)
logo
GTM CORPORATION
GJ1118 GTM-GJ1118 Datasheet
239Kb / 4P
   0.8A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Fairchild Semiconductor
RC1117 FAIRCHILD-RC1117 Datasheet
48Kb / 9P
   1A Adjustable/Fixed Low Dropout Linear Regulator
FAN1585A FAIRCHILD-FAN1585A Datasheet
63Kb / 12P
   5A Adjustable/Fixed Low Dropout Linear Regulator
logo
E-Tech Electronics LTD
UZ1086 ETL-UZ1086 Datasheet
253Kb / 7P
   1.5A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
Unisonic Technologies
UZ2085 UTC-UZ2085 Datasheet
286Kb / 8P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
Fairchild Semiconductor
RC1585M FAIRCHILD-RC1585M Datasheet
87Kb / 12P
   5A Adjustable/Fixed Low Dropout Linear Regulator
logo
Advanced Monolithic Sys...
AMS1117 AMS-AMS1117 Datasheet
894Kb / 9P
   1A Adjustable/Fixed Low Dropout Linear Regulator
logo
Leshan Radio Company
LR1117A LRC-LR1117A Datasheet
148Kb / 9P
   1A Adjustable/Fixed Low Dropout Linear Regulator
logo
Unisonic Technologies
UZ1085 UTC-UZ1085_V01 Datasheet
353Kb / 7P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com